Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KP125 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # KP125
Description  Absolute Pressure Sensor
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

KP125 Datasheet(HTML) 5 Page - Infineon Technologies AG

  KP125 Datasheet HTML 1Page - Infineon Technologies AG KP125 Datasheet HTML 2Page - Infineon Technologies AG KP125 Datasheet HTML 3Page - Infineon Technologies AG KP125 Datasheet HTML 4Page - Infineon Technologies AG KP125 Datasheet HTML 5Page - Infineon Technologies AG KP125 Datasheet HTML 6Page - Infineon Technologies AG KP125 Datasheet HTML 7Page - Infineon Technologies AG KP125 Datasheet HTML 8Page - Infineon Technologies AG KP125 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
PG-DSOF-8-12
with cap
Product Name
Product Type
Ordering Code
Package
KP125
Absolute Pressure Sensor SP000271097
PG-DSOF-8-12
Data Sheet
5
Rev 2.14, 2007-11-23
Absolute Pressure Sensor
KP125
1
Overview
1.1
Features
Ratiometric analog output
Calibrated transfer function
High accuracy over a large temperature range
Maximum error ± 1.2 kPa
“Green” 8-pin SMD housing
On Board Diagnostics (OBD) for broken wire detection
1.2
Product Description
The KP125 is a miniaturized Absolute Pressure Sensor IC based on the capacitive principle. It is surface
micromachined with a monolithic integrated signal conditioning circuit implemented in BiCMOS standard
technology. Because the KP125 is a high-precision IC for cost-critical solutions, the chip is packaged in a “green”
low-cost SMD housing. The sensor is developed for measurement of barometric air pressure (BAP).
High accuracy and high sensitivity enable the deployment of this device in automotive applications as well as in
consumer applications.
The KP125 has an input pressure range from 40 kPa to 115 kPa.
Applied pressure is transferred to an analog output voltage between 0.5 V and 4.5 V.


Similar Part No. - KP125

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
KP1250A LUGUANG-KP1250A Datasheet
3Mb / 4P
   Phase control thyristor
logo
Infineon Technologies A...
KP125N4115 INFINEON-KP125N4115 Datasheet
715Kb / 24P
   Absolute Pressure Sensor
Rev 1.01, 2007-11-23
More results

Similar Description - KP125

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
KP125N4115 INFINEON-KP125N4115 Datasheet
715Kb / 24P
   Absolute Pressure Sensor
Rev 1.01, 2007-11-23
logo
Omron Electronics LLC
2SMPB-01-01 OMRON-2SMPB-01-01 Datasheet
2Mb / 18P
    Absolute Pressure Sensor
logo
Silicon Microstructures...
SM5420E SMI-SM5420E Datasheet
539Kb / 5P
   Absolute Pressure Sensor
logo
Infineon Technologies A...
KP123 INFINEON-KP123 Datasheet
722Kb / 24P
   Absolute Pressure Sensor
Rev 1.02, 2007-11-23
KP124 INFINEON-KP124 Datasheet
727Kb / 24P
   Absolute Pressure Sensor
Rev 1.02, 2007-11-23
KP126N6165 INFINEON-KP126N6165 Datasheet
778Kb / 24P
   Absolute Pressure Sensor
November 2007 Rev 1.02
logo
VTI technologies
SCP1000 VTI-SCP1000 Datasheet
287Kb / 7P
   ABSOLUTE PRESSURE SENSOR
logo
Melexis Microelectronic...
MLX90818 MELEXIS-MLX90818 Datasheet
1Mb / 37P
   Absolute Pressure Sensor
MLX90815 MELEXIS-MLX90815 Datasheet
142Kb / 6P
   Discrete Absolute Pressure Sensor
MLX90269 MELEXIS-MLX90269 Datasheet
179Kb / 9P
   Absolute Integrated Pressure Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com