Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLP115A Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TLP115A
Description  Photo-IC High Speed, Long Distance Isolated Line Receiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP115A Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TLP115A_07 Datasheet HTML 1Page - Toshiba Semiconductor TLP115A_07 Datasheet HTML 2Page - Toshiba Semiconductor TLP115A_07 Datasheet HTML 3Page - Toshiba Semiconductor TLP115A_07 Datasheet HTML 4Page - Toshiba Semiconductor TLP115A_07 Datasheet HTML 5Page - Toshiba Semiconductor TLP115A_07 Datasheet HTML 6Page - Toshiba Semiconductor TLP115A_07 Datasheet HTML 7Page - Toshiba Semiconductor TLP115A_07 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TLP115A
2007-10-01
5
Test Circuit 1: Switching Time Test Circuit
CL is approximately 15pF which includes probe and stray wiring capacitance.
Test Circuit 2: Common Mode Transient Immunity Test Circuit
s)
(
f
t
(V)
320
L
CM
s)
(
r
t
(V)
320
H
CM
μ
=
,
μ
=
CL is approximately 15pF which includes probe and stray wiring capacitance.
GND
VCC
Output
monitor
VC
CL
IF
VCC = 5V
Pulse input
PW = 100μs
Duty ratio = 1 / 10
IF monitor
VO
IF
7.5mA
3.75mA
0mA
5V
4.5V
1.5V
0.5V
VOL
tr
tf
tpLH
tpHL
GND
VCC
Output
monitor
VO
CL
IF
VCC = 5V
VO
VCM
Pulse generator
ZO = 50Ω
400V
0V
90%
5V
2V
0.8V
VOL
tf
VCM
10%
VO
(IF = 10mA)
(IF = 0mA)
tr


Similar Part No. - TLP115A_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP115A TOSHIBA-TLP115A Datasheet
218Kb / 8P
   High Speed, Long Distance Isolated Line Receiver Microprocessor System Interfaces Digital Isolation For A / D, D / A Conversion
More results

Similar Description - TLP115A_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP115 TOSHIBA-TLP115_07 Datasheet
203Kb / 8P
   Photo−IC High Speed, Long Distance Isolated Line Receiver
TLP115 TOSHIBA-TLP115 Datasheet
217Kb / 8P
   High Speed, Long Distance Isolated Line Receiver Microprocessor System Interfaces
TLP113 TOSHIBA-TLP113_07 Datasheet
207Kb / 8P
   Photo−IC Isolated Line Receiver
TLP115A TOSHIBA-TLP115A Datasheet
218Kb / 8P
   High Speed, Long Distance Isolated Line Receiver Microprocessor System Interfaces Digital Isolation For A / D, D / A Conversion
TLP2200 TOSHIBA-TLP2200 Datasheet
340Kb / 7P
   isolated buss driver high speed line receiver
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2602 AVAGO-HCPL-2602 Datasheet
469Kb / 16P
   High CMR Line Receiver Optocouplers Isolated line receiver
logo
Toshiba Semiconductor
TLP2200 TOSHIBA-TLP2200_07 Datasheet
195Kb / 7P
   High Speed Line Receiver
TLP2631 TOSHIBA-TLP2631_07 Datasheet
202Kb / 8P
   Isolated Line Receiver
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7601 AVAGO-HCPL-7601 Datasheet
184Kb / 13P
   Isolated line receiver
logo
Linear Technology
LT1015 LINER-LT1015 Datasheet
164Kb / 4P
   High Speed Dual Line Receiver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com