Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLP115 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TLP115
Description  Photo−IC High Speed, Long Distance Isolated Line Receiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP115 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TLP115_07 Datasheet HTML 1Page - Toshiba Semiconductor TLP115_07 Datasheet HTML 2Page - Toshiba Semiconductor TLP115_07 Datasheet HTML 3Page - Toshiba Semiconductor TLP115_07 Datasheet HTML 4Page - Toshiba Semiconductor TLP115_07 Datasheet HTML 5Page - Toshiba Semiconductor TLP115_07 Datasheet HTML 6Page - Toshiba Semiconductor TLP115_07 Datasheet HTML 7Page - Toshiba Semiconductor TLP115_07 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TLP115
2007-10-01
4
Switching Characteristics(VCC = 5V, Ta = 25°C)
Characteristic
Symbol
Test
Cir
cuit
Test Condition
Min.
Typ.
Max.
Unit
Propagation delay time
(H→L)
tpHL
1
IF=0→ 16mA
CL=15pF, RL=350Ω
60
120
ns
Propagation delay time
(L→H)
tpLH
1
IF=16→ 0mA
CL=15pF, RL=350Ω
60
120
ns
Output rise fall time
(10
90%)
tr, tf
2
RL=350Ω, CL=15pF
IF=0
16mA
30
ns
Common mode transient
immunity at high output
level
CMH
2
IF=0mA, VCM=400Vp−p
VO(min)=2V, RL=350Ω
1000
V / μs
Common mode transient
immunity at low output
level
CML
2
IF=16mA, VCM=400Vp−p
VO(max)=0.8V,
RL=350Ω
1000
V / μs
(Note 4) Device considered a two
−terminal device: Pins 1 and 3 shorted together, and pins 4, 5 and 6 shorted
together.
(Note 5) The VCC supply voltage to each TLP115 isolator must be bypassed by 0.1μF capacitor. This can be either a
ceramic or solid tantalum capacitor with good high frequency characterstic and should be connected as
close as possible to package VCC and GND pins of each device.
(Note 6) Maximum electrostatic discharge voltage for any pins: 180V(C=200pF, R=0)


Similar Part No. - TLP115_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP115A TOSHIBA-TLP115A Datasheet
218Kb / 8P
   High Speed, Long Distance Isolated Line Receiver Microprocessor System Interfaces Digital Isolation For A / D, D / A Conversion
TLP115A TOSHIBA-TLP115A Datasheet
208Kb / 8P
   Photo-IC High Speed, Long Distance Isolated Line Receiver
TLP115A TOSHIBA-TLP115A_07 Datasheet
208Kb / 8P
   Photo-IC High Speed, Long Distance Isolated Line Receiver
More results

Similar Description - TLP115_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP115A TOSHIBA-TLP115A_07 Datasheet
208Kb / 8P
   Photo-IC High Speed, Long Distance Isolated Line Receiver
TLP113 TOSHIBA-TLP113_07 Datasheet
207Kb / 8P
   Photo−IC Isolated Line Receiver
TLP115 TOSHIBA-TLP115 Datasheet
217Kb / 8P
   High Speed, Long Distance Isolated Line Receiver Microprocessor System Interfaces
TLP115A TOSHIBA-TLP115A Datasheet
218Kb / 8P
   High Speed, Long Distance Isolated Line Receiver Microprocessor System Interfaces Digital Isolation For A / D, D / A Conversion
TLP2200 TOSHIBA-TLP2200 Datasheet
340Kb / 7P
   isolated buss driver high speed line receiver
TPS830F TOSHIBA-TPS830F Datasheet
222Kb / 6P
   Si Monolithic Photo−IC
TLP112 TOSHIBA-TLP112_07 Datasheet
189Kb / 7P
   Photo−IC Digital Logic Isolation
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2602 AVAGO-HCPL-2602 Datasheet
469Kb / 16P
   High CMR Line Receiver Optocouplers Isolated line receiver
logo
Toshiba Semiconductor
TLP251F TOSHIBA-TLP251F_07 Datasheet
153Kb / 3P
   GaA?밃s Ired & Photo−IC
TLP759F TOSHIBA-TLP759F_07 Datasheet
150Kb / 2P
   GaA?밃s Ired Photo−IC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com