Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLP114A Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TLP114A
Description  Photo−IC Digital Logic Isolation.
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP114A Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TLP114A Datasheet HTML 1Page - Toshiba Semiconductor TLP114A Datasheet HTML 2Page - Toshiba Semiconductor TLP114A Datasheet HTML 3Page - Toshiba Semiconductor TLP114A Datasheet HTML 4Page - Toshiba Semiconductor TLP114A Datasheet HTML 5Page - Toshiba Semiconductor TLP114A Datasheet HTML 6Page - Toshiba Semiconductor TLP114A Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TLP114A
2007-10-01
5
Δ
VF / Δta – IF
Forward current IF (mA)
-4.0
0.1
-3.2
-2.4
-1.6
0.3 0.5
1
3
5
10
30
-3.6
-2.8
-2.0
-1.2
IOH(1) – Ta
Ambient temperature Ta (°C)
100
1
3
50
30
10
5
0
40
80
0.5
300
20
60
100
120
VF = 1V
VCC = 5.5V
VO = 5.5V
IO – IF
Forward current IF (mA)
10
0.01
3
0.3
0.03
50
30
10
5
3
1
0.5
0.3
0.1
0.1
1
VCC = 5V
VO = 0.4V
Ta = 25°C
0.05
0.5
IO / IF – Ta
Ambient temperature Ta (°C)
0
20
40
60
80
-20
100
0
0.4
0.6
0.8
1.0
1.2
Normalized to
VCC = 4.5V
VO = 0.4V
Ta = 25°C
IF = 16mA
8mA
IF – VF
Forward voltage VF (V)
100
1.0
10
1.2
1.4
1.6
1.8
2.0
0
0.1
0.01
Ta = 70°C
25°C
0°C
IO / IF – IF
Forward current IF (mA)
50
30
10
5
3
1
0.5
0.3
100
50
30
10
5
3
1
0.1
VCC = 5V
VO = 0.4V
Ta = 25°C
- 25°C
25°C
100°C


Similar Part No. - TLP114A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP114A TOSHIBA-TLP114A Datasheet
159Kb / 7P
   Digital Logic Isolation. Line Receiver. Power Supply Control Feedback Control. Switching Power Supply. Transistor Invertor.
TLP114AIGM TOSHIBA-TLP114AIGM Datasheet
162Kb / 6P
   Transistor Invertor For Air Conditioner Line Receiver Ipm Interfaces
More results

Similar Description - TLP114A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP112 TOSHIBA-TLP112_07 Datasheet
189Kb / 7P
   Photo−IC Digital Logic Isolation
TLP112A TOSHIBA-TLP112A_07 Datasheet
188Kb / 7P
   Photo−IC Digital Logic Isolation
6N135 TOSHIBA-6N135 Datasheet
334Kb / 7P
   IRED & PHOTO IC (DIGITAL LOGIC ISOLATION)
6N135 TOSHIBA-6N135_07 Datasheet
195Kb / 8P
   GaA?밃s Ired & Photo IC Digital Logic Isolation.
6N137 TOSHIBA-6N137_07 Datasheet
202Kb / 8P
   GaA?밃s Ired & Photo IC Degital Logic Isolation
TPS830F TOSHIBA-TPS830F Datasheet
222Kb / 6P
   Si Monolithic Photo−IC
TLP251F TOSHIBA-TLP251F_07 Datasheet
153Kb / 3P
   GaA?밃s Ired & Photo−IC
TLP759F TOSHIBA-TLP759F_07 Datasheet
150Kb / 2P
   GaA?밃s Ired Photo−IC
TLP113 TOSHIBA-TLP113_07 Datasheet
207Kb / 8P
   Photo−IC Isolated Line Receiver
TLP2530 TOSHIBA-TLP2530_07 Datasheet
207Kb / 8P
   Digital Logic Isolation
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com