Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLP112A Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP112A
Description  Photo−IC Digital Logic Isolation
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP112A Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP112A_07 Datasheet HTML 1Page - Toshiba Semiconductor TLP112A_07 Datasheet HTML 2Page - Toshiba Semiconductor TLP112A_07 Datasheet HTML 3Page - Toshiba Semiconductor TLP112A_07 Datasheet HTML 4Page - Toshiba Semiconductor TLP112A_07 Datasheet HTML 5Page - Toshiba Semiconductor TLP112A_07 Datasheet HTML 6Page - Toshiba Semiconductor TLP112A_07 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TLP112A
2007-10-01
1
TOSHIBA Photocoupler GaAℓAs Ired & Photo−IC
TLP112A
Digital Logic Isolation
Line Receiver
Power Supply Control Feedback Control
Switching Power Supply
Transistor Inverter
The TOSHIBA mini flat coupler TLP112A is a small outline coupler,
suitable for surface mount assembly.
TLP112A consists of a high output power GaAℓAs light emitting diode,
optically coupled to a high speed detector of one chip
photodiode−transistor.
Isolation voltage: 2500Vrms (min.)
Switching speed: tpHL=0.8μs, tpLH=0.8μs(max.)(RL=1.9kΩ)
TTL compatible
UL recognized: UL1577, file no. E67349
Pin Configuration(top view)
1: Anode
3: Cathode
4: Emitter (GND)
5: Collector (Output)
6: VCC
1
3
4
5
6
Schematic
VCC
GND
VO
ICC
IO 6
5
4
1
3
IF
VF
TOSHIBA
11−4C2
Weight: 0.09g
Unit in mm


Similar Part No. - TLP112A_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP112ATPLF TOSHIBA-TLP112ATPLF Datasheet
161Kb / 7P
   Digital Logic Isolation Line Receiver Power Supply Control Feedback Control Switching Power Supply Transistor Inverter
More results

Similar Description - TLP112A_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP112 TOSHIBA-TLP112_07 Datasheet
189Kb / 7P
   Photo−IC Digital Logic Isolation
TLP114A TOSHIBA-TLP114A_07 Datasheet
184Kb / 7P
   Photo−IC Digital Logic Isolation.
6N135 TOSHIBA-6N135 Datasheet
334Kb / 7P
   IRED & PHOTO IC (DIGITAL LOGIC ISOLATION)
6N135 TOSHIBA-6N135_07 Datasheet
195Kb / 8P
   GaA?밃s Ired & Photo IC Digital Logic Isolation.
6N137 TOSHIBA-6N137_07 Datasheet
202Kb / 8P
   GaA?밃s Ired & Photo IC Degital Logic Isolation
TPS830F TOSHIBA-TPS830F Datasheet
222Kb / 6P
   Si Monolithic Photo−IC
TLP251F TOSHIBA-TLP251F_07 Datasheet
153Kb / 3P
   GaA?밃s Ired & Photo−IC
TLP759F TOSHIBA-TLP759F_07 Datasheet
150Kb / 2P
   GaA?밃s Ired Photo−IC
TLP113 TOSHIBA-TLP113_07 Datasheet
207Kb / 8P
   Photo−IC Isolated Line Receiver
TLP2530 TOSHIBA-TLP2530_07 Datasheet
207Kb / 8P
   Digital Logic Isolation
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com