Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLYK1100C Datasheet(PDF) 11 Page - Toshiba Semiconductor

Part # TLYK1100C
Description  Panel Circuit Indicator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLYK1100C Datasheet(HTML) 11 Page - Toshiba Semiconductor

Back Button TLYK1100C Datasheet HTML 5Page - Toshiba Semiconductor TLYK1100C Datasheet HTML 6Page - Toshiba Semiconductor TLYK1100C Datasheet HTML 7Page - Toshiba Semiconductor TLYK1100C Datasheet HTML 8Page - Toshiba Semiconductor TLYK1100C Datasheet HTML 9Page - Toshiba Semiconductor TLYK1100C Datasheet HTML 10Page - Toshiba Semiconductor TLYK1100C Datasheet HTML 11Page - Toshiba Semiconductor TLYK1100C Datasheet HTML 12Page - Toshiba Semiconductor TLYK1100C Datasheet HTML 13Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
TL(RK,RMK,SK,OK,YK)1100C(T11)
2007-10-01
11
3. Reel dimensions
Unit: mm
4. Leader and trailer sections of tape
Note1: Empty trailer section
Note2: Empty leader section
9
± 0.3
11.4
± 1.0
2
± 0.5
φ44
(Note 1)
Leading part: 190 mm (min)
40 mm or more
(Note 2)
40 mm or more


Similar Part No. - TLYK1100C

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
TLYK1100C MARKTECH-TLYK1100C Datasheet
394Kb / 14P
   TOSHIBA LED Lamps
logo
Toshiba Semiconductor
TLYK1100C TOSHIBA-TLYK1100C Datasheet
323Kb / 13P
   Panel Circuit Indicators
logo
Marktech Corporate
TLYK1100CT11 MARKTECH-TLYK1100CT11 Datasheet
394Kb / 14P
   TOSHIBA LED Lamps
logo
Toshiba Semiconductor
TLYK1100CT11 TOSHIBA-TLYK1100CT11 Datasheet
323Kb / 13P
   Panel Circuit Indicators
More results

Similar Description - TLYK1100C

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLGC160 TOSHIBA-TLGC160 Datasheet
182Kb / 4P
   PANEL CIRCUIT INDICATOR
TLGD262 TOSHIBA-TLGD262 Datasheet
184Kb / 4P
   PANEL CIRCUIT INDICATOR
TLRM1108 TOSHIBA-TLRM1108 Datasheet
328Kb / 15P
   Panel Circuit Indicator
TLOE17T TOSHIBA-TLOE17T Datasheet
180Kb / 8P
   Panel Circuit Indicator
TLRH180P TOSHIBA-TLRH180P Datasheet
143Kb / 4P
   Panel Circuit Indicator
S4F42Q1 TOSHIBA-S4F42Q1 Datasheet
313Kb / 8P
   PANEL CIRCUIT INDICATOR
TLRMK37TPK53MT1 TOSHIBA-TLRMK37TPK53MT1 Datasheet
372Kb / 7P
   Panel Circuit Indicator
TLWJ1100 TOSHIBA-TLWJ1100 Datasheet
278Kb / 9P
   Panel Circuit Indicator
TLFGE19CP TOSHIBA-TLFGE19CP Datasheet
205Kb / 3P
   Panel Circuit Indicator
TLRH1032 TOSHIBA-TLRH1032 Datasheet
302Kb / 17P
   Panel Circuit Indicator
TLRH1106 TOSHIBA-TLRH1106 Datasheet
327Kb / 14P
   Panel Circuit Indicator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com