Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TA201618 Datasheet(PDF) 4 Page - Powerex Power Semiconductors

Part # TA201618
Description  Phase Control SCR (1600-1800 Amperes Avg 100-2200 Volts)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

TA201618 Datasheet(HTML) 4 Page - Powerex Power Semiconductors

  TA201618 Datasheet HTML 1Page - Powerex Power Semiconductors TA201618 Datasheet HTML 2Page - Powerex Power Semiconductors TA201618 Datasheet HTML 3Page - Powerex Power Semiconductors TA201618 Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image


Similar Part No. - TA201618

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA2016 TOSHIBA-TA2016 Datasheet
281Kb / 8P
   1.5V BUFFER AMPLIFIER
logo
Powerex Power Semicondu...
TA201600A POWEREX-TA201600A Datasheet
482Kb / 4P
   Phase Control SCR (1600 Amperes Average 2200 Volts)
TA201600A POWEREX-TA201600A Datasheet
838Kb / 4P
   Phase Control SCR 1600 Amperes Average 2400 Volts
TA201600A POWEREX-TA201600A_13 Datasheet
838Kb / 4P
   Phase Control SCR 1600 Amperes Average 2400 Volts
logo
TAI-SAW TECHNOLOGY CO.,...
TA2016A TAI-SAW-TA2016A Datasheet
422Kb / 7P
   SAW Filter 876.5 MHz (BW 35MHz) SMD 1.1x0.9x0.5mm
More results

Similar Description - TA201618

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
FT100DM POWEREX-FT100DM Datasheet
214Kb / 6P
   Phase Control SCR 100 Amperes Avg 200-1800 Volts
C380X500 POWEREX-C380X500 Datasheet
760Kb / 4P
   Phase Control SCR 310 Amperes Avg 1600 Volts
TA201800A POWEREX-TA201800A Datasheet
473Kb / 4P
   Phase Control SCR (1800 Amperes Average 2200 Volts)
T7200135 POWEREX-T7200135 Datasheet
238Kb / 6P
   Phase Control SCR (350-550 Amperes Avg 100-2200 Volts)
T8200175 POWEREX-T8200175 Datasheet
188Kb / 4P
   Phase Control SCR (750-900 Amperes Avg 100-2200 Volts)
T9G00110 POWEREX-T9G00110 Datasheet
190Kb / 4P
   Phase Control SCR (1000-1200 Amperes Avg 100-2200 Volts)
T60007 POWEREX-T60007 Datasheet
248Kb / 6P
   Phase Control SCR (125-175 Amperes Avg 100-1600 Volts)
TA201600A POWEREX-TA201600A Datasheet
482Kb / 4P
   Phase Control SCR (1600 Amperes Average 2200 Volts)
C441PC POWEREX-C441PC Datasheet
200Kb / 4P
   Phase Control SCR 750 Amperes Avg 1300-1800 Volts
C391PC POWEREX-C391PC Datasheet
209Kb / 4P
   Phase Control SCR 490 Amperes Avg 1300-1800 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com