CY24272
Document Number: 001-42414 Rev. **
Page 3 of 13
PLL Multiplier
Table 3 shows the frequency multipliers in the PLL, selectable by programming the SMBus registers MULT0, MULT1, and MULT2.
Default multiplier at power up is 4.
Table 3. PLL Multiplier Selection
Input Clock Signal
The XCG receives either a differential (REFCLK/REFCLKB) or a
single-ended reference clocking input (REFCLK).
When the reference input clock is from a different clock source,
it must meet the voltage levels and timing requirements listed in
DC Operating Conditions on page 7 and AC Operating Condi-
tions on page 8.
For a single-ended clock input, an external voltage divider and a
supply voltage, as shown in Figure 2 on page 6, provide a
reference voltage VTH at the REFCLKB pin. This determines the
proper trip point of REFCLK. For the range of VTH specified in
DC Operating Conditions on page 7, the outputs also meet the
DC and AC Operating Conditions tables.
Modes of Operation
The modes of operation are determined by the logic signals
applied to the EN and /BYPASS pins and the values in the five
SMBus Registers: RegTest, RegA, RegB, RegC, and RegD.
Table 5 on page 4 shows selection from one to all four of the
outputs, the Outputs Disabled Mode (EN = low), and Bypass
Mode (EN = high, /BYPASS = low). There is an option reserved
for vendor test. Disabled outputs are set to High Z.
At power up, the SMBus registers default to the last entry in Table
6 on page 5. The value at RegTest is 0. The values at RegA,
RegB, RegC, and RegD are all ‘1’. Thus, all outputs are
controlled by the logic applied to EN and /BYPASS.
Notes
1. Output frequencies shown in Table 3 are based on nominal input frequencies of 100 MHz and 133.3 MHz. The PLL multipliers are applicable to spread spectrum
modulated input clock with maximum and minimum input cycle time. The REFSEL bit in SMBus 81h is set correctly as shown.
2. Default PLL multiplier at power up.
Register
Frequency Multiplier
Output Frequency (MHz)
MULT2
MULT1
MULT0
REFCLK = 100 MHz[1], REFSEL = 0 REFCLK = 133 MHz[1], REFSEL = 1
0
0
0
3
300
400
00
1
4
400[2]
–
0
1
0
5
500
667
0
1
1
6
600
–
1
0
0
Reserved
–
–
1
0
1
9/2
450
600
1
1
0
Reserved
–
–
1
1
1
15/4
375
500
Table 4. SMBus Device Addresses for CY24272
XCG
Hex
Address
8-bit SMBus Device Address Including Operation
Device
Operation
Five Most Significant Bits
ID1
ID0
WR# / RD
0
Write
D8
11
0
1
1
00
0
Read
D9
1
1
Write
DA
01
0
Read
DB
1
2
Write
DC
10
0
Read
DD
1
3
Write
DE
11
0
Read
DF
1
[+] Feedback