Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT32UC3B0128 Datasheet(PDF) 9 Page - ATMEL Corporation

Part # AT32UC3B0128
Description  32-Bit Microcontroller
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT32UC3B0128 Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button AT32UC3B0128 Datasheet HTML 5Page - ATMEL Corporation AT32UC3B0128 Datasheet HTML 6Page - ATMEL Corporation AT32UC3B0128 Datasheet HTML 7Page - ATMEL Corporation AT32UC3B0128 Datasheet HTML 8Page - ATMEL Corporation AT32UC3B0128 Datasheet HTML 9Page - ATMEL Corporation AT32UC3B0128 Datasheet HTML 10Page - ATMEL Corporation AT32UC3B0128 Datasheet HTML 11Page - ATMEL Corporation AT32UC3B0128 Datasheet HTML 12Page - ATMEL Corporation AT32UC3B0128 Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 62 page
background image
9
32059ES–AVR32–12/07
AT32UC3B
MSEO0 - MSEO1
Trace Frame Control
Output
EVTI_N
Event In
Output
Low
EVTO_N
Event Out
Output
Low
Power Manager - PM
GCLK0 - GCLK2
Generic Clock Pins
Output
RESET_N
Reset Pin
Input
Low
External Interrupt Module - EIM
EXTINT0 - EXTINT7
External Interrupt Pins
Input
KPS0 - KPS7
Keypad Scan Pins
Output
NMI_N
Non-Maskable Interrupt Pin
Input
Low
General Purpose I/O pin- GPIOA, GPIOB
PA0 - PA31
Parallel I/O Controller GPIOA
I/O
PB0 - PB11
Parallel I/O Controller GPIOB
I/O
Serial Peripheral Interface - SPI0
MISO
Master In Slave Out
I/O
MOSI
Master Out Slave In
I/O
NPCS0 - NPCS3
SPI Peripheral Chip Select
I/O
Low
SCK
Clock
Output
Synchronous Serial Controller - SSC
RX_CLOCK
SSC Receive Clock
I/O
RX_DATA
SSC Receive Data
Input
RX_FRAME_SYNC
SSC Receive Frame Sync
I/O
TX_CLOCK
SSC Transmit Clock
I/O
TX_DATA
SSC Transmit Data
Output
TX_FRAME_SYNC
SSC Transmit Frame Sync
I/O
Timer/Counter - TIMER
A0
Channel 0 Line A
I/O
A1
Channel 1 Line A
I/O
Table 5-1.
Signal Description List
Signal Name
Function
Type
Active
Level
Comments


Similar Part No. - AT32UC3B0128

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT32UC3B0128 ATMEL-AT32UC3B0128 Datasheet
1Mb / 65P
   AVR32 32-Bit Microcontroller
AT32UC3B0128 ATMEL-AT32UC3B0128 Datasheet
1Mb / 91P
   32-bit AVR Microcontroller
AT32UC3B0128 ATMEL-AT32UC3B0128 Datasheet
10Mb / 676P
   32-bit AVR짰 Microcontroller
AT32UC3B0128 ATMEL-AT32UC3B0128 Datasheet
1Mb / 105P
   32-bit AVR짰 Microcontroller
AT32UC3B0128-A2UR ATMEL-AT32UC3B0128-A2UR Datasheet
1Mb / 91P
   32-bit AVR Microcontroller
More results

Similar Description - AT32UC3B0128

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB91301A FUJITSU-MB91301A Datasheet
4Mb / 622P
   32-BIT MICROCONTROLLER
MB91F367GA FUJITSU-MB91F367GA Datasheet
713Kb / 62P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC100LC1DN ETC2-NUC100LC1DN Datasheet
1Mb / 107P
   32-bit Microcontroller
NUC140LC1CN ETC2-NUC140LC1CN Datasheet
1Mb / 77P
   32-BIT MICROCONTROLLER
logo
Cypress Semiconductor
MB91F469GA CYPRESS-MB91F469GA Datasheet
6Mb / 147P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
M052 NUVOTON-M052 Datasheet
1Mb / 71P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUMAKER ETC2-NUMAKER Datasheet
1Mb / 71P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
NANO120 NUVOTON-NANO120 Datasheet
1Mb / 18P
   32-bit Microcontroller
logo
Fujitsu Component Limit...
MB91230 FUJITSU-MB91230 Datasheet
298Kb / 66P
   32-bit Microcontroller
MB91305 FUJITSU-MB91305 Datasheet
880Kb / 90P
   32-bit Microcontroller
MB91F467BA FUJITSU-MB91F467BA Datasheet
1Mb / 136P
   32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com