Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACS8520AT Datasheet(PDF) 30 Page - Semtech Corporation

Part # ACS8520AT
Description  Synchronous Equipment Timing Source for Stratum 3/4E/4 and SMC Systems
Download  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS8520AT Datasheet(HTML) 30 Page - Semtech Corporation

Back Button ACS8520AT Datasheet HTML 26Page - Semtech Corporation ACS8520AT Datasheet HTML 27Page - Semtech Corporation ACS8520AT Datasheet HTML 28Page - Semtech Corporation ACS8520AT Datasheet HTML 29Page - Semtech Corporation ACS8520AT Datasheet HTML 30Page - Semtech Corporation ACS8520AT Datasheet HTML 31Page - Semtech Corporation ACS8520AT Datasheet HTML 32Page - Semtech Corporation ACS8520AT Datasheet HTML 33Page - Semtech Corporation ACS8520AT Datasheet HTML 34Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 150 page
background image
ACS8520A SETS
ADVANCED COMMS & SENSING
FINAL
DATASHEET
Revision 1.00/September 2007© Semtech Corp.
Page 30
www.semtech.com
For direct hardware control of Master or Slave operation
the Master/Slave control pin (MSTSLVB) can be used to
externally control some of these functions according to
Table 12. These functions can also be controlled via
software.
Whilst the Master and Slave outputs could be cross-
connected and connected to any input on the alternative
device, input I11 has been chosen as the input controlled
by the MSTSLVB pin.
Alignment of Priority Tables in Master and Slave
ACS8520A
In a redundant system where the Slave is normally locked
to the Master device, if the Master device fails the Slave
device must revert to locking to the same external
reference that the Master was locked to. This will ensure
that minimum disturbance, both in frequency and phase,
is created on the output of the Slave device due to the
failure of the Master device. As stated previously
(Table 11), it is recommended that the programmed
priorities of the reference sources are the same in both
devices, apart from the Master/Slave cross-connect
inputs.
Both devices can also monitor all their reference sources
and determine the validity of each source. It is
recommended that the availability of valid sources are
also aligned between the two devices. This is achieved by
writing the value, as reported by sts_sources_valid
Reg. 0E & 0F), from one device into the
cnfg_sts_remote_sources_valid register (Reg. 30 and 31)
of the other. This will ensure that any source considered
invalid by one device is also considered invalid by the
other. If a failure of the Master does occur, this will ensure
that the Slave will always select the reference that the
Master was locked to.
T4 Generation in Master and Slave ACS8520A
As specified by the I.T.U., there is no need to align the
phases of the T4 outputs in Master and Slave devices. For
a fully redundant system, there is a need, however, to
ensure that all devices select the same reference source.
As there is no need to guarantee the alignment of phase
of the T4 outputs, the Slave devices T4 input does not
need to lock to the Masters T4 output, but only needs to
ensure that it locks to the same external reference
source. The actions of aligning the priority tables and
available reference sources performed for the T0 outputs
will be equally valid for the T4 outputs. The only difference
being that the input connected to the Master's output is
disabled for the T4 path (allowing it only to lock to external
references). This can be easily achieved as the T4 and T0
paths have separate programmed priorities. There is no
defined Holdover requirement for the T4 path.
Alignment of the Output Clock Phases in Master
and Slave ACS8520A
When the
ACS8520A is locked to a reference source of
frequency f, the output clocks of frequency f will be in-
phase with the reference source (with Phase Build-out
disabled). As all T0 output clocks from the
ACS8520A
are derived from the same T0 frequency, any frequency
greater than f at the output will be “falling edge aligned”
with the output at frequency f. Any frequency less than f
will be effectively a division of f, if possible. Similarly for
T4, all T4 output clocks will be phase-related to the T4
input.
The effect of this relationship is that if the Master and
Slave devices are cross-connected with 19.44 MHz
clocks, their output clocks at 19.44 MHz, 38.88 MHz,
77.76 MHz, 155.52 MHz & 311.04 MHz will be aligned
between the 2 devices. However, their outputs of
6.48 MHZ, 1.544 MHz, 2.048 MHz, 2 kHz and 8 kHz etc.
would not necessarily be aligned. Whilst most
applications would not be affected by the non-alignment
of most of these clocks, the non-alignment of the 2 kHz
and/or the 8 kHz may cause framing errors.
0 =
Slave
Priority of
input I11
1 (highest priority).
When a Slave, this
input is designated
as that connected to
the output of the
Master.
Phase
Build-out
Disabled.
This ensures that the
Slave locks to the
Master with the
minimum phase
offset possible.
Revertive
mode
Enabled
This ensures that the
Slave always locks to
the Master when it is
available.
T0 DPLL
bandwidth
Forced to the
acquisition
bandwidth setting.
A higher bandwidth
on the Slave ensures
closer phase
tracking.
Table 12 MSTSLVB Pin Operation (cont...)
MSTSLVB
Feature
Setting
Reason


Similar Part No. - ACS8520AT

ManufacturerPart #DatasheetDescription
logo
IQD Frequency Products ...
ACS8520A IQD-ACS8520A Datasheet
208Kb / 4P
   TCXO Specification
More results

Similar Description - ACS8520AT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ACS8522A SEMTECH-ACS8522A Datasheet
2Mb / 118P
   Synchronous Equipment Timing Source for Stratum 3/4E/4 and SMC Systems
ACS8522 SEMTECH-ACS8522 Datasheet
1Mb / 118P
   Synchronous Equipment Timing Source for Stratum 3/4E/4 and SMC Systems
ACS8520 SEMTECH-ACS8520 Datasheet
1Mb / 150P
   Synchronous Equipment Timing Source for Stratum 3/4E/4 and SMC Systems
ACS8520 SEMTECH-ACS8520_05 Datasheet
1Mb / 150P
   Synchronous Equipment Timing Source for Stratum 3/4E/4 and SMC Systems
ACS8522BT SEMTECH-ACS8522BT Datasheet
2Mb / 122P
   orderSynchronous Equipment Timing Source for Stratum 3/4E/4, SMC and Ethernet Systems
ACS8530 SEMTECH-ACS8530 Datasheet
1Mb / 152P
   Synchronous Equipment Timing Source for Stratum 2/3E Systems
logo
Connor-Winfield Corpora...
STC3500 CONNOR-WINFIELD-STC3500 Datasheet
513Kb / 48P
   INTEGRATED - STRATUM 3 TIMING SOURCE
logo
Integrated Device Techn...
82P33714 IDT-82P33714 Datasheet
241Kb / 13P
   Synchronous Equipment Timing Source for Synchronous Ethernet
logo
Renesas Technology Corp
82P33714 RENESAS-82P33714 Datasheet
1Mb / 63P
   Synchronous Equipment Timing Source for Synchronous Ethernet
August 21, 2018
logo
Integrated Device Techn...
82P33731 IDT-82P33731_17 Datasheet
848Kb / 65P
   Synchronous Equipment Timing Source
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com