Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT32UC3B0256 Datasheet(PDF) 10 Page - ATMEL Corporation

Part # AT32UC3B0256
Description  32-Bit Microcontroller
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT32UC3B0256 Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button AT32UC3B0256 Datasheet HTML 6Page - ATMEL Corporation AT32UC3B0256 Datasheet HTML 7Page - ATMEL Corporation AT32UC3B0256 Datasheet HTML 8Page - ATMEL Corporation AT32UC3B0256 Datasheet HTML 9Page - ATMEL Corporation AT32UC3B0256 Datasheet HTML 10Page - ATMEL Corporation AT32UC3B0256 Datasheet HTML 11Page - ATMEL Corporation AT32UC3B0256 Datasheet HTML 12Page - ATMEL Corporation AT32UC3B0256 Datasheet HTML 13Page - ATMEL Corporation AT32UC3B0256 Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 62 page
background image
10
32059ES–AVR32–12/07
AT32UC3B
A2
Channel 2 Line A
I/O
B0
Channel 0 Line B
I/O
B1
Channel 1 Line B
I/O
B2
Channel 2 Line B
I/O
CLK0
Channel 0 External Clock Input
Input
CLK1
Channel 1 External Clock Input
Input
CLK2
Channel 2 External Clock Input
Input
Two-wire Interface - TWI
SCL
Serial Clock
I/O
SDA
Serial Data
I/O
Universal Synchronous Asynchronous Receiver Transmitter - USART0, USART1, USART2
CLK
Clock
I/O
CTS
Clear To Send
Input
DCD
Data Carrier Detect
Only USART1
DSR
Data Set Ready
Only USART1
DTR
Data Terminal Ready
Only USART1
RI
Ring Indicator
Only USART1
RTS
Request To Send
Output
RXD
Receive Data
Input
TXD
Transmit Data
Output
Analog to Digital Converter - ADC
AD0 - AD7
Analog input pins
Analog
input
ADVREF
Analog positive reference voltage input
Analog
input
2.6 to 3.6V
Pulse Width Modulator - PWM
PWM0 - PWM6
PWM Output Pins
Output
Universal Serial Bus Device - USB
DDM
USB Device Port Data -
Analog
Table 5-1.
Signal Description List
Signal Name
Function
Type
Active
Level
Comments


Similar Part No. - AT32UC3B0256

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT32UC3B0256 ATMEL-AT32UC3B0256 Datasheet
1Mb / 65P
   AVR32 32-Bit Microcontroller
AT32UC3B0256 ATMEL-AT32UC3B0256 Datasheet
1Mb / 91P
   32-bit AVR Microcontroller
AT32UC3B0256 ATMEL-AT32UC3B0256 Datasheet
10Mb / 676P
   32-bit AVR짰 Microcontroller
AT32UC3B0256 ATMEL-AT32UC3B0256 Datasheet
1Mb / 105P
   32-bit AVR짰 Microcontroller
AT32UC3B0256-A2UR ATMEL-AT32UC3B0256-A2UR Datasheet
1Mb / 91P
   32-bit AVR Microcontroller
More results

Similar Description - AT32UC3B0256

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB91301A FUJITSU-MB91301A Datasheet
4Mb / 622P
   32-BIT MICROCONTROLLER
MB91F367GA FUJITSU-MB91F367GA Datasheet
713Kb / 62P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC100LC1DN ETC2-NUC100LC1DN Datasheet
1Mb / 107P
   32-bit Microcontroller
NUC140LC1CN ETC2-NUC140LC1CN Datasheet
1Mb / 77P
   32-BIT MICROCONTROLLER
logo
Cypress Semiconductor
MB91F469GA CYPRESS-MB91F469GA Datasheet
6Mb / 147P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
M052 NUVOTON-M052 Datasheet
1Mb / 71P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUMAKER ETC2-NUMAKER Datasheet
1Mb / 71P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
NANO120 NUVOTON-NANO120 Datasheet
1Mb / 18P
   32-bit Microcontroller
logo
Fujitsu Component Limit...
MB91230 FUJITSU-MB91230 Datasheet
298Kb / 66P
   32-bit Microcontroller
MB91305 FUJITSU-MB91305 Datasheet
880Kb / 90P
   32-bit Microcontroller
MB91F467BA FUJITSU-MB91F467BA Datasheet
1Mb / 136P
   32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com