Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACS8520A Datasheet(PDF) 19 Page - Semtech Corporation

Part # ACS8520A
Description  Synchronous Equipment Timing Source for Stratum 3/4E/4 and SMC Systems
Download  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS8520A Datasheet(HTML) 19 Page - Semtech Corporation

Back Button ACS8520A Datasheet HTML 15Page - Semtech Corporation ACS8520A Datasheet HTML 16Page - Semtech Corporation ACS8520A Datasheet HTML 17Page - Semtech Corporation ACS8520A Datasheet HTML 18Page - Semtech Corporation ACS8520A Datasheet HTML 19Page - Semtech Corporation ACS8520A Datasheet HTML 20Page - Semtech Corporation ACS8520A Datasheet HTML 21Page - Semtech Corporation ACS8520A Datasheet HTML 22Page - Semtech Corporation ACS8520A Datasheet HTML 23Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 150 page
background image
ACS8520A SETS
ADVANCED COMMS & SENSING
FINAL
DATASHEET
Revision 1.00/September 2007© Semtech Corp.
Page 19
www.semtech.com
It is also possible to combine the internal averaging filters
with some additional software filtering. For example the
internal fast filter could be used as an anti-aliasing filter
and the software could further filter this before
determining the actual Holdover frequency. To support
this feature, a facility to read out the internally averaged
frequency has been provided. By setting Reg. 40, Bit 5,
cnfg_holdover_modes, read_average, the value read
back from the cnfg_holdover_frequency register will be
the filtered value. The filtered value is available
regardless of what actual Holdover mode is selected.
Clearly this results in the register not reading back the
data that was written to it.
Example: Software averaging to eliminate temperature drift.
Select Manual Holdover mode by setting Reg. 34 Bit 4,
cnfg_input_mode, man_holdover High.
Select Fast Holdover Averaging mode by setting Reg. 40
Bit 6, cnfg_holdover_modes, auto_averaging High and
Reg. 40 Bit 7 High.
Select to be able to read back filtered output by setting
Reg. 40 Bit 5, cnfg_holdover_modes, read_average High.
Software periodically reads averaged value from the
cnfg_holdover_frequency register and the temperature
(not supplied from ACS8520A). Software processes
frequency and temperature and places data in software
look-up table or other algorithm. Software writes back
appropriate averaged value into the
cnfg_holdover_frequency register.
Once Holdover mode is entered, software periodically
updates the cnfg_holdover_frequency register using the
temperature information (not supplied from ACS8520A).
Mini-holdover Mode
Holdover mode so far described refers to a state to which
the internal state machine switches as a result of activity
or frequency alarms, and this state is reported in Reg. 09.
To avoid the DPLL’s frequency being pulled off as a result
of a failed input, then the DPLL has a fast mechanism to
freeze its current frequency within one or two cycles of the
input clock source stopping. Under these circumstances
the DPLL enters Mini-holdover mode; the Mini-holdover
frequency used being determined by Reg. 40, Bits [4:3],
cnfg_holdover_modes, mini_holdover_mode.
Mini-holdover mode only lasts until one of the following
happens:
A new source has been selected, or
The state machine enters Holdover mode, or
The original fault on the input recovers.
External Factors Affecting Holdover Mode
If the external TCXO/OCXO frequency is varying due to
temperature fluctuations in the room, then the
instantaneous value can be different from the average
value, and then it may be possible to exceed the 0.05
ppm limit (depending on how extreme the temperature
fluctuations are). It is advantageous to shield the
TCXO/OCXO to slow down frequency changes due to drift
and external temperature fluctuations.
The frequency accuracy of Holdover mode has to meet the
ITU-T, ETSI and Telcordia performance requirements. The
performance of the external oscillator clock is critical in
this mode, although only the frequency stability is
important - the stability of the output clock in Holdover is
directly related to the stability of the external oscillator.
Pre-locked2 Mode
This state is very similar to the Pre-Locked state. It is
entered from the Holdover state when a reference source
has been selected and applied to the phase locked loop.
It is also entered if the device is operating in Revertive
mode and a higher-priority reference source is restored.
Upon applying a reference source to the phase locked
loop, the ACS8520A will enter the Locked state in a
maximum of 100 seconds, as defined by GR-1244-
CORE[19] specification, if the selected reference source is
of good quality.
If the device cannot achieve lock within 100 seconds, it
reverts to Holdover mode and another reference source is
selected.
DPLL Architecture and Configuration
A Digital PLL gives a stable and consistent level of
performance that can be easily programmed for different
dynamic behavior or operating range. It is not affected by
operating conditions or silicon process variations. Digital
synthesis is used to generate all required SONET/SDH
output frequencies. The digital logic operates at
204.8 MHz that is multiplied up from the external
12.800 MHz oscillator module. Hence the best resolution


Similar Part No. - ACS8520A

ManufacturerPart #DatasheetDescription
logo
IQD Frequency Products ...
ACS8520A IQD-ACS8520A Datasheet
208Kb / 4P
   TCXO Specification
More results

Similar Description - ACS8520A

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ACS8522A SEMTECH-ACS8522A Datasheet
2Mb / 118P
   Synchronous Equipment Timing Source for Stratum 3/4E/4 and SMC Systems
ACS8522 SEMTECH-ACS8522 Datasheet
1Mb / 118P
   Synchronous Equipment Timing Source for Stratum 3/4E/4 and SMC Systems
ACS8520 SEMTECH-ACS8520 Datasheet
1Mb / 150P
   Synchronous Equipment Timing Source for Stratum 3/4E/4 and SMC Systems
ACS8520 SEMTECH-ACS8520_05 Datasheet
1Mb / 150P
   Synchronous Equipment Timing Source for Stratum 3/4E/4 and SMC Systems
ACS8522BT SEMTECH-ACS8522BT Datasheet
2Mb / 122P
   orderSynchronous Equipment Timing Source for Stratum 3/4E/4, SMC and Ethernet Systems
ACS8530 SEMTECH-ACS8530 Datasheet
1Mb / 152P
   Synchronous Equipment Timing Source for Stratum 2/3E Systems
logo
Connor-Winfield Corpora...
STC3500 CONNOR-WINFIELD-STC3500 Datasheet
513Kb / 48P
   INTEGRATED - STRATUM 3 TIMING SOURCE
logo
Integrated Device Techn...
82P33714 IDT-82P33714 Datasheet
241Kb / 13P
   Synchronous Equipment Timing Source for Synchronous Ethernet
logo
Renesas Technology Corp
82P33714 RENESAS-82P33714 Datasheet
1Mb / 63P
   Synchronous Equipment Timing Source for Synchronous Ethernet
August 21, 2018
logo
Integrated Device Techn...
82P33731 IDT-82P33731_17 Datasheet
848Kb / 65P
   Synchronous Equipment Timing Source
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com