Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST29VE010-250-3C-W Datasheet(PDF) 1 Page - Silicon Storage Technology, Inc

Part # SST29VE010-250-3C-W
Description  1 Megabit (128K x 8) Page Mode EEPROM
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST29VE010-250-3C-W Datasheet(HTML) 1 Page - Silicon Storage Technology, Inc

  SST29VE010-250-3C-W Datasheet HTML 1Page - Silicon Storage Technology, Inc SST29VE010-250-3C-W Datasheet HTML 2Page - Silicon Storage Technology, Inc SST29VE010-250-3C-W Datasheet HTML 3Page - Silicon Storage Technology, Inc SST29VE010-250-3C-W Datasheet HTML 4Page - Silicon Storage Technology, Inc SST29VE010-250-3C-W Datasheet HTML 5Page - Silicon Storage Technology, Inc SST29VE010-250-3C-W Datasheet HTML 6Page - Silicon Storage Technology, Inc SST29VE010-250-3C-W Datasheet HTML 7Page - Silicon Storage Technology, Inc SST29VE010-250-3C-W Datasheet HTML 8Page - Silicon Storage Technology, Inc SST29VE010-250-3C-W Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
1
1 Megabit (128K x 8) Page Mode EEPROM
SST29EE010, SST29LE010, SST29VE010
Data Sheet
© 1998 Silicon Storage Technology, Inc. The SST logo and SuperFlash are registered trademarks of Silicon Storage Technology, Inc. These specifications are subject to change without notice.
304-04 12/97
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
FEATURES:
Single Voltage Read and Write Operations
– 5.0V-only for the 29EE010
– 3.0V-only for the 29LE010
– 2.7V-only for the 29VE010
Superior Reliability
– Endurance: 100,000 Cycles (typical)
– Greater than 100 years Data Retention
Low Power Consumption
– Active Current: 20 mA (typical) for 5V and
10 mA (typical) for 3.0/2.7V
– Standby Current: 10 µA (typical)
Fast Page-Write Operation
– 128 Bytes per Page, 1024 Pages
– Page-Write Cycle: 5 ms (typical)
– Complete Memory Rewrite: 5 sec (typical)
– Effective Byte-write Cycle Time:
39 µs
(typical)
Fast Read Access Time
– 5.0V-only operation: 90 and 120 ns
– 3.0V-only operation: 150 and 200 ns
– 2.7V-only operation: 200 and 250 ns
Latched Address and Data
Automatic Write Timing
– Internal Vpp Generation
End of Write Detection
– Toggle Bit
– Data# Polling
Hardware and Software Data Protection
TTL I/O Compatibility
JEDEC Standard Byte-wide EEPROM Pinouts
Packages Available
– 32-Pin TSOP (8x20 & 8x14 mm)
– 32-Lead PLCC
– 32 Pin Plastic DIP
PRODUCT DESCRIPTION
The 29EE010/29LE010/29VE010 are 128K x 8 CMOS
page mode EEPROMs manufactured with SST’s propri-
etary, high performance CMOS SuperFlash technology.
The split gate cell design and thick oxide tunneling
injector attain better reliability and manufacturability
compared with alternate approaches. The 29EE010/
29LE010/29VE010 write with a single power supply.
Internal Erase/Program is transparent to the user. The
29EE010/29LE010/29VE010 conform to JEDEC stan-
dard pinouts for byte-wide memories.
Featuring high performance page write, the 29EE010/
29LE010/29VE010 provide a typical byte-write time of
39 µsec. The entire memory, i.e., 128K bytes, can be
written page by page in as little as 5 seconds, when using
interface features such as Toggle Bit or Data# Polling to
indicate the completion of a write cycle. To protect
against inadvertent write, the 29EE010/29LE010/
29VE010 have on-chip hardware and software data
protection schemes. Designed, manufactured, and
tested for a wide spectrum of applications, the 29EE010/
29LE010/29VE010 are offered with a guaranteed page-
write endurance of 104 or 103 cycles. Data retention is
rated at greater than 100 years.
The 29EE010/29LE010/29VE010 are suited for applica-
tions that require convenient and economical updating of
program, configuration, or data memory. For all system
applications, the 29EE010/29LE010/29VE010 signifi-
cantly improve performance and reliability, while lower-
ing power consumption, when compared with floppy disk
or EPROM approaches. The 29EE010/29LE010/
29VE010 improve flexibility while lowering the cost for
program, data, and configuration storage applications.
To meet high density, surface mount requirements, the
29EE010/29LE010/29VE010 are offered in 32-pin
TSOP and 32-lead PLCC packages. A 600-mil, 32-pin
PDIP package is also available. See Figures 1 and 2 for
pinouts.
Device Operation
The SST page mode EEPROM offers in-circuit electrical
write capability. The 29EE010/29LE010/29VE010 does
not require separate erase and program operations. The
internally timed write cycle executes both erase and
program transparently to the user. The 29EE010/
29LE010/29VE010 have industry standard optional
Software Data Protection, which SST recommends al-
ways to be enabled. The 29EE010/29LE010/29VE010
are compatible with industry standard EEPROM pinouts
and functionality.
Read
The Read operations of the 29EE010/29LE010/
29VE010 are controlled by CE# and OE#, both have to
be low for the system to obtain data from the outputs.
CE# is used for device selection. When CE# is high, the


Similar Part No. - SST29VE010-250-3C-W

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST29VE010-250-4C-EH SST-SST29VE010-250-4C-EH Datasheet
326Kb / 26P
   1 Mbit (128K x8) Page-Mode EEPROM
SST29VE010-250-4C-EH SST-SST29VE010-250-4C-EH Datasheet
267Kb / 26P
   1 Megabit (128K x8) Page-Mode EEPROM
SST29VE010-250-4C-NH SST-SST29VE010-250-4C-NH Datasheet
326Kb / 26P
   1 Mbit (128K x8) Page-Mode EEPROM
SST29VE010-250-4C-NH SST-SST29VE010-250-4C-NH Datasheet
267Kb / 26P
   1 Megabit (128K x8) Page-Mode EEPROM
SST29VE010-250-4C-PH SST-SST29VE010-250-4C-PH Datasheet
326Kb / 26P
   1 Mbit (128K x8) Page-Mode EEPROM
More results

Similar Description - SST29VE010-250-3C-W

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST29EE010A SST-SST29EE010A Datasheet
256Kb / 26P
   1 Megabit (128K x 8) Page Mode EEPROM
SST29EE010 SST-SST29EE010_00 Datasheet
267Kb / 26P
   1 Megabit (128K x8) Page-Mode EEPROM
logo
Maxwell Technologies
28C010T MAXWELL-28C010T Datasheet
359Kb / 20P
   1 Megabit (128K x 8-Bit) EEPROM
28C011T MAXWELL-28C011T Datasheet
348Kb / 19P
   1 Megabit (128K x 8-Bit) EEPROM
logo
ATMEL Corporation
AT28C010 ATMEL-AT28C010_06 Datasheet
410Kb / 17P
   1-megabit (128K x 8) Paged Parallel EEPROM
logo
Maxwell Technologies
28LV010 MAXWELL-28LV010 Datasheet
363Kb / 20P
   3.3V 1 Megabit (128K x 8-Bit) EEPROM
28LV011 MAXWELL-28LV011 Datasheet
305Kb / 19P
   3.3V 1 Megabit (128K x 8-Bit) EEPROM
logo
Silicon Storage Technol...
SST29EE010 SST-SST29EE010 Datasheet
326Kb / 26P
   1 Mbit (128K x8) Page-Mode EEPROM
logo
Force Technologies Ltd
FT27C010 FORCE-FT27C010 Datasheet
809Kb / 11P
   1-Megabit (128K x 8) UVEPROM
logo
ATMEL Corporation
AT27C010 ATMEL-AT27C010_07 Datasheet
343Kb / 14P
   1-Megabit (128K x 8) OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com