Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

1N4942 Datasheet(PDF) 1 Page - Semtech Corporation

Part No. 1N4942
Description  Axial Leaded Hermetically Sealed Fast Recovery Rectifier Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SEMTECH [Semtech Corporation]
Homepage  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

1N4942 Datasheet(HTML) 1 Page - Semtech Corporation

  1N4942 Datasheet HTML 1Page - Semtech Corporation 1N4942 Datasheet HTML 2Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
POWER DISCRETES
1
www.semtech.com
1N4942, 1N4944, 1N4946,
1N4947, 1N4948
Axial Leaded Hermetically Sealed
Fast Recovery Rectifier Diodes
Features
Revision: November 7, 2007
Quick reference data
V
R = 200 - 1000 V
IO = 1.0A
t
rr =
150 to 500nS
V
F
= 1.2V
Low reverse leakage current
Hermetically sealed in Metoxilite fused metal oxide
Low forward voltage drop
Electrical Specifications
Electrical specifications @ T
A = 25°C unless otherwise specified.
s
e
p
y
TV
M
W
R
I
F
)
V
A
(
5
5
@
C
°
I
M
S
F
I
M
R
F
@
s
m
3
.
8
=
p
t
T
R
R
V
F
I
@
F
I
R
V
@
M
W
R
C
J
V
5
@
z
H
M
1
T
G
T
S
R
θθθθθ L
j
d
i
m
b
c
p
-"
8
/
3
=
LC
°
5
2C
°
0
0
1"
8
/
3"
0
)
k
p
(
VA
A
A
A
s
nV
A
A
µA
µF
pC
°C
°
W
/
CC
°
W
/
C
2
4
9
4
N
10
0
20
.
10
.
25
20
.
60
5
12
.
10
.
15
.
05
27
25
7
1
+
o
t
5
6
-3
7
4
4
9
4
N
10
0
40
.
10
.
25
20
.
60
5
12
.
10
.
15
.
05
27
25
7
1
+
o
t
5
6
-3
7
6
4
9
4
N
10
0
60
.
10
.
25
20
.
60
5
22
.
10
.
15
.
05
27
25
7
1
+
o
t
5
6
-3
7
7
4
9
4
N
10
0
80
.
10
.
25
20
.
60
5
22
.
10
.
15
.
05
28
15
7
1
+
o
t
5
6
-3
7
8
4
9
4
N
10
0
0
10
.
10
.
25
20
.
60
0
52
.
10
.
15
.
05
28
15
7
1
+
o
t
5
6
-3
7
Description
These products are qualified to MIL-PRF-19500/359


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn