Electronic Components Datasheet Search |
|
W528S12 Datasheet(PDF) 5 Page - Winbond |
|
W528S12 Datasheet(HTML) 5 Page - Winbond |
5 / 17 page W528SXX Publication Release Date: June 13, 2003 - 5 - Revision A2 5. BLOCK DIAGRAM OSC TIMING GENERATOR DATA ROM TG1 TG2 TG3 LED1 TG4/LED2/STPC CONTROLLER COUNTER REGISTER STPA STPB SYNTHESIZER ADPCM CONVERTER REGISTER SPK & SHIFT SHIFT D/A V V *TEST1 DD SS *TEST2 *TEST3 TEST4 * These pins only exist in W528S15 ~ W528S30. 6. FUNCTIONAL DESCRIPTION The W528Sxx family provides up to four direct trigger pins, which can be extended to eight or twelve matrix trigger inputs, up to three stop signal output pins, an LED section control, and powerful programmable features. The JUMP and LOAD commands and four programmable registers can be used to program the desired playing mode, stop output signal form, LED flash type, and trigger pin interrupt modes. The chip's programmable features can also be used to develop new, customized functions for a wide variety of innovative applications. 6.1 Instruction Set Description This section describes three types of instructions: • Unconditional instructions, which are executed immediately after they are issued. • Conditional instructions, which are executed only when the conditions specified in the instructions are satisfied. • END instruction, which is used to stop all device activity. |
Similar Part No. - W528S12 |
|
Similar Description - W528S12 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |