Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP3101 Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCP3101
Description  Wide Input Voltage Synchronous Buck Converter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP3101 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCP3101 Datasheet HTML 2Page - ON Semiconductor NCP3101 Datasheet HTML 3Page - ON Semiconductor NCP3101 Datasheet HTML 4Page - ON Semiconductor NCP3101 Datasheet HTML 5Page - ON Semiconductor NCP3101 Datasheet HTML 6Page - ON Semiconductor NCP3101 Datasheet HTML 7Page - ON Semiconductor NCP3101 Datasheet HTML 8Page - ON Semiconductor NCP3101 Datasheet HTML 9Page - ON Semiconductor NCP3101 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
NCP3101
http://onsemi.com
6
DETAILED OPERATING DESCRIPTION
General
NCP3101 is a high efficiency integrated wide input
voltage 6 A synchronous PWM buck converter designed to
operate from a 4.5 V to 13.2 V supply. The output voltage of
the converter can be precisely regulated down to 800 mV
$1.0% when the VFB pin is tied to VOUT. The switching
frequency is internally set to 275 kHz. A high gain
Operational Transconductance Error Amplifier (OTA) is
used for feedback and stabilizing the loop.
Duty Cycle and Maximum Pulse Width Limits
In steady state DC operation, the duty cycle will stabilize
at an operating point defined by the ratio of the input to the
output voltage. The NCP3101 can achieve an 80% duty
cycle. There is a built in off-time which ensures that the
bootstrap supply is charged every cycle. The NCP3101,
which is capable of a 100 nsec pulse width (minimum), can
allow a 12 V to 0.8 V conversion at 275 kHz. The duty cycle
limit and the corresponding output voltage are shown below
in graphical format in Figure 9 and 11. The light gray area
represents the safe operating area for the lowest maximum
operational duty cycle and the dark grey area represents the
absolute maximum duty cycle and corresponding output
voltage.
Figure 9. Duty Cycle to Output Voltage
OUTPUT VOLTAGE (V)
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
0.8
2.8
4.8
6.8
8.8
10.8
Minimum
4.5 V
13.2 V
Max-Maximum
Min-Maximum
Input Voltage Range (VCC and BST)
The input voltage range for both VCC and BST is 4.5 V to
13.2 V with reference to GND and PHS, respectively.
Although BST is rated at 13.2 V with reference to PHS, it can
also tolerate 25 V with respect to GND.
Figure 10. Maximum Input to Output Voltage
INPUT VOLTAGE (V)
4.5
5.5
6.5
7.5
8.5
9.5
10.5 11.5 12.5 13.5
10
9
8
7
6
5
4
3
DMAX = 0.7
DMAX = 0.8
11
External Enable/Disable
When the Comp Pin voltage falls or is pulled externally
below the 400 mV threshold as shown in Figure 11, it
disables the PWM Logic and the gate drive outputs. In this
disabled
mode,
the
operational
transconductance
amplifier's (EOTA) output source current is reduced and
limited to the Soft-Start mode of 10
mA.
Figure 11. Disable Circuit
-
+
16
17
COMP/DIS
VREF
0.8 V
FB
Normal Shutdown Behavior
Normal shutdown occurs when the IC stops switching
because the input supply reaches UVLO threshold. In this
case, switching stops, the internal soft-start, SS, is
discharged, and all GATE pins go low. The switch node
enters a high impedance state and the output capacitors
discharge through the load with no ringing on the output
voltage.


Similar Part No. - NCP3101

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3101BMNTXG ONSEMI-NCP3101BMNTXG Datasheet
291Kb / 26P
   Wide Input Voltage Synchronous Buck Converter
August, 2011 ??Rev. 1
NCP3101C ONSEMI-NCP3101C Datasheet
280Kb / 26P
   Wide Input Voltage Synchronous Buck Converter
August, 2011 ??Rev. 1
NCP3101C ONSEMI-NCP3101C Datasheet
291Kb / 26P
   Wide Input Voltage Synchronous Buck Converter
August, 2011 ??Rev. 1
NCP3101CMNTXG ONSEMI-NCP3101CMNTXG Datasheet
280Kb / 26P
   Wide Input Voltage Synchronous Buck Converter
August, 2011 ??Rev. 1
More results

Similar Description - NCP3101

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3102 ONSEMI-NCP3102 Datasheet
1Mb / 18P
   Wide Input Voltage Synchronous Buck Converter
November, 2007 - Rev. 2
NCP3101BMNTXG ONSEMI-NCP3101BMNTXG Datasheet
291Kb / 26P
   Wide Input Voltage Synchronous Buck Converter
August, 2011 ??Rev. 1
NCP3102C ONSEMI-NCP3102C Datasheet
487Kb / 26P
   Wide Input Voltage Synchronous Buck Converter
February, 2011 -- Rev. 0
NCP3101CMNTXG ONSEMI-NCP3101CMNTXG Datasheet
280Kb / 26P
   Wide Input Voltage Synchronous Buck Converter
August, 2011 ??Rev. 1
logo
Micrel Semiconductor
MIC2176 MICREL-MIC2176 Datasheet
1Mb / 31P
   Wide Input Voltage, Synchronous Buck
logo
Linear Technology
LTC3530 LINER-LTC3530_15 Datasheet
303Kb / 16P
   Wide Input Voltage Synchronous Buck-Boost DC/DC Converter
LTC3530EMS LINER-LTC3530EMS Datasheet
280Kb / 16P
   Wide Input Voltage Synchronous Buck-Boost DC/DC Converter
LTC3530 LINER-LTC3530 Datasheet
300Kb / 16P
   Wide Input Voltage Synchronous Buck-Boost DC/DC Converter
logo
International Rectifier
IR3871MTRPBF IRF-IR3871MTRPBF Datasheet
1Mb / 21P
   WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3865MTRPBF IRF-IR3865MTRPBF Datasheet
1Mb / 22P
   WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com