Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST29EE010-150-3I-N Datasheet(PDF) 10 Page - Silicon Storage Technology, Inc

Part # SST29EE010-150-3I-N
Description  1 Megabit (128K x 8) Page Mode EEPROM
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST29EE010-150-3I-N Datasheet(HTML) 10 Page - Silicon Storage Technology, Inc

Back Button SST29EE010-150-3I-N Datasheet HTML 6Page - Silicon Storage Technology, Inc SST29EE010-150-3I-N Datasheet HTML 7Page - Silicon Storage Technology, Inc SST29EE010-150-3I-N Datasheet HTML 8Page - Silicon Storage Technology, Inc SST29EE010-150-3I-N Datasheet HTML 9Page - Silicon Storage Technology, Inc SST29EE010-150-3I-N Datasheet HTML 10Page - Silicon Storage Technology, Inc SST29EE010-150-3I-N Datasheet HTML 11Page - Silicon Storage Technology, Inc SST29EE010-150-3I-N Datasheet HTML 12Page - Silicon Storage Technology, Inc SST29EE010-150-3I-N Datasheet HTML 13Page - Silicon Storage Technology, Inc SST29EE010-150-3I-N Datasheet HTML 14Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
10
© 1998 Silicon Storage Technology, Inc.
304-04 12/97
1 Megabit Page Mode EEPROM
SST29EE010, SST29LE010, SST29VE010
TABLE 11: 29LE010 READ CYCLE TIMING PARAMETERS
29LE010-150
29LE010-200
Symbol
Parameter
Min
Max
Min
Max
Units
TRC
Read Cycle time
150
200
ns
TCE
Chip Enable Access Time
150
200
ns
TAA
Address Access Time
150
200
ns
TOE
Output Enable Access Time
60
100
ns
TCLZ(1)
CE# Low to Active Output
0
0
ns
TOLZ(1)
OE# Low to Active Output
0
0
ns
TCHZ(1)
CE# High to High-Z Output
30
50
ns
TOHZ(1)
OE# High to High-Z Output
30
50
ns
TOH(1)
Output Hold from Address Change
0
0
ns
304 PGM T11.0
TABLE 12: 29VE010 READ CYCLE TIMING PARAMETERS
29VE010-200
29VE010-250
Symbol
Parameter
Min
Max
Min
Max
Units
TRC
Read Cycle time
200
250
ns
TCE
Chip Enable Access Time
200
250
ns
TAA
Address Access Time
200
250
ns
TOE
Output Enable Access Time
100
120
ns
TCLZ(1)
CE# Low to Active Output
0
0
ns
TOLZ(1)
OE# Low to Active Output
0
0
ns
TCHZ(1)
CE# High to High-Z Output
50
50
ns
TOHZ(1)
OE# High to High-Z Output
50
50
ns
TOH(1)
Output Hold from Address Change
0
0
ns
304 PGM T12.0
AC CHARACTERISTICS
TABLE 10: 29EE010 READ CYCLE TIMING PARAMETERS
29EE010-90
29EE010-120
Symbol
Parameter
Min
Max
Min
Max
Units
T
RC
Read Cycle time
90
120
ns
T
CE
Chip Enable Access Time
90
120
ns
T
AA
Address Access Time
90
120
ns
T
OE
Output Enable Access Time
40
50
ns
T
CLZ
(1)
CE# Low to Active Output
0
0
ns
T
OLZ
(1)
OE# Low to Active Output
0
0
ns
T
CHZ
(1)
CE# High to High-Z Output
30
30
ns
T
OHZ
(1)
OE# High to High-Z Output
30
30
ns
T
OH
(1)
Output Hold from Address
0
0
ns
Change
304 PGM T10.1


Similar Part No. - SST29EE010-150-3I-N

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST29EE010-150-4C-EH SST-SST29EE010-150-4C-EH Datasheet
326Kb / 26P
   1 Mbit (128K x8) Page-Mode EEPROM
SST29EE010-150-4C-EH SST-SST29EE010-150-4C-EH Datasheet
267Kb / 26P
   1 Megabit (128K x8) Page-Mode EEPROM
SST29EE010-150-4C-NH SST-SST29EE010-150-4C-NH Datasheet
326Kb / 26P
   1 Mbit (128K x8) Page-Mode EEPROM
SST29EE010-150-4C-NH SST-SST29EE010-150-4C-NH Datasheet
267Kb / 26P
   1 Megabit (128K x8) Page-Mode EEPROM
SST29EE010-150-4C-PH SST-SST29EE010-150-4C-PH Datasheet
326Kb / 26P
   1 Mbit (128K x8) Page-Mode EEPROM
More results

Similar Description - SST29EE010-150-3I-N

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST29EE010A SST-SST29EE010A Datasheet
256Kb / 26P
   1 Megabit (128K x 8) Page Mode EEPROM
SST29EE010 SST-SST29EE010_00 Datasheet
267Kb / 26P
   1 Megabit (128K x8) Page-Mode EEPROM
logo
Maxwell Technologies
28C010T MAXWELL-28C010T Datasheet
359Kb / 20P
   1 Megabit (128K x 8-Bit) EEPROM
28C011T MAXWELL-28C011T Datasheet
348Kb / 19P
   1 Megabit (128K x 8-Bit) EEPROM
logo
ATMEL Corporation
AT28C010 ATMEL-AT28C010_06 Datasheet
410Kb / 17P
   1-megabit (128K x 8) Paged Parallel EEPROM
logo
Maxwell Technologies
28LV010 MAXWELL-28LV010 Datasheet
363Kb / 20P
   3.3V 1 Megabit (128K x 8-Bit) EEPROM
28LV011 MAXWELL-28LV011 Datasheet
305Kb / 19P
   3.3V 1 Megabit (128K x 8-Bit) EEPROM
logo
Silicon Storage Technol...
SST29EE010 SST-SST29EE010 Datasheet
326Kb / 26P
   1 Mbit (128K x8) Page-Mode EEPROM
logo
Force Technologies Ltd
FT27C010 FORCE-FT27C010 Datasheet
809Kb / 11P
   1-Megabit (128K x 8) UVEPROM
logo
ATMEL Corporation
AT27C010 ATMEL-AT27C010_07 Datasheet
343Kb / 14P
   1-Megabit (128K x 8) OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com