Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLN117F Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLN117F
Description  INFRARED LED GAAS INFRAED EMITTER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLN117F Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLN117F Datasheet HTML 1Page - Toshiba Semiconductor TLN117F Datasheet HTML 2Page - Toshiba Semiconductor TLN117F Datasheet HTML 3Page - Toshiba Semiconductor TLN117F Datasheet HTML 4Page - Toshiba Semiconductor TLN117F Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TLN117(F)
2007-10-01
1
TOSHIBA Infrared LED GaAs Infrared Emitter
TLN117(F)
Lead(Pb)-Free
Opto−Electoronic Switches
Floppy Disk Drives
Optical Mice
Optical Touch Sensors
• Small−side−view epoxy−resin package
• High radiant intensity: IE = 0.8mW / sr(min)at IF = 20mA
• Half−angle value: θ1 / 2 = ±15°(typ.)
Absolute Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Forward current
IF
50
mA
Pulse forward current
IFP
600 (Note 1)
mA
Forward current derating
(Ta > 25°C)
ΔIF / °C
−0.33
mA / °C
Reverse voltage
VR
5
V
Operating temperature
Topr
−25~85
°C
Storage temperature
Tstg
−40~100
°C
Soldering temperature (5s)
Tsol
260 (Note 2)
°C
Note: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the
reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the
absolute maximum ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note 1: Pulse width ≦ 100μs, repetitive frequency =100Hz
Note 2: Soldering must be performed 2mm from the bottom of the package body.
Unit: mm
TOSHIBA
4−3P1
Weight: 0.1 g (typ.)
Pin Connection
1. Cathode
2. Anode
12


Similar Part No. - TLN117F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLN117 TOSHIBA-TLN117 Datasheet
245Kb / 5P
   TOSHIBA INFRARED LED GAAS INFRAED EMITTER
TLN117A TOSHIBA-TLN117A Datasheet
245Kb / 5P
   TOSHIBA INFRARED LED GAAS INFRAED EMITTER
TLN117B TOSHIBA-TLN117B Datasheet
245Kb / 5P
   TOSHIBA INFRARED LED GAAS INFRAED EMITTER
TLN117C TOSHIBA-TLN117C Datasheet
245Kb / 5P
   TOSHIBA INFRARED LED GAAS INFRAED EMITTER
More results

Similar Description - TLN117F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLN117 TOSHIBA-TLN117 Datasheet
245Kb / 5P
   TOSHIBA INFRARED LED GAAS INFRAED EMITTER
TLN110 TOSHIBA-TLN110_07 Datasheet
198Kb / 6P
   INFRARED LED GAAS INFRARED EMITTER
TLN110 TOSHIBA-TLN110 Datasheet
288Kb / 6P
   INFRARED LED GAAS INFRARED EMITTER
TLN105B TOSHIBA-TLN105B_07 Datasheet
200Kb / 6P
   INFRARED LED GAAS INFRARED EMITTER
TLN115A TOSHIBA-TLN115A_07 Datasheet
203Kb / 6P
   Infrared LED GaAs Infrared Emitter
TLN119 TOSHIBA-TLN119_07 Datasheet
199Kb / 5P
   Infrared LED GaAs Infrared Emitter
TLN107A TOSHIBA-TLN107A Datasheet
185Kb / 4P
   INFRARED LED GaAS INFRARED EMITTER
TLN102 TOSHIBA-TLN102 Datasheet
250Kb / 5P
   TOSHIBA INFRARED LED GaAs INFRARED EMITTER
TLN105B TOSHIBA-TLN105B Datasheet
291Kb / 6P
   TOSHIBA INFRARED LED GAAS INFRARED EMITTER
logo
Marktech Corporate
MTE108CL MARKTECH-MTE108CL Datasheet
57Kb / 2P
   INFRAED EMITTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com