Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLN108 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLN108
Description  INFRARED LEDS PHOTO SENSORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLN108 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLN108_07 Datasheet HTML 1Page - Toshiba Semiconductor TLN108_07 Datasheet HTML 2Page - Toshiba Semiconductor TLN108_07 Datasheet HTML 3Page - Toshiba Semiconductor TLN108_07 Datasheet HTML 4Page - Toshiba Semiconductor TLN108_07 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TLN108(F)
2007-10-01
1
TOSHIBA Infrared LED GaAs Infrared Emitter
TLN108(F)
Lead(Pb)-Free
Opto
−Electronic Switches
Tape And Card Readers
Equipment Using Infrared Transmission
• TO−18 metal package
• High radiant intensity: IE = 20 mW/sr (typ.)
• Excellent radiant−intensity linearity. Modulation by pulse operation
and high frequency is possible.
• Highly reliable due to hermetic seal
Absolute Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Forward current
IF
100
mA
Forward current derating
(Ta > 25°C)
ΔIF / °C
−1
mA / °C
Pulse forward current
(Note 1)
IFP
1
A
Reverse voltage
VR
5
V
Operating temperature range
Topr
−40~125
°C
Storage temperature range
Tstg
−55~150
°C
Note: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the
reliability significantly even if the operating conditions (i.e. operating
temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba
Semiconductor Reliability Handbook (“Handling
Precautions”/“Derating Concept and Methods”) and individual
reliability data (i.e. reliability test report and estimated failure rate,
etc).
Note 1: Pulse width ≦100μs, repetitive frequency = 100 Hz
Pin Connection
1.
Anode
2.
Cathode (case)
1
2
Markings
Unit: mm
TOSHIBA
4−5Q2
Weight: 0.33 g (typ.)
Month of manufacture
(January to December denoted by letters A to L respectively)
Letter color:Red
Product No. (TL omitted)
Monthly lot number
Year of manufacture
(last digit of year of manufacture)
N108


Similar Part No. - TLN108_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLN108LB TOSHIBA-TLN108LB Datasheet
237Kb / 5P
   INFRARED LEDS PHOTO SENSORS
More results

Similar Description - TLN108_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLN104 TOSHIBA-TLN104 Datasheet
237Kb / 5P
   INFRARED LEDS PHOTO SENSORS
TLP908 TOSHIBA-TLP908 Datasheet
379Kb / 8P
   PHOTOREFLECTIVE SENSORS INFRARED LED PHOTO TRANSISTOR
TLP822 TOSHIBA-TLP822 Datasheet
430Kb / 11P
   PHOTO INTERRUPTERS INFRARED LED PHOTO TRANSISTOR
TLP1004A TOSHIBA-TLP1004A Datasheet
202Kb / 10P
   INFRARED LED PHOTO IC
logo
Marktech Corporate
MTRS9520 MARKTECH-MTRS9520_15 Datasheet
609Kb / 3P
   Infrared Light Photo Reflector
logo
Toshiba Semiconductor
TLP802 TOSHIBA-TLP802 Datasheet
283Kb / 6P
   INFRARED LEDPHOTO TRANSISTOR
TLP293 TOSHIBA-TLP293 Datasheet
649Kb / 15P
   Infrared LED & Photo Transistor
TLP2161 TOSHIBA-TLP2161 Datasheet
448Kb / 17P
   Infrared LED & Photo IC
logo
Marktech Corporate
MTRS9520D MARKTECH-MTRS9520D_15 Datasheet
605Kb / 3P
   Infrared Light Photo Reflector
logo
Toshiba Semiconductor
TLP387 TOSHIBA-TLP387 Datasheet
525Kb / 14P
   Infrared LED & Photo Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com