Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74CBT16245DLRG4 Datasheet(PDF) 3 Page - Texas Instruments

Part # SN74CBT16245DLRG4
Description  16-BIT FET BUS SWITCH
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74CBT16245DLRG4 Datasheet(HTML) 3 Page - Texas Instruments

  SN74CBT16245DLRG4 Datasheet HTML 1Page - Texas Instruments SN74CBT16245DLRG4 Datasheet HTML 2Page - Texas Instruments SN74CBT16245DLRG4 Datasheet HTML 3Page - Texas Instruments SN74CBT16245DLRG4 Datasheet HTML 4Page - Texas Instruments SN74CBT16245DLRG4 Datasheet HTML 5Page - Texas Instruments SN74CBT16245DLRG4 Datasheet HTML 6Page - Texas Instruments SN74CBT16245DLRG4 Datasheet HTML 7Page - Texas Instruments SN74CBT16245DLRG4 Datasheet HTML 8Page - Texas Instruments SN74CBT16245DLRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
SN74CBT16245
16-BIT FET BUS SWITCH
SCDS070C – JULY 1998 – REVISED OCTOBER 2000
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIK
VCC = 4.5 V,
II = –18 mA
–1.2
V
II
VCC = 0,
VI = 5.5 V
10
µA
II
VCC = 5.5 V,
VI = 5.5 V or GND
±1
µA
ICC
VCC = 5.5 V,
IO = 0,
VI = VCC or GND
3
µA
∆ICC‡
Control inputs
VCC = 5.5 V,
One input at 3.4 V,
Other inputs at VCC or GND
2.5
mA
Ci
Control inputs
VI = 3 V or 0
3.5
pF
Cio(OFF)
VO = 3 V or 0,
OE = VCC
4.5
pF
§
VCC = 4 V,
TYP at VCC = 4 V
VI = 2.4 V,
II = 15 mA
14
20
ron§
VI =0
II = 64 mA
5
7
on
VCC = 4.5 V
VI = 0
II = 30 mA
5
7
VI = 2.4 V,
II = 15 mA
8
12
† All typical values are at VCC = 5 V (unless otherwise noted), TA = 25°C.
‡ This is the increase in supply current for each input that is at the specified TTL voltage level rather than VCC or GND.
§ Measured by the voltage drop between the A and B terminals at the indicated current through the switch. On-state resistance is determined by
the lower of the voltages of the two (A or B) terminals.
switching characteristics over recommended operating free-air temperature range (unless
otherwise noted) (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 4 V
VCC = 5 V
± 0.5 V
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
tpd¶
A or B
B or A
0.35
0.25
ns
ten
OE
A or B
6.1
1.2
5.6
ns
tdis
OE
A or B
7.5
3.9
7.7
ns
¶ The propagation delay is the calculated RC time constant of the typical on-state resistance of the switch and the specified load capacitance, when
driven by an ideal voltage source (zero output impedance).


Similar Part No. - SN74CBT16245DLRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBT16245DLRG4 TI-SN74CBT16245DLRG4 Datasheet
151Kb / 9P
[Old version datasheet]   16-BIT FET BUS SWITCH
SN74CBT16245DLRG4 TI1-SN74CBT16245DLRG4 Datasheet
340Kb / 12P
[Old version datasheet]   16-BIT FET BUS SWITCH
More results

Similar Description - SN74CBT16245DLRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBT16245-Q1 TI1-SN74CBT16245-Q1 Datasheet
127Kb / 7P
[Old version datasheet]   16-BIT FET BUS SWITCH
SN74CBT16245 TI-SN74CBT16245_06 Datasheet
151Kb / 9P
[Old version datasheet]   16-BIT FET BUS SWITCH
SN74CBT16245 TI-SN74CBT16245 Datasheet
75Kb / 5P
[Old version datasheet]   16-BIT FET BUS SWITCH
SN74CBT16245 TI1-SN74CBT16245_09 Datasheet
340Kb / 12P
[Old version datasheet]   16-BIT FET BUS SWITCH
SN74CB3Q16244 TI1-SN74CB3Q16244_15 Datasheet
779Kb / 21P
[Old version datasheet]   16-Bit FET Bus Switch
SN74CBT16390 TI-SN74CBT16390_08 Datasheet
333Kb / 11P
[Old version datasheet]   16-BIT TO 32-BIT FET MULTIPLEXER/DEMULTIPLEXER BUS SWITCH
SN74CBT16390 TI-SN74CBT16390 Datasheet
75Kb / 5P
[Old version datasheet]   16-BIT TO 32-BIT FET MULTIPLEXER/DEMULTIPLEXER BUS SWITCH
SN74CBT16390 TI-SN74CBT16390_07 Datasheet
303Kb / 11P
[Old version datasheet]   16-BIT TO 32-BIT FET MULTIPLEXER/DEMULTIPLEXER BUS SWITCH
logo
Integrated Device Techn...
IDT74FST163245 IDT-IDT74FST163245 Datasheet
85Kb / 6P
   16-BIT BUS SWITCH
logo
Fairchild Semiconductor
FST16245 FAIRCHILD-FST16245 Datasheet
182Kb / 4P
   16-Bit Bus Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com