Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74CBT16245DGVR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN74CBT16245DGVR
Description  16-BIT FET BUS SWITCH
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74CBT16245DGVR Datasheet(HTML) 2 Page - Texas Instruments

  SN74CBT16245DGVR Datasheet HTML 1Page - Texas Instruments SN74CBT16245DGVR Datasheet HTML 2Page - Texas Instruments SN74CBT16245DGVR Datasheet HTML 3Page - Texas Instruments SN74CBT16245DGVR Datasheet HTML 4Page - Texas Instruments SN74CBT16245DGVR Datasheet HTML 5Page - Texas Instruments SN74CBT16245DGVR Datasheet HTML 6Page - Texas Instruments SN74CBT16245DGVR Datasheet HTML 7Page - Texas Instruments SN74CBT16245DGVR Datasheet HTML 8Page - Texas Instruments SN74CBT16245DGVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
SN74CBT16245
16-BIT FET BUS SWITCH
SCDS070C – JULY 1998 – REVISED OCTOBER 2000
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
logic diagram (positive logic)
2A1
2A8
1OE
1B1
1B8
47
37
48
2
12
2B1
2B8
36
26
25
13
23
1A1
1A8
2OE
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VCC
–0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI (see Note 1)
–0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous channel current
128 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input clamp current, IIK (VI/O < 0)
–50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Note 2): DGG package
70
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
DGV package
58
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
DL package
63
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. The input and output negative-voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
2. The package thermal impedance is calculated in accordance with JESD 51-7.
recommended operating conditions (see Note 3)
MIN
MAX
UNIT
VCC
Supply voltage
4
5.5
V
VIH
High-level control input voltage
2
V
VIL
Low-level control input voltage
0.8
V
TA
Operating free-air temperature
–40
85
°C
NOTE 3: All unused control inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.


Similar Part No. - SN74CBT16245DGVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBT16245DGVR TI-SN74CBT16245DGVR Datasheet
151Kb / 9P
[Old version datasheet]   16-BIT FET BUS SWITCH
SN74CBT16245DGVR TI1-SN74CBT16245DGVR Datasheet
340Kb / 12P
[Old version datasheet]   16-BIT FET BUS SWITCH
More results

Similar Description - SN74CBT16245DGVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBT16245-Q1 TI1-SN74CBT16245-Q1 Datasheet
127Kb / 7P
[Old version datasheet]   16-BIT FET BUS SWITCH
SN74CBT16245 TI-SN74CBT16245_06 Datasheet
151Kb / 9P
[Old version datasheet]   16-BIT FET BUS SWITCH
SN74CBT16245 TI-SN74CBT16245 Datasheet
75Kb / 5P
[Old version datasheet]   16-BIT FET BUS SWITCH
SN74CBT16245 TI1-SN74CBT16245_09 Datasheet
340Kb / 12P
[Old version datasheet]   16-BIT FET BUS SWITCH
SN74CB3Q16244 TI1-SN74CB3Q16244_15 Datasheet
779Kb / 21P
[Old version datasheet]   16-Bit FET Bus Switch
SN74CBT16390 TI-SN74CBT16390_08 Datasheet
333Kb / 11P
[Old version datasheet]   16-BIT TO 32-BIT FET MULTIPLEXER/DEMULTIPLEXER BUS SWITCH
SN74CBT16390 TI-SN74CBT16390 Datasheet
75Kb / 5P
[Old version datasheet]   16-BIT TO 32-BIT FET MULTIPLEXER/DEMULTIPLEXER BUS SWITCH
SN74CBT16390 TI-SN74CBT16390_07 Datasheet
303Kb / 11P
[Old version datasheet]   16-BIT TO 32-BIT FET MULTIPLEXER/DEMULTIPLEXER BUS SWITCH
logo
Integrated Device Techn...
IDT74FST163245 IDT-IDT74FST163245 Datasheet
85Kb / 6P
   16-BIT BUS SWITCH
logo
Fairchild Semiconductor
FST16245 FAIRCHILD-FST16245 Datasheet
182Kb / 4P
   16-Bit Bus Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com