Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN54HC4020 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN54HC4020
Description  14-BIT ASYNCHRONOUS BINARY COUNTERS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54HC4020 Datasheet(HTML) 5 Page - Texas Instruments

  SN54HC4020 Datasheet HTML 1Page - Texas Instruments SN54HC4020 Datasheet HTML 2Page - Texas Instruments SN54HC4020 Datasheet HTML 3Page - Texas Instruments SN54HC4020 Datasheet HTML 4Page - Texas Instruments SN54HC4020 Datasheet HTML 5Page - Texas Instruments SN54HC4020 Datasheet HTML 6Page - Texas Instruments SN54HC4020 Datasheet HTML 7Page - Texas Instruments SN54HC4020 Datasheet HTML 8Page - Texas Instruments SN54HC4020 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
SN54HC4020, SN74HC4020
14BIT ASYNCHRONOUS BINARY COUNTERS
SCLS158E − DECEMBER 1982 − REVISED SEPTEMBER 2003
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
VOLTAGE WAVEFORMS
SETUP AND INPUT RISE AND FALL TIMES
VOLTAGE WAVEFORMS
PULSE DURATIONS
tsu
50%
50%
50%
10%
10%
90%
90%
VCC
VCC
0 V
0 V
tr
tf
Reference
Input
Data
Input
50%
High-Level
Pulse
50%
VCC
0 V
50%
50%
VCC
0 V
tw
Low-Level
Pulse
VOLTAGE WAVEFORMS
PROPAGATION DELAY AND OUTPUT TRANSITION TIMES
50%
50%
50%
10%
10%
90%
90%
VCC
VOH
VOL
0 V
tr
tf
Input
In-Phase
Output
50%
tPLH
tPHL
50%
50%
10%
10%
90%
90%
VOH
VOL
tr
tf
tPHL
tPLH
Out-of-Phase
Output
Test
Point
From Output
Under Test
LOAD CIRCUIT
NOTES: A. CL includes probe and test-fixture capacitance.
B. Phase relationships between waveforms were chosen arbitrarily. All input pulses are supplied by generators having the following
characteristics: PRR
≤ 1 MHz, ZO = 50 Ω, tr = 6 ns, tf = 6 ns.
C. For clock inputs, fmax is measured when the input duty cycle is 50%.
D. The outputs are measured one at a time with one input transition per measurement.
E. tPLH and tPHL are the same as tpd.
CL = 50 pF
(see Note A)
Figure 1. Load Circuit and Voltage Waveforms


Similar Part No. - SN54HC4020

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC4020 TI-SN54HC4020 Datasheet
540Kb / 16P
[Old version datasheet]   14-BIT ASYNCHRONOUS BINARY COUNTERS
SN54HC4020 TI-SN54HC4020 Datasheet
823Kb / 19P
[Old version datasheet]   14-BIT ASYNCHRONOUS BINARY COUNTERS
SN54HC4020FK TI-SN54HC4020FK Datasheet
540Kb / 16P
[Old version datasheet]   14-BIT ASYNCHRONOUS BINARY COUNTERS
SN54HC4020J TI-SN54HC4020J Datasheet
540Kb / 16P
[Old version datasheet]   14-BIT ASYNCHRONOUS BINARY COUNTERS
SN54HC4020W TI-SN54HC4020W Datasheet
540Kb / 16P
[Old version datasheet]   14-BIT ASYNCHRONOUS BINARY COUNTERS
More results

Similar Description - SN54HC4020

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC4020 TI-SN54HC4020 Datasheet
540Kb / 16P
[Old version datasheet]   14-BIT ASYNCHRONOUS BINARY COUNTERS
SN54HC4020 TI-SN54HC4020_08 Datasheet
823Kb / 19P
[Old version datasheet]   14-BIT ASYNCHRONOUS BINARY COUNTERS
logo
Unisonic Technologies
U74HC4060 UTC-U74HC4060_15 Datasheet
209Kb / 6P
   14-STAGE ASYNCHRONOUS BINARY COUNTERS
logo
Texas Instruments
SN54HC4024 TI1-SN54HC4024_13 Datasheet
318Kb / 10P
[Old version datasheet]   ASYNCHRONOUS 7-BIT BINARY COUNTERS
SN54HC4024 TI-SN54HC4024 Datasheet
102Kb / 5P
[Old version datasheet]   ASYNCHRONOUS 7-BIT BINARY COUNTERS
SN54LV4040A TI-SN54LV4040A Datasheet
526Kb / 17P
[Old version datasheet]   12-BIT ASYNCHRONOUS BINARY COUNTERS
SN54HC4040 TI-SN54HC4040_07 Datasheet
752Kb / 19P
[Old version datasheet]   12-BIT ASYNCHRONOUS BINARY COUNTERS
SN54LV4040A TI-SN54LV4040A_07 Datasheet
795Kb / 19P
[Old version datasheet]   12-BIT ASYNCHRONOUS BINARY COUNTERS
SN54HC4040 TI-SN54HC4040 Datasheet
601Kb / 17P
[Old version datasheet]   12-BIT ASYNCHRONOUS BINARY COUNTERS
SN74LV4040A-EP TI1-SN74LV4040A-EP Datasheet
538Kb / 12P
[Old version datasheet]   12 BIT ASYNCHRONOUS BINARY COUNTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com