Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MD-4DR Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # MD-4DR
Description  Bluetooth module for 2.4GHz systems including enhanced data rates(EDR) to 3Mbps
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MD-4DR Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  MD-4DR Datasheet HTML 1Page - List of Unclassifed Manufacturers MD-4DR Datasheet HTML 2Page - List of Unclassifed Manufacturers MD-4DR Datasheet HTML 3Page - List of Unclassifed Manufacturers MD-4DR Datasheet HTML 4Page - List of Unclassifed Manufacturers MD-4DR Datasheet HTML 5Page - List of Unclassifed Manufacturers MD-4DR Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
3000MHz-12.75MHz
-10
-
-
dBm
Intermodulation Performacne
N=5
-39
-
-
dBm
Maximun Input Level
-20
-5
-
dBm
Pin Description
PIO
No.
Pin Name
Description
Pad Type
1
PIO_6
Programmable input/output line
Bi-directional
2
PIO_1
Programmable input/output line/TX EN
Bi-directional
3
PIO_0
Programmable input/output line/RX EN
Bi-directional
4
AIO_0
Programmable input/output line
Bi-directional
5
PIO_7
Programmable input/output line
Bi-directional
6
AIO_1
Programmable input/output line
Bi-directional
7
RESETB
Reset if low. Input debounced so must be
low for>5ms to cause a reset
CMOS Input
8
GND
Common Ground
Ground
9
UART_RX
UART Data Input
CMOS Input
10
UART_TX
UART Data Output
CMOS Output
11
UART_RTS
UART request to send to active low
CMOS Output
12
UART_CTS
UART request to clear to active low
CMOS Input
13
SPI_CLK
Serial Peripheral Interface Clock
CMOS Input
14
SPI_MISO
Serial Peripheral Interface Data Input
CMOS Output
15
Vcc
Power Supply
Power
16
PCM_SYNC
Synchronous Data Sync
Bi-direction
17
PCM_IN
Synchronous Data Input
CMOS Input
18
PCM_OUT
Synchronous Data Output
CMOS Output
19
PCM_CLK
Synchronous Data Clock
Bi-direction
20
USB_DP
USB Data Plus with selectable internal
1.5KΩ Pull-up resistor
Bi-direction
21
USB_DN
USB Data minus
Bi-direction
22
SPI_MOSI
Serial Peripheral Interface Data Output
Bi-direction
23
GND
Common Ground
Ground
24
SPI_CSB
Chip Select for Synchronous Serial
interface active low
CMOS Input


Similar Part No. - MD-4DR

ManufacturerPart #DatasheetDescription
logo
CUI INC
MD-40 CUI-MD-40 Datasheet
255Kb / 4P
   MINI DIN CONNECTOR
MD-40 CUI-MD-40 Datasheet
260Kb / 4P
   MINI DIN CONNECTOR
logo
Vectron International, ...
MD-403 VECTRON-MD-403 Datasheet
1Mb / 8P
   I2C InterfaceOven Controlled Crystal Oscillator
logo
Microsemi Corporation
MD-403 MICROSEMI-MD-403 Datasheet
1Mb / 8P
   I2C InterfaceOven Controlled Crystal Oscillator
logo
CUI INC
MD-40CV CUI-MD-40CV Datasheet
204Kb / 3P
   MINI DIN CONNECTOR
More results

Similar Description - MD-4DR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WT12-A-AI ETC2-WT12-A-AI Datasheet
358Kb / 3P
   Enhanced Data Rates (EDR) with data throughput up to 2-3Mbps
logo
Murata Manufacturing Co...
1DX MURATA-1DX Datasheet
111Kb / 3P
   2.4GHz Wi-Fi Bluetooth 4.1 EDR Module
logo
Texas Instruments
CC2560-PAN1315 TI1-CC2560-PAN1315 Datasheet
43Kb / 2P
[Old version datasheet]   Bluetooth짰 v2.1 Enhanced Data Rate (EDR) Module
logo
Laird Tech Smart Techno...
BTM46X LSTD-BTM46X Datasheet
228Kb / 2P
   Enhanced Class II Bluetooth Data Module
logo
HANAMICRON
HBH2X1M HANAMICRON-HBH2X1M Datasheet
239Kb / 16P
   Bluetooth V2.0 EDR Class 2 Module
logo
rfsolutions.ltd
BRM01 RFSOLUTIONS-BRM01 Datasheet
182Kb / 14P
   2.4GHZ BLUETOOTH TRANSCEIVER MODULE
logo
List of Unclassifed Man...
F1E21 ETC2-F1E21 Datasheet
839Kb / 14P
   BLUETOOTH V2.0 EDR CLASS 2 MODULE
logo
HANAMICRON
HBH1X1M HANAMICRON-HBH1X1M Datasheet
251Kb / 17P
   Bluetooth V2.0 EDR Class 1 Module
logo
Soshin electric Co., Lt...
HMD972U SOSHIN-HMD972U Datasheet
84Kb / 3P
   2.4GHz Balun for Bluetooth
logo
Microchip Technology
RN41 MICROCHIP-RN41 Datasheet
654Kb / 28P
   Class 1 Bluetooth Module with EDR Support
03/25/14
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com