Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLPYE53TF Datasheet(PDF) 10 Page - Toshiba Semiconductor

Part # TLPYE53TF
Description  Panel Circuit Indicators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLPYE53TF Datasheet(HTML) 10 Page - Toshiba Semiconductor

Back Button TLPYE53TF Datasheet HTML 4Page - Toshiba Semiconductor TLPYE53TF Datasheet HTML 5Page - Toshiba Semiconductor TLPYE53TF Datasheet HTML 6Page - Toshiba Semiconductor TLPYE53TF Datasheet HTML 7Page - Toshiba Semiconductor TLPYE53TF Datasheet HTML 8Page - Toshiba Semiconductor TLPYE53TF Datasheet HTML 9Page - Toshiba Semiconductor TLPYE53TF Datasheet HTML 10Page - Toshiba Semiconductor TLPYE53TF Datasheet HTML 11Page - Toshiba Semiconductor TLPYE53TF Datasheet HTML 12Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
TL(RE,RME,SE,OE,YE,PYE,GE,FGE,PGE)53T(F)
2007-10-01
10
TLFGE53T(F)
2.0
1.6
2.3
50
30
10
3
1
1.7
2.1
5
100
1.8
1.9
2.2
Ta
= 25°C
Forward voltage VF (V)
IF – VF
Forward current IF (mA)
IV – IF
Case temperature Tc (°C)
IV – Tc
Wavelength
λ (nm)
Relative luminous intensity – Wavelength
Ambient temperature Ta (°C)
IF – Ta
Radiation pattern
Ta
= 25°C
30
°
0
°
60
°
90
°
90
°
30
°
60
°
1.0
0.8
0.6
0.4
0.2
0
80
°
70
°
50
°
40
°
20
°
10
°
70
°
80
°
50
°
40
°
20
°
10
°
0
60
0
40
80
20
120
20
40
60
80
100
560
520
640
0.8
0
0.6
1.0
0.2
0.4
540
580
600
620
IF = 20 mA
Ta
= 25°C
20
−20
80
5
0.1
3
10
1
0.3
0.5
0
40
60
10
1
100
1000
100
Ta
= 25°C
10
3


Similar Part No. - TLPYE53TF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLPYE53T TOSHIBA-TLPYE53T Datasheet
221Kb / 12P
   TOSHIBA InGaALP LED
More results

Similar Description - TLPYE53TF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLRE60T TOSHIBA-TLRE60T Datasheet
250Kb / 7P
   Panel Circuit Indicators
TLRE62T TOSHIBA-TLRE62T_07 Datasheet
285Kb / 12P
   Panel Circuit Indicators
TLGE33TP TOSHIBA-TLGE33TP Datasheet
244Kb / 3P
   Panel Circuit Indicators
TLWK1100C TOSHIBA-TLWK1100C Datasheet
278Kb / 9P
   Panel Circuit Indicators
TLRE60T TOSHIBA-TLRE60T_08 Datasheet
197Kb / 7P
   Panel Circuit Indicators
TLWF1109 TOSHIBA-TLWF1109 Datasheet
258Kb / 10P
   Panel Circuit Indicators
TLWK1109 TOSHIBA-TLWK1109 Datasheet
266Kb / 10P
   Panel Circuit Indicators
TLRM1060 TOSHIBA-TLRM1060 Datasheet
315Kb / 14P
   Panel Circuit Indicators
TLRH62T TOSHIBA-TLRH62T_08 Datasheet
191Kb / 6P
   Panel Circuit Indicators
TLWLK1109 TOSHIBA-TLWLK1109 Datasheet
284Kb / 10P
   Panel Circuit Indicators
TLOE33CP TOSHIBA-TLOE33CP Datasheet
305Kb / 8P
   Panel Circuit Indicators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com