Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS7160L-2A-A Datasheet(PDF) 6 Page - California Eastern Labs

Part # PS7160L-2A-A
Description  8-PIN DIP, 600V BREAK DOWN VOLTAGE 2-cH Optical Coupled MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS7160L-2A-A Datasheet(HTML) 6 Page - California Eastern Labs

Back Button PS7160L-2A-A Datasheet HTML 2Page - California Eastern Labs PS7160L-2A-A Datasheet HTML 3Page - California Eastern Labs PS7160L-2A-A Datasheet HTML 4Page - California Eastern Labs PS7160L-2A-A Datasheet HTML 5Page - California Eastern Labs PS7160L-2A-A Datasheet HTML 6Page - California Eastern Labs PS7160L-2A-A Datasheet HTML 7Page - California Eastern Labs PS7160L-2A-A Datasheet HTML 8Page - California Eastern Labs PS7160L-2A-A Datasheet HTML 9Page - California Eastern Labs PS7160L-2A-A Datasheet HTML 10Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
PS7160-2A,PS7160L-2A
TYPICAL CHARACTERISTICS (TA = 25 °C, unless otherwise specified)
100
85
75
50
25
0
–25
20
60
80
100
40
0
Ambient Temperature TA (˚C)
AMBIENT TEMPERATURE
MAXIMUM FORWARD CURRENT vs.
100
85
75
50
25
0
–25
25
75
100
125
50
0
150
Ambient Temperature TA (˚C)
AMBIENT TEMPERATURE
MAXIMUM LOAD CURRENT vs.
IF = 50 mA
30 mA
20 mA
10 mA
5 mA
1 mA
100
75
50
25
0
–25
1.4
1.6
0.8
1.2
1.0
Ambient Temperature TA (˚C)
AMBIENT TEMPERATURE
FORWARD VOLTAGE vs.
f = 1 MHz
120
100
80
60
40
20
50
150
200
250
100
0
Applied Voltage VD (V)
APPLIED VOLTAGE
OUTPUT CAPACITANCE vs.
Applied Voltage VD (V)
OFF-STATE LEAKAGE CURRENT vs.
APPLIED VOLTAGE
IF = 10 mA
Load Voltage VL (V)
LOAD CURRENT vs. LOAD VOLTAGE
–2.0
2.0
–4.0
4.0
0
50
150
100
–50
–150
–100
600
500
300
100
0
200
400
10
–3
10
–4
10
–5
10
–6
10
–7
10
–8
10
–9
TA = 85 ˚C
25 ˚C
Data Sheet PN10290EJ01V1DS
6


Similar Part No. - PS7160L-2A-A

ManufacturerPart #DatasheetDescription
logo
NEC
PS7160L-2A-E3 NEC-PS7160L-2A-E3 Datasheet
72Kb / 6P
   8-PIN DIP, 600 V BREAK DOWN VOLTAGE 2-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7160L-2A-E3 RENESAS-PS7160L-2A-E3 Datasheet
221Kb / 15P
   8-PIN DIP, 600 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE
PS7160L-2A-E3 RENESAS-PS7160L-2A-E3 Datasheet
228Kb / 15P
   8-PIN DIP, 600 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 2-ch Optical Coupled MOS FET
logo
NEC
PS7160L-2A-E4 NEC-PS7160L-2A-E4 Datasheet
72Kb / 6P
   8-PIN DIP, 600 V BREAK DOWN VOLTAGE 2-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7160L-2A-E4 RENESAS-PS7160L-2A-E4 Datasheet
221Kb / 15P
   8-PIN DIP, 600 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE
More results

Similar Description - PS7160L-2A-A

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS71221 CEL-PS71221 Datasheet
72Kb / 7P
   6 AND 8 PIN DIP, 200 V BREAK DOWN VOLTAGE 1-CH, 2-CH OPTICAL COUPLED MOSFET
logo
NEC
PS7160-2A NEC-PS7160-2A Datasheet
72Kb / 6P
   8-PIN DIP, 600 V BREAK DOWN VOLTAGE 2-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7142-2A CEL-PS7142-2A Datasheet
339Kb / 11P
   8-PIN DIP, 400 V BREAK DOWN VOLTAGE 2-ch Optical Coupled MOS FET
logo
NEC
PS7111-2A NEC-PS7111-2A Datasheet
71Kb / 12P
   8-PIN DIP, 100 V BREAK DOWN VOLTAGE 2-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7141-2A CEL-PS7141-2A Datasheet
345Kb / 10P
   8-PIN DIP, 400 V BREAK DOWN VOLTAGE 2-ch Optical Coupled MOS FET
logo
NEC
PS7221-2A NEC-PS7221-2A_01 Datasheet
60Kb / 6P
   8 PIN SOP 200 V BREAK DOWN VOLTAGE 2-CH OPTICAL COUPLED MOSFET
logo
California Eastern Labs
PS7221-2A CEL-PS7221-2A Datasheet
59Kb / 6P
   8 PIN SOP 200 V BREAK DOWN VOLTAGE 2-CH OPTICAL COUPLED MOSFET
logo
NEC
PS7122-1A NEC-PS7122-1A Datasheet
81Kb / 12P
   6, 8-PIN DIP, 200 V BREAK DOWN VOLTAGE 1-ch, 2-ch Optical Coupled MOS FET
PS7122A-1B NEC-PS7122A-1B Datasheet
76Kb / 7P
   6, 8 PIN DIP 250 V BREAK DOWN VOLTAGE NORMALLY CLOSED TYPE 1-CH, 2-CH OPTICAL COUPLED MOSFET
PS7122A-1C NEC-PS7122A-1C Datasheet
74Kb / 12P
   8-PIN DIP, 250 V BREAK DOWN VOLTAGE, TRANSFER TYPE 2-ch Optical Coupled MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com