Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6443A Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL6443A
Description  300kHz Dual, 180째 Out-of-Phase, Step-Down PWM and Single Linear Controller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6443A Datasheet(HTML) 1 Page - Intersil Corporation

  ISL6443A Datasheet HTML 1Page - Intersil Corporation ISL6443A Datasheet HTML 2Page - Intersil Corporation ISL6443A Datasheet HTML 3Page - Intersil Corporation ISL6443A Datasheet HTML 4Page - Intersil Corporation ISL6443A Datasheet HTML 5Page - Intersil Corporation ISL6443A Datasheet HTML 6Page - Intersil Corporation ISL6443A Datasheet HTML 7Page - Intersil Corporation ISL6443A Datasheet HTML 8Page - Intersil Corporation ISL6443A Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1
®
FN6600.1
ISL6443A
300kHz Dual, 180° Out-of-Phase, Step-Down
PWM and Single Linear Controller
The ISL6443A is a high-performance, triple-output controller
optimized for converting wall adapter, battery or network
intermediate bus DC input supplies into the system supply
voltages required for a wide variety of applications. Each
output is adjustable down to 0.8V. The two PWMs are
synchronized at 180° out of phase, thus reducing the RMS
input current and ripple voltage.
The ISL6443A incorporates several protection features. An
adjustable overcurrent protection circuit monitors the output
current by sensing the voltage drop across the lower
MOSFET. Hiccup mode overcurrent operation protects the
DC/DC components from damage during output
overload/short circuit conditions. Each PWM has an
independent logic-level shutdown input (SD1 and SD2).
A single PGOOD signal is issued when soft-start is complete
on both PWM controllers and their outputs are within 10% of
the set point and the linear regulator output is greater than
75% of its setpoint. Thermal shutdown circuitry turns off the
device if the junction temperature exceeds +150°C.
Features
• Wide Input Supply Voltage Range
- Variable 5.6V to 24V
- Fixed 4.5V to 5.6V
• Three Independently Programmable Output Voltages
• Switching Frequency . . . . . . . . . . . . . . . . . . . . . . . 300kHz
• Out of Phase PWM Controller Operation
- Reduces Required Input Capacitance and Power
Supply Induced Loads
• No External Current Sense Resistor
- Uses Lower MOSFET’s rDS(ON)
• Bidirectional Frequency Synchronization for
Synchronizing Multiple ISL6443As
• Programmable Soft-Start
• Extensive Circuit Protection Functions
- PGOOD
-UVLO
- Overcurrent
- Over-temperature
- Independent Shutdown for Both PWMs
• Excellent Dynamic Response
- Voltage Feed-Forward with Current Mode Control
• QFN Packages:
- QFN - Compliant to JEDEC PUB95 MO-220
QFN - Quad Flat No Leads - Package Outline
- Near Chip Scale Package Footprint, which Improves
PCB Efficiency and has a Thinner Profile
• Pb-Free (RoHS Compliant)
Applications
• Power Supplies with Multiple Outputs
• xDSL Modems/Routers
• DSP, ASIC, and FPGA Power Supplies
• Set-Top Boxes
• Dual Output Supplies for DSP, Memory, Logic, µP Core
and I/O
• Telecom Systems
Ordering Information
PART
NUMBER
PART
MARKING
TEMP.
RANGE
(°C)
PACKAGE
PKG.
DWG. #
ISL6443AIRZ*
(See Note)
6443A IRZ
-40 to +85 28 Ld 5x5 QFN
(Pb-free)
L28.5x5
ISL6443AIVZ*
(See Note)
6443A IVZ
-40 to +85 28 Ld TSSOP
(Pb-free)
M28.173
Add “-TK” suffix for tape and reel. Please refer to TB347 for details
on reel specifications.
NOTE: These Intersil Pb-free plastic packaged products employ
special Pb-free material sets; molding compounds/die attach
materials and 100% matte tin plate PLUS ANNEAL - e3 termination
finish, which is RoHS compliant and compatible with both SnPb and
Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed
the Pb-free requirements of IPC/JEDEC J STD-020.
Data Sheet
December 7, 2007
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2007. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - ISL6443A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6443A RENESAS-ISL6443A Datasheet
944Kb / 20P
   300kHz Dual, 180째 Out-of-Phase, Step-Down PWM and Single Linear Controller
ISL6443AIRZ RENESAS-ISL6443AIRZ Datasheet
944Kb / 20P
   300kHz Dual, 180째 Out-of-Phase, Step-Down PWM and Single Linear Controller
ISL6443AIVZ RENESAS-ISL6443AIVZ Datasheet
944Kb / 20P
   300kHz Dual, 180째 Out-of-Phase, Step-Down PWM and Single Linear Controller
More results

Similar Description - ISL6443A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6402 RENESAS-ISL6402 Datasheet
837Kb / 19P
   300kHz Dual, 180째 Out-of-Phase, Step-Down PWM and Single Linear Controller
ISL6443 RENESAS-ISL6443 Datasheet
831Kb / 18P
   300kHz Dual, 180째 Out-of-Phase, Step-Down PWM and Single Linear Controller
logo
Intersil Corporation
ISL6443 INTERSIL-ISL6443_06 Datasheet
349Kb / 18P
   300kHz Dual, 180째 Out-of-Phase, Step- Down PWM and Single Linear Controller
logo
Renesas Technology Corp
ISL6443A RENESAS-ISL6443A Datasheet
944Kb / 20P
   300kHz Dual, 180째 Out-of-Phase, Step-Down PWM and Single Linear Controller
ISL6440 RENESAS-ISL6440 Datasheet
692Kb / 15P
   300kHz Dual, 180째 Out-of-Phase, Step-Down PWM Controller
ISL6441 RENESAS-ISL6441 Datasheet
851Kb / 19P
   1.4MHz Dual, 180째 Out-of-Phase, Step-Down PWM and Single Linear Controller
logo
Intersil Corporation
ISL9440 INTERSIL-ISL9440 Datasheet
979Kb / 20P
   Triple, 180째 Out-of-Phase, Step-Down PWM and Single Linear Controller
logo
Renesas Technology Corp
ISL9440 RENESAS-ISL9440 Datasheet
1Mb / 20P
   Triple, 180째 Out-of-Phase, Step-Down PWM and Single Linear Controller
logo
Intersil Corporation
ISL6402 INTERSIL-ISL6402 Datasheet
422Kb / 19P
   300kHz Dual, 180 Degree Out-of-Phase, Step-Down PWM and Single Linear Controller
ISL6443 INTERSIL-ISL6443 Datasheet
397Kb / 18P
   300kHz Dual, 180 Degree Out-of-Phase, Step-Down PWM and Single Linear Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com