Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL22316WMUEP Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL22316WMUEP
Description  Low Noise, Low Power I2C짰 Bus, 128 Taps
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL22316WMUEP Datasheet(HTML) 3 Page - Intersil Corporation

  ISL22316WMUEP Datasheet HTML 1Page - Intersil Corporation ISL22316WMUEP Datasheet HTML 2Page - Intersil Corporation ISL22316WMUEP Datasheet HTML 3Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems.
Intersil Corporation’s quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
FN6622.0
December 17, 2007
ISL22316WMUEP
Mini Small Outline Plastic Packages (MSOP)
NOTES:
1. These package dimensions are within allowable dimensions of
JEDEC MO-187BA.
2. Dimensioning and tolerancing per ANSI Y14.5M-1994.
3. Dimension “D” does not include mold flash, protrusions or gate
burrs and are measured at Datum Plane. Mold flash, protrusion
and gate burrs shall not exceed 0.15mm (0.006 inch) per side.
4. Dimension “E1” does not include interlead flash or protrusions
and are measured at Datum Plane.
Interlead flash and
protrusions shall not exceed 0.15mm (0.006 inch) per side.
5. Formed leads shall be planar with respect to one another within
0.10mm (.004) at seating Plane.
6. “L” is the length of terminal for soldering to a substrate.
7. “N” is the number of terminal positions.
8. Terminal numbers are shown for reference only.
9. Dimension “b” does not include dambar protrusion. Allowable
dambar protrusion shall be 0.08mm (0.003 inch) total in excess
of “b” dimension at maximum material condition. Minimum space
between protrusion and adjacent lead is 0.07mm (0.0027 inch).
10. Datums
and
to be determined at Datum plane
.
11. Controlling dimension: MILLIMETER. Converted inch dimen-
sions are for reference only
L
0.25
(0.010)
L1
R1
R
4X
θ
4X
θ
GAUGE
PLANE
SEATING
PLANE
E
E1
N
12
TOP VIEW
INDEX
AREA
-C-
-B-
0.20 (0.008)
A B C
SEATING
PLANE
0.20 (0.008)
C
0.10 (0.004)
C
-A-
-H-
SIDE VIEW
b
e
D
A
A1
A2
-B-
END VIEW
0.20 (0.008)
C D
E1
CL
C
a
- H -
-A -
- B -
- H -
M10.118 (JEDEC MO-187BA)
10 LEAD MINI SMALL OUTLINE PLASTIC PACKAGE
SYMBOL
INCHES
MILLIMETERS
NOTES
MIN
MAX
MIN
MAX
A
0.037
0.043
0.94
1.10
-
A1
0.002
0.006
0.05
0.15
-
A2
0.030
0.037
0.75
0.95
-
b
0.007
0.011
0.18
0.27
9
c
0.004
0.008
0.09
0.20
-
D
0.116
0.120
2.95
3.05
3
E1
0.116
0.120
2.95
3.05
4
e
0.020 BSC
0.50 BSC
-
E
0.187
0.199
4.75
5.05
-
L
0.016
0.028
0.40
0.70
6
L1
0.037 REF
0.95 REF
-
N10
10
7
R
0.003
-
0.07
-
-
R1
0.003
-
0.07
-
-
5o
15o
5o
15o
-
α
0o
6o
0o
6o
-
Rev. 0 12/02
θ


Similar Part No. - ISL22316WMUEP

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL22316WMUEP INTERSIL-ISL22316WMUEP Datasheet
103Kb / 3P
   Low Noise, Low Power I2C짰 Bus, 128 Taps
November 11, 2011
ISL22316WMUEP INTERSIL-ISL22316WMUEP Datasheet
103Kb / 3P
   Specifications per DSCC VID V62/08603-01XB
logo
Renesas Technology Corp
ISL22316WMUEP RENESAS-ISL22316WMUEP Datasheet
206Kb / 3P
   Single Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power I2C Bus, 128 Taps
November 11, 2011
More results

Similar Description - ISL22316WMUEP

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL22346WMVEP INTERSIL-ISL22346WMVEP Datasheet
99Kb / 3P
   Low Noise, Low Power I2C짰 Bus, 128 Taps
ISL22326WMVEP INTERSIL-ISL22326WMVEP Datasheet
101Kb / 3P
   Low Noise, Low Power, I2C짰 Bus, 128 Taps
ISL22316WMUEP INTERSIL-ISL22316WMUEP Datasheet
103Kb / 3P
   Low Noise, Low Power I2C짰 Bus, 128 Taps
November 11, 2011
ISL22313TFU10Z INTERSIL-ISL22313TFU10Z Datasheet
620Kb / 15P
   Low Noise, Low Power, I2C짰 Bus, 256 Taps
July 17, 2007
ISL22426 INTERSIL-ISL22426 Datasheet
627Kb / 15P
   Low Noise, Low Power, SPI Bus, 128 Taps
ISL22316UFU10Z INTERSIL-ISL22316UFU10Z Datasheet
605Kb / 16P
   Low Noise, Low Power I2C??Bus,128 Taps
August 14, 2015
ISL22317TFRTZ INTERSIL-ISL22317TFRTZ Datasheet
600Kb / 15P
   Low Noise, Low Power, I2C??Bus, 128 Taps
April 15, 2010
ISL22326UFV14Z INTERSIL-ISL22326UFV14Z Datasheet
612Kb / 17P
   Low Noise, Low Power, I2C™ Bus, 128 Taps
September 9, 2015
ISL22326WMVEP INTERSIL-ISL22326WMVEP Datasheet
103Kb / 3P
   Low Noise, Low Power, I2C® Bus, 128 Taps
November 11, 2011
ISL22346WMVEP INTERSIL-ISL22346WMVEP Datasheet
101Kb / 3P
   Low Noise, Low Power I2C® Bus, 128 Taps
November 11, 2011
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com