Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VN610SP-E Datasheet(PDF) 2 Page - STMicroelectronics

Part # VN610SP-E
Description  SINGLE CHANNEL HIGH SIDE DRIVER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN610SP-E Datasheet(HTML) 2 Page - STMicroelectronics

  VN610SP-E Datasheet HTML 1Page - STMicroelectronics VN610SP-E Datasheet HTML 2Page - STMicroelectronics VN610SP-E Datasheet HTML 3Page - STMicroelectronics VN610SP-E Datasheet HTML 4Page - STMicroelectronics VN610SP-E Datasheet HTML 5Page - STMicroelectronics VN610SP-E Datasheet HTML 6Page - STMicroelectronics VN610SP-E Datasheet HTML 7Page - STMicroelectronics VN610SP-E Datasheet HTML 8Page - STMicroelectronics VN610SP-E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
VN610SP-E
2/18
Figure 2. Block Diagram
Table 3. Absolute Maximum Ratings
Symbol
Parameter
Value
Unit
VCC
DC supply voltage
41
V
-VCC
Reverse DC supply voltage
-0.3
V
- IGND
DC reverse ground pin current
-200
mA
IOUT
DC output current
Internally limited
A
- IOUT
Reverse DC output current
-50
A
IIN
DC input current
+/- 10
mA
VCSENSE
Current sense maximum voltage
-3
+15
V
V
VESD
Electrostatic Discharge (Human Body Model:
R=1.5K
Ω; C=100pF)
- INPUT
- CURRENT SENSE
- OUTPUT
- VCC
4000
2000
5000
5000
V
V
V
V
EMAX
Maximum Switching Energy
(L=0.05mH; RL=0Ω; Vbat=13.5V; Tjstart=150ºC;
IL=75A)
193
mJ
Ptot
Power dissipation at TC<25°C
139
W
Tj
Junction operating temperature
Internally limited
°C
Tc
Case operating temperature
-40 to 150
°C
TSTG
Storage temperature
-55 to 150
°C
LOGIC
UNDERVOLTAGE
OVERVOLTAGE
OVERTEMP.
ILIM
PwCLAMP
K
IOUT
GND
INPUT
VCC
OUTPUT
CURRENT
SENSE
DRIVER
VCC
CLAMP
VDSLIM


Similar Part No. - VN610SP-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN610SP STMICROELECTRONICS-VN610SP Datasheet
72Kb / 10P
   SINGLE CHANNEL HIGH SIDE SOLID STATE RELAY
VN610SP.E STMICROELECTRONICS-VN610SP.E Datasheet
1Mb / 22P
   for car body applications
More results

Similar Description - VN610SP-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN920PEP-E STMICROELECTRONICS-VN920PEP-E Datasheet
427Kb / 18P
   SINGLE CHANNEL HIGH SIDE DRIVER
VN920-12-E STMICROELECTRONICS-VN920-12-E Datasheet
1Mb / 23P
   Single-channel high side driver
logo
Texas Instruments
UCC27517A-Q1 TI1-UCC27517A-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   Single-Channel High-Speed Low-Side Gate Driver
UCC27511_1209 TI1-UCC27511_1209 Datasheet
1Mb / 32P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver
logo
STMicroelectronics
VN5160STR-E STMICROELECTRONICS-VN5160STR-E Datasheet
383Kb / 31P
   Single channel high side driver for automotive applications
VN5025AJ-E STMICROELECTRONICS-VN5025AJ-E Datasheet
526Kb / 31P
   Single channel high side driver with analog sense
VN5050J-E STMICROELECTRONICS-VN5050J-E_07 Datasheet
543Kb / 31P
   Single channel high side driver for automotive applications
VN5050J-E STMICROELECTRONICS-VN5050J-E Datasheet
494Kb / 23P
   Single channel high side driver for automotive applications
VN5160S-E STMICROELECTRONICS-VN5160S-E Datasheet
450Kb / 31P
   Single channel high side driver for automotive applications
logo
Texas Instruments
UCC27511 TI1-UCC27511 Datasheet
1Mb / 24P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com