Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS9851-2 Datasheet(PDF) 5 Page - California Eastern Labs

Part # PS9851-2
Description  HIGH NOISE REDUCTION, 15 Mbps CMOS OUTPUT TYPE 8-PIN SSOP PHOTOCOUPLER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS9851-2 Datasheet(HTML) 5 Page - California Eastern Labs

  PS9851-2 Datasheet HTML 1Page - California Eastern Labs PS9851-2 Datasheet HTML 2Page - California Eastern Labs PS9851-2 Datasheet HTML 3Page - California Eastern Labs PS9851-2 Datasheet HTML 4Page - California Eastern Labs PS9851-2 Datasheet HTML 5Page - California Eastern Labs PS9851-2 Datasheet HTML 6Page - California Eastern Labs PS9851-2 Datasheet HTML 7Page - California Eastern Labs PS9851-2 Datasheet HTML 8Page - California Eastern Labs PS9851-2 Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
PS9851-1,-2
ELECTRICAL
CHARACTERISTICS (TA =
−40 to +100°C, VDD = 4.5 to 5.5 V, unless otherwise
specified)
Parameter
Symbol
Conditions
MIN.
TYP.
*1
MAX.
Unit
Forward Voltage
VF
IF = 10 mA, TA = 25
°C
1.6
1.9
V
Reverse Current
IR
VR = 3 V, TA = 25
°C
10
µA
Diode
Terminal Capacitance
Ct
V = 0 V, f = 1 MHz, TA = 25
°C
30
pF
High Level Supply Current
IDDH
IF = 0 mA (1ch)
2.5
5
Low Level Supply Current
IDDL
IF = 10 mA (1ch)
2
5
mA/ch
High Level Output Voltage
VOH
IO =
−20
µA, IF = 0 mA
4.0
5.0
Detector
Low Level Output Voltage
*2
VOL
IO = 20
µA, IF = 10 mA
0
0.1
V
Threshold Input Current
IFHL
VO < 1 V
2.8
6
mA
Isolation Resistance
RI-O
VI-O = 1 kVDC, RH = 40 to 60%,
TA = 25
°C
10
11
Isolation Capacitance
CI-O
V = 0 V, f = 1 MHz, TA = 25
°C
0.6
pF
Propagation Delay Time
(H
→ L) *3
tPHL
34
60
Propagation Delay Time
(L
→ H) *3
tPLH
37
60
Pulse Width
PW
100
Pulse Width Distortion
(PWD)
*3
⏐tPHL−tPLH
3
30
Propagation Delay Skew
tPSK
40
Rise Time
tr
4
Fall Time
tf
IF = 10 mA, VDD = 5 V,
CL = 15 pF, CMOS Levels
4
ns
Common Mode
Transient Immunity at
High Level Output
*4
CMH
VDD = 5 V, IF = 0 mA,
VCM = 1 kV, VO > 4 V, TA = 25
°C
10
20
Coupled
Common Mode
Transient Immunity at
Low Level Output
*4
CML
VDD = 5 V, IF = 10 mA,
VCM = 1 kV, VO < 1 V, TA = 25
°C
10
20
kV/
µs
*1 Typical values at TA = 25
°C
*2 Because VOL of 2 V or more may be output when LED current input and when output supply, it is important to
confirm the characteristics (operation with the power supply on and off) during design, before using this device.
Data Sheet PN10493EJ02V0DS
5


Similar Part No. - PS9851-2

ManufacturerPart #DatasheetDescription
logo
NEC
PS9851-2 NEC-PS9851-2 Datasheet
91Kb / 10P
   HIGH NOISE REDUCTION, 15 Mbps CMOS OUTPUT TYPE 8-PIN SSOP PHOTOCOUPLER
logo
California Eastern Labs
PS9851-2 CEL-PS9851-2 Datasheet
259Kb / 15P
   HIGH NOISE REDUCTION, 15 Mbps CMOS OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
logo
Renesas Technology Corp
PS9851-2 RENESAS-PS9851-2 Datasheet
278Kb / 15P
   HIGH NOISE REDUCTION, 15 Mbps CMOS OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
logo
NEC
PS9851-2-A NEC-PS9851-2-A Datasheet
91Kb / 10P
   HIGH NOISE REDUCTION, 15 Mbps CMOS OUTPUT TYPE 8-PIN SSOP PHOTOCOUPLER
logo
California Eastern Labs
PS9851-2-A CEL-PS9851-2-A Datasheet
259Kb / 15P
   HIGH NOISE REDUCTION, 15 Mbps CMOS OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
More results

Similar Description - PS9851-2

ManufacturerPart #DatasheetDescription
logo
NEC
PS9851-1 NEC-PS9851-1 Datasheet
91Kb / 10P
   HIGH NOISE REDUCTION, 15 Mbps CMOS OUTPUT TYPE 8-PIN SSOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9851-1 RENESAS-PS9851-1_15 Datasheet
278Kb / 15P
   HIGH NOISE REDUCTION, 15 Mbps CMOS OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
logo
California Eastern Labs
PS9851-1_V1 CEL-PS9851-1_V1 Datasheet
259Kb / 15P
   HIGH NOISE REDUCTION, 15 Mbps CMOS OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
PS9351L CEL-PS9351L Datasheet
737Kb / 8P
   HIGH NOISE REDUCTION, 15 Mbps CMOS OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
PS9151 CEL-PS9151 Datasheet
240Kb / 14P
   HIGH NOISE REDUCTION, 15 Mbps CMOS OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
logo
Renesas Technology Corp
PS9151 RENESAS-PS9151_15 Datasheet
267Kb / 14P
   HIGH NOISE REDUCTION, 15 Mbps CMOS OUTPUT TYPE, 5-PIN SOP (SO-5) PHOTOCOUPLER
PS9351L RENESAS-PS9351L Datasheet
165Kb / 15P
   HIGH NOISE REDUCTION, 15 Mbps CMOS OUTPUT TYPE 8mm CREEPAGE 6-PIN SDIP PHOTOCOUPLER
Apr 24, 2015
logo
NEC
PS9611 NEC-PS9611 Datasheet
82Kb / 5P
   HIGH NOISE REDUCTION/HIGH-SPEED 10 Mbps, TOTEM-POLE OUTPUT TYPE 8-PIN DIP PHOTOCOUPLER
logo
California Eastern Labs
PS8821-1 CEL-PS8821-1_1 Datasheet
444Kb / 16P
   1 Mbps ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
PS9611 CEL-PS9611 Datasheet
414Kb / 12P
   HIGH NOISE REDUCTION, HIGH-SPEED 10 Mbps TOTEM POLE OUTPUT TYPE 8-PIN DIP PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com