Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FMXJ-2164S Datasheet(PDF) 3 Page - Sanken electric

Part # FMXJ-2164S
Description  Ultra-Fast-Recovery Rectifier Diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

FMXJ-2164S Datasheet(HTML) 3 Page - Sanken electric

  FMXJ-2164S Datasheet HTML 1Page - Sanken electric FMXJ-2164S Datasheet HTML 2Page - Sanken electric FMXJ-2164S Datasheet HTML 3Page - Sanken electric FMXJ-2164S Datasheet HTML 4Page - Sanken electric FMXJ-2164S Datasheet HTML 5Page - Sanken electric FMXJ-2164S Datasheet HTML 6Page - Sanken electric FMXJ-2164S Datasheet HTML 7Page - Sanken electric FMXJ-2164S Datasheet HTML 8Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Ultra-Fast-Recovery Rectifier Diode
FMXJ-2164S
September, 2005
Sanken Electric Co.,Ltd.
D01-001EA-050912
§2.
Package information
2-1 Package type, physical dimensions and material
Dimensions in mm
2-2 Marking
Marking
Type Name
Type Name
Polarity
Lot number
FMXJ-2164S
XJ2164
1st letter: Last digit of year
2nd letter: Month From 1 to 9 for Jan. to Sep.,
O for Oct., N for Nov., D for Dec.
3rd & 4th letter: Day
ex. 5208 (February 8, 2005)
*1
*2
10.0
2.6
4.2
2.8
0.45
C 0.5
指示 なき 公差± 0.2
tolerance - ±0.2
2.54
1.35
0.85
2.54
φ3.3
4.0
8.4
0.8
3.9
16.9
(13.5)
1
2
3
3/8


Similar Part No. - FMXJ-2164S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FMX-008P102 ETC2-FMX-008P102 Datasheet
3Mb / 39P
   Code for Special Contacts
FMX-008S102 ETC2-FMX-008S102 Datasheet
3Mb / 39P
   Code for Special Contacts
logo
Gulf Semiconductor
FMX-05D GULFSEMI-FMX-05D Datasheet
68Kb / 2P
   Ultra fast Plastic Power Rectifiers VOLTAGE: 200V CURRENT: 5.0A
FMX-10D GULFSEMI-FMX-10D Datasheet
115Kb / 2P
   Ultra fast Plastic Power Rectifiers VOLTAGE: 200V CURRENT: 10.0A
logo
Sanken electric
FMX-1106S SANKEN-FMX-1106S Datasheet
147Kb / 4P
   Silicon Diode
More results

Similar Description - FMXJ-2164S

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
U5A2CIC KEC-U5A2CIC_07 Datasheet
42Kb / 2P
   ULTRA FAST RECOVERY RECTIFIER DIODE
U10A4CIC KEC-U10A4CIC_07 Datasheet
446Kb / 2P
   ULTRA FAST RECOVERY RECTIFIER DIODE
U20A4CI KEC-U20A4CI Datasheet
370Kb / 2P
   ULTRA FAST RECOVERY RECTIFIER DIODE
SMAU1G KEC-SMAU1G_07 Datasheet
439Kb / 2P
   ULTRA FAST RECOVERY RECTIFIER DIODE
logo
Unisonic Technologies
BYR79 UTC-BYR79 Datasheet
166Kb / 3P
   ULTRA FAST-RECOVERY RECTIFIER DIODE
logo
KEC(Korea Electronics)
U5A6CD KEC-U5A6CD Datasheet
349Kb / 2P
   ULTRA FAST RECOVERY RECTIFIER DIODE
U10A6CDC KEC-U10A6CDC Datasheet
349Kb / 2P
   ULTRA FAST RECOVERY RECTIFIER DIODE
U8A6CD KEC-U8A6CD Datasheet
357Kb / 2P
   ULTRA FAST RECOVERY RECTIFIER DIODE
U10A3CIC KEC-U10A3CIC_15 Datasheet
444Kb / 2P
   ULTRA FAST RECOVERY RECTIFIER DIODE
U10A6CIC KEC-U10A6CIC Datasheet
352Kb / 2P
   ULTRA FAST RECOVERY RECTIFIER DIODE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com