Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLBD1060 Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TLBD1060
Description  Panel Circuit Indicator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLBD1060 Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TLBD1060 Datasheet HTML 1Page - Toshiba Semiconductor TLBD1060 Datasheet HTML 2Page - Toshiba Semiconductor TLBD1060 Datasheet HTML 3Page - Toshiba Semiconductor TLBD1060 Datasheet HTML 4Page - Toshiba Semiconductor TLBD1060 Datasheet HTML 5Page - Toshiba Semiconductor TLBD1060 Datasheet HTML 6Page - Toshiba Semiconductor TLBD1060 Datasheet HTML 7Page - Toshiba Semiconductor TLBD1060 Datasheet HTML 8Page - Toshiba Semiconductor TLBD1060 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
TL(BD,EGD)1060(T18)
2007-10-01
5
Packaging
These LED devices are packed in an aluminum envelope with a silica gel and a moisture indicator to avoid
moisture absorption. The optical characteristics of the devices may be affected by exposure to moisture in the air
before soldering and they should therefore be stored under the following conditions:
1. This moisture proof bag may be stored unopened within 12 months at the following conditions.
Temperature: 5
°C~30°C
Humidity: 90% (max)
2. After opening the moisture proof bag, the devices should be assembled within 168 hours in an environment of
5°C to 30°C/60% RH or below.
3. If upon opening, the moisture indicator card shows humidity 30% or above (Color of indication changes to
pink) or the expiration date has passed, the devices should be baked in taping with reel.
After baking, use the baked devices within 72 hours, but perform baking only once.
Baking conditions: 60
±5°C, for 12 to 24 hours.
Expiration date: 12 months from sealing date, which is imprinted on the same side as this label affixed.
4. Repeated baking can cause the peeling strength of the taping to change, then leads to trouble in mounting.
Furthermore, prevent the devices from being destructed against static electricity for baking of it.
5. If the packing material of laminate would be broken, the hermeticity would deteriorate. Therefore, do not
throw or drop the packed devices.
Mounting Method
Soldering
• Reflow soldering
• The products are evaluated using above reflow soldering conditions. No additional test is performed exceed the
condition (i.e. the condition more than (*)MAX values) as a evaluation. Please perform reflow soldering under
the above conditions.
• Please perform the first reflow soldering with reference to the above temperature profile and within 168 h of
opening the package.
• Second reflow soldering
In case of second reflow soldering should be performed within 168 h of the first reflow under the above
conditions.
Storage conditions before the second reflow soldering: 30
°C, 60% RH (max)
• Make any necessary soldering corrections manually.
(only once at each soldering point)
Soldering iron: 25 W
Temperature : 300
°C or less
Time
: within 3 s
• Do not perform wave soldering.
Recommended soldering pattern
60~120 s
10 s max
240
°C max
4
°C/s max
140~160
°C
4
°C/s max
Time (s)
Temperature profile for Pb soldering (example)
Time (s)
Temperature profile for Pb-free soldering (example)
150~180
°C
4
°C/s max
5 s max
260
°C max
4
°C/s max
230
°C
60~120 s
(*)
(*)
(*)
(*)
(*)
(*)
(*)
(*)
max
(*)
max
(*)
max
(*)
30~50s max
(*)
max
(*)
0.8
1.2
1.0
Unit: mm
0.8


Similar Part No. - TLBD1060

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
TLBD1050 MARKTECH-TLBD1050 Datasheet
210Kb / 8P
   TOSHIBA LED Lamp
TLBD1052 MARKTECH-TLBD1052 Datasheet
303Kb / 11P
   TOSHIBA LED Lamp
More results

Similar Description - TLBD1060

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLGC160 TOSHIBA-TLGC160 Datasheet
182Kb / 4P
   PANEL CIRCUIT INDICATOR
TLGD262 TOSHIBA-TLGD262 Datasheet
184Kb / 4P
   PANEL CIRCUIT INDICATOR
TLRM1108 TOSHIBA-TLRM1108 Datasheet
328Kb / 15P
   Panel Circuit Indicator
TLOE17T TOSHIBA-TLOE17T Datasheet
180Kb / 8P
   Panel Circuit Indicator
TLRH180P TOSHIBA-TLRH180P Datasheet
143Kb / 4P
   Panel Circuit Indicator
S4F42Q1 TOSHIBA-S4F42Q1 Datasheet
313Kb / 8P
   PANEL CIRCUIT INDICATOR
TLRMK37TPK53MT1 TOSHIBA-TLRMK37TPK53MT1 Datasheet
372Kb / 7P
   Panel Circuit Indicator
TLWJ1100 TOSHIBA-TLWJ1100 Datasheet
278Kb / 9P
   Panel Circuit Indicator
TLFGE19CP TOSHIBA-TLFGE19CP Datasheet
205Kb / 3P
   Panel Circuit Indicator
TLRH1032 TOSHIBA-TLRH1032 Datasheet
302Kb / 17P
   Panel Circuit Indicator
TLRH1106 TOSHIBA-TLRH1106 Datasheet
327Kb / 14P
   Panel Circuit Indicator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com