Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS74701DRCT Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS74701DRCT
Description  500mA Low-Dropout Linear Regulator with Programmable Soft-Start
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS74701DRCT Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS74701DRCT Datasheet HTML 7Page - Texas Instruments TPS74701DRCT Datasheet HTML 8Page - Texas Instruments TPS74701DRCT Datasheet HTML 9Page - Texas Instruments TPS74701DRCT Datasheet HTML 10Page - Texas Instruments TPS74701DRCT Datasheet HTML 11Page - Texas Instruments TPS74701DRCT Datasheet HTML 12Page - Texas Instruments TPS74701DRCT Datasheet HTML 13Page - Texas Instruments TPS74701DRCT Datasheet HTML 14Page - Texas Instruments TPS74701DRCT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
www.ti.com
DROPOUT VOLTAGE
Reference
SimplifiedBlock Diagram
V
OUT
OUT
BIAS
FB
IN
V
IN
V
=3.3V
5%
BIAS
±
V
=3.3V
5V
V
=1.5V
I
=1.5A
Efficiency=45%
IN
OUT
OUT
±
C
OUT
PROGRAMMABLE SOFT-START
Reference
SimplifiedBlock Diagram
V
OUT
OUT
BIAS
FB
IN
V
=5V
5%
BIAS
±
V
=1.8V
V
=1.5V
I
=1.5A
Efficiency=83%
IN
OUT
OUT
C
OUT
t
=
SS
(V
C
)
´
REF
SS
I
SS
(1)
t
=
SSCL
(V
C
)
´
OUT(NOM)
OUT
I
CL(MIN)
(2)
TPS74701
SBVS099A – NOVEMBER 2007 – REVISED NOVEMBER 2007
The TPS74701 offers very low dropout performance,
making it well-suited for high-current, low VIN/low
VOUT applications. The low dropout of the TPS74701
allows the device to be used in place of a dc/dc
converter and still achieve good efficiency. This
feature
provides
designers
with
the
power
architecture for their applications to achieve the
smallest, simplest, and lowest cost solution.
There are two different specifications for dropout
voltage with the TPS74701. The first specification
(shown in Figure 25) is referred to as VIN Dropout and
is used when an external bias voltage is applied to
achieve low dropout. This specification assumes that
VBIAS is at least 1.62V
(1) above V
OUT, which is the
Figure 26. Typical Application of the TPS74701
case for VBIAS when powered by a 3.3V rail with 5%
Without an Auxiliary Bias Rail
tolerance and with VOUT = 1.5V. If VBIAS is higher than
VOUT +1.62V
(1), V
IN dropout is less than specified.
The TPS74701 features a programmable, monotonic,
voltage-controlled
soft-start
that
is
set
with
an
external capacitor (CSS). This feature is important for
many applications because it eliminates power-up
initialization problems when powering FPGAs, DSPs,
or other processors. The controlled voltage ramp of
the output also reduces peak inrush current during
start-up, minimizing start-up transient events to the
input power bus.
To achieve a linear and monotonic soft-start, the
TPS74701 error amplifier tracks the voltage ramp of
the external soft-start capacitor until the voltage
exceeds the internal reference. The soft-start ramp
Figure 25. Typical Application of the TPS74701
time depends on the soft-start charging current (ISS),
Using an Auxiliary Bias Rail
soft-start
capacitance
(CSS),
and
the
internal
reference voltage (VREF), and can be calculated using
The second specification (shown in Figure 26) is
Equation 1:
referred
to
as
VBIAS Dropout and applies to
applications where IN and BIAS are tied together.
This option
allows
the
device
to
be
used
in
applications where an auxiliary bias voltage is not
If large output capacitors are used, the device current
available or low dropout is not required. Dropout is
limit (ICL) and the output capacitor may set the
limited by BIAS in these applications because VBIAS
start-up time. In this case, the start-up time is given
provides the gate drive to the pass FET; therefore,
by Equation 2:
VBIAS must be 1.39V above VOUT. Because of this
usage, IN and BIAS tied together easily consume
huge power. Pay attention not to exceed the power
rating of the IC package.
where:
VOUT(NOM) is the nominal output voltage,
COUT is the output capacitance, and
ICL(MIN) is the minimum current limit for the device.
In applications where monotonic startup is required,
the soft-start time given by Equation 1 should be set
greater than Equation 2.
(1)
1.62V is a test condition of this device and can be adjusted by
referring to Figure 8.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TPS74701


Similar Part No. - TPS74701DRCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS74701DRCT TI1-TPS74701DRCT Datasheet
900Kb / 24P
[Old version datasheet]   500mA Low-Dropout Linear Regulator with Programmable Soft-Start
TPS74701DRCT TI-TPS74701DRCT Datasheet
903Kb / 24P
[Old version datasheet]   500mA Low-Dropout Linear Regulator with Programmable Soft-Start
TPS74701DRCT TI1-TPS74701DRCT Datasheet
1Mb / 30P
[Old version datasheet]   500-mA Low-Dropout Linear Regulator
TPS74701DRCT TI-TPS74701DRCT Datasheet
2Mb / 38P
[Old version datasheet]   TPS74701 500-mA, Low-Dropout Linear Regulator With Programmable Soft-Start
REVISED APRIL 2023
TPS74701DRCTG4 TI1-TPS74701DRCTG4 Datasheet
900Kb / 24P
[Old version datasheet]   500mA Low-Dropout Linear Regulator with Programmable Soft-Start
More results

Similar Description - TPS74701DRCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS74701DRCRG4 TI1-TPS74701DRCRG4 Datasheet
900Kb / 24P
[Old version datasheet]   500mA Low-Dropout Linear Regulator with Programmable Soft-Start
TPS74701DRCTG4 TI-TPS74701DRCTG4 Datasheet
903Kb / 24P
[Old version datasheet]   500mA Low-Dropout Linear Regulator with Programmable Soft-Start
TPS749XX TI-TPS749XX Datasheet
836Kb / 27P
[Old version datasheet]   3.0A Low Dropout Linear Regulator with Programmable Soft-Start
TPS749XX TI-TPS749XX_08 Datasheet
978Kb / 26P
[Old version datasheet]   3.0A Low Dropout Linear Regulator with Programmable Soft-Start
logo
Diodes Incorporated
AP7173 DIODES-AP7173 Datasheet
399Kb / 15P
   1.5A LOW DROPOUT LINEAR REGULATOR WITH PROGRAMMABLE SOFT-START
AP7173 Rev. 4
logo
Texas Instruments
TPS74901 TI1-TPS74901 Datasheet
799Kb / 27P
[Old version datasheet]   3.0A Low Dropout Linear Regulator with Programmable Soft-Start
TPS74801DRCRG4 TI1-TPS74801DRCRG4 Datasheet
1Mb / 28P
[Old version datasheet]   1.5A Low-Dropout Linear Regulator with Programmable Soft-Start
TPS74801-Q1 TI1-TPS74801-Q1_13 Datasheet
1Mb / 29P
[Old version datasheet]   1.5 A Low-Dropout Linear Regulator with Programmable Soft-Start
TPS74701-Q1 TI1-TPS74701-Q1 Datasheet
724Kb / 24P
[Old version datasheet]   500-mA LOW-DROPOUT LINEAR REGULATOR WITH PROGRAMMABLE SOFT-START
TPS74901 TI1-TPS74901_16 Datasheet
1Mb / 36P
[Old version datasheet]   3-A Low Dropout Linear Regulator With Programmable Soft-Start
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com