Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC5943RHBT Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5943RHBT
Description  16-Channel, 16-Bit PWM LED Driver with 7-Bit Global Brightness Control
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5943RHBT Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLC5943RHBT Datasheet HTML 7Page - Texas Instruments TLC5943RHBT Datasheet HTML 8Page - Texas Instruments TLC5943RHBT Datasheet HTML 9Page - Texas Instruments TLC5943RHBT Datasheet HTML 10Page - Texas Instruments TLC5943RHBT Datasheet HTML 11Page - Texas Instruments TLC5943RHBT Datasheet HTML 12Page - Texas Instruments TLC5943RHBT Datasheet HTML 13Page - Texas Instruments TLC5943RHBT Datasheet HTML 14Page - Texas Instruments TLC5943RHBT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
www.ti.com
GS0
0A
GS15
15B
GS15
14B
GS15
13B
GS15
12B
GS15
11B
GS0
3B
GS0
2B
GS0
1B
GS0
0B
GS15
15A
GS15
14A
GS15
13A
GS15
12A
GS15
11A
GS15
10A
GS0
3A
GS0
2A
GS0
1A
GS0
0A
GS15
15B
LOD
15
LOD
14
LOD
13
LOD
12
LOD
11
LOD
10
LOD
9
T
SU0
T
H0
T
H1
T
WH0
T
WL0
T
WH0
T
WL0
t
D0
t
D1
t
D2
t
D2
t
OUTON
t
D3
t
OUTON
t
D4
t
OUTON
t
D5
t
OUTON
t
D3
t
D4
t
D5
t /t
R0 F0
253
1
2
3
4
5
254
255
256
T
WH1
T
H2
T
H3
T
SU6
PreviousData
LatestData
SIN
SCLK
65,536
GSCLK
XLAT
BLANK
LatchedData
forGrayscale
(Internal)
SOUT
OFF
ON
OFF
ON
OFF
ON
OFF
ON
T
WH1
T
SU2
t
R1
t
F1
TurningoffoutputswiththeBLANKsignal(allGSdataaregreaterthan0300h):
TurningoffoutputswithGSCLK(allGSdataaresetto0001h):
(V
H)
OUTn
(V
L)
OUTn
OUT
0,4,8,12
OUT
1,5,9,13
OUT
2,6,10,14
OUT
3,7,11,15
OFF
ON
OFF
ON
OFF
ON
OFF
ON
OUT
0,4,8,12
OUT
1,5,9,13
OUT
2,6,10,14
OUT
3,7,11,15
T
SU1
t
=t
T
-
ON_ERR
OUTON
GSCLK
IfGSdata=FFFFh(65535d)
BCSEL
T
SU3
T
SU4
65,534 65,535
65,538
65,537
T
GSCLK
TLC5943
SBVS101 – DECEMBER 2007
Figure 11. Grayscale Data Write and Constant Current Output Timing
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TLC5943


Similar Part No. - TLC5943RHBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5943RHBT TI1-TLC5943RHBT Datasheet
1Mb / 40P
[Old version datasheet]   16-Channel, 16-Bit PWM LED Driver with 7-Bit Global Brightness Control
TLC5943RHBT TI1-TLC5943RHBT Datasheet
1Mb / 40P
[Old version datasheet]   16-Channel, 16-Bit PWM LED Driver with 7-Bit Global Brightness Control
More results

Similar Description - TLC5943RHBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5943 TI1-TLC5943_17 Datasheet
1Mb / 40P
[Old version datasheet]   16-Channel, 16-Bit PWM LED Driver with 7-Bit Global Brightness Control
TLC5943 TI1-TLC5943_16 Datasheet
1Mb / 40P
[Old version datasheet]   16-Channel, 16-Bit PWM LED Driver with 7-Bit Global Brightness Control
TLC59482 TI1-TLC59482 Datasheet
1Mb / 34P
[Old version datasheet]   16-Channel, 16-Bit, PWM LED Driver with 6-Bit Global Brightness Control
TLC5929 TI1-TLC5929 Datasheet
651Kb / 36P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with 7-Bit Global Brightness Control, Power-Save Mode
TLC5951-DIE TI1-TLC5951-DIE Datasheet
185Kb / 5P
[Old version datasheet]   24-CHANNEL, 12-BIT PWM LED DRIVER WITH 7-BIT DOT CORRECTION AND 3-GROUP, 8-BIT GLOBAL BRIGHTNESS CONTROL
TLC5951 TI1-TLC5951 Datasheet
1Mb / 46P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver with 7-Bit Dot Correction and 3-Group, 8-Bit Global Brightness Control
TLC5951 TI1-TLC5951_17 Datasheet
1Mb / 50P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver With 7-Bit Dot Correction and 3-Group, 8-Bit Global Brightness Control
logo
Integrated Silicon Solu...
IS31FL3726 ISSI-IS31FL3726 Datasheet
436Kb / 13P
   16-BIT COLOR LED DRIVER WITH PWM CONTROL
IS31FL3726-QFLS2 ISSI-IS31FL3726-QFLS2 Datasheet
436Kb / 14P
   16-BIT COLOR LED DRIVER WITH PWM CONTROL
logo
Texas Instruments
TLC5942 TI-TLC5942 Datasheet
1Mb / 33P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 7-Bit Dot Correction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com