Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA3106D1 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPA3106D1
Description  40-W MONO CLASS-D AUDIO POWER AMPLIFIER
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA3106D1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPA3106D1 Datasheet HTML 7Page - Texas Instruments TPA3106D1 Datasheet HTML 8Page - Texas Instruments TPA3106D1 Datasheet HTML 9Page - Texas Instruments TPA3106D1 Datasheet HTML 10Page - Texas Instruments TPA3106D1 Datasheet HTML 11Page - Texas Instruments TPA3106D1 Datasheet HTML 12Page - Texas Instruments TPA3106D1 Datasheet HTML 13Page - Texas Instruments TPA3106D1 Datasheet HTML 14Page - Texas Instruments TPA3106D1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
www.ti.com
0
5
10
15
20
25
10
11
12
13
14
SupplyVoltage – V
THD+N=10%
THD+N=1%
R =4
Gain=20dB
L
W
V
-SupplyVoltage-V
CC
10
12
14
16
18
20
22
24
26
THD+N=10%
THD+N=1%
R =8
Gain=20dB
L
W
5
10
15
20
25
30
35
40
45
PLACEHOLDER
0
10
20
30
40
50
60
70
80
90
0.1
3
7
11
15
19
23
PowerOut – W
R =4
V
=12V
L
W
CC
PLACEHOLDER
0
10
20
30
40
50
60
70
80
90
0.1
3
7
15
11
19
23
27
31
35
39
PowerOut – W
100
V
=18V
CC
V
=12V
CC
R =6
L
W
TPA3106D1
SLOS516A – OCTOBER 2007 – REVISED NOVEMBER 2007
OUTPUT POWER
OUTPUT POWER
vs
vs
SUPPLY VOLTAGE
SUPPLY VOLTAGE
Figure 15.
Figure 16.
EFFICIENCY
EFFICIENCY
vs
vs
OUTPUT POWER (BTL)
OUTPUT POWER (BTL)
Figure 17.
Figure 18.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TPA3106D1


Similar Part No. - TPA3106D1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3106D1 TI1-TPA3106D1 Datasheet
1Mb / 36P
[Old version datasheet]   40-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3106D1EVM TI1-TPA3106D1EVM Datasheet
1Mb / 36P
[Old version datasheet]   40-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3106D1VFP TI1-TPA3106D1VFP Datasheet
1Mb / 36P
[Old version datasheet]   40-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3106D1VFPG4 TI1-TPA3106D1VFPG4 Datasheet
1Mb / 36P
[Old version datasheet]   40-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3106D1VFPR TI1-TPA3106D1VFPR Datasheet
1Mb / 36P
[Old version datasheet]   40-W MONO CLASS-D AUDIO POWER AMPLIFIER
More results

Similar Description - TPA3106D1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3106D1EVM TI1-TPA3106D1EVM Datasheet
1Mb / 36P
[Old version datasheet]   40-W MONO CLASS-D AUDIO POWER AMPLIFIER
logo
Micro Electronics
TMPA2155DM MICRO-ELECTRONICS-TMPA2155DM_07 Datasheet
221Kb / 13P
   2.7-W MONO CLASS-D AUDIO POWER AMPLIFIER
logo
List of Unclassifed Man...
TMPA401DM ETC-TMPA401DM Datasheet
222Kb / 12P
   15-W MONO CLASS-D AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA3007D1 TI-TPA3007D1_15 Datasheet
609Kb / 24P
[Old version datasheet]   6.5-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3001D1 TI-TPA3001D1 Datasheet
381Kb / 26P
[Old version datasheet]   20 W MONO CLASS D AUDIO POWER AMPLIFIER
TPA032D03 TI-TPA032D03 Datasheet
339Kb / 24P
[Old version datasheet]   10-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA032D01 TI-TPA032D01_07 Datasheet
540Kb / 25P
[Old version datasheet]   10-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA032D03 TI-TPA032D03_07 Datasheet
571Kb / 27P
[Old version datasheet]   10-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3001D1 TI-TPA3001D1_07 Datasheet
651Kb / 28P
[Old version datasheet]   20-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3007D1 TI1-TPA3007D1_17 Datasheet
654Kb / 24P
[Old version datasheet]   6.5-W MONO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com