Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P2103NVG Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # P2103NVG
Description  N- & P-Channel Enhancement Mode Field Effect Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

P2103NVG Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

  P2103NVG Datasheet HTML 1Page - List of Unclassifed Manufacturers P2103NVG Datasheet HTML 2Page - List of Unclassifed Manufacturers P2103NVG Datasheet HTML 3Page - List of Unclassifed Manufacturers P2103NVG Datasheet HTML 4Page - List of Unclassifed Manufacturers P2103NVG Datasheet HTML 5Page - List of Unclassifed Manufacturers P2103NVG Datasheet HTML 6Page - List of Unclassifed Manufacturers P2103NVG Datasheet HTML 7Page - List of Unclassifed Manufacturers P2103NVG Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
MAY-21-2004
N- & P-Channel Enhancement Mode
Field Effect Transistor
P2103NVG
SOP-8
Lead-Free
NIKO-SEM
SOIC-8 (D) MECHANICAL DATA
mm
mm
Dimension
Min.
Typ.
Max.
Dimension
Min.
Typ.
Max.
A
4.8
4.9
5.0
H
0.5
0.715
0.83
B
3.8
3.9
4.0
I
0.18
0.254
0.25
C
5.8
6.0
6.2
J
0.22
D
0.38
0.445
0.51
K
0
°
4
°
8
°
E
1.27
L
F
1.35
1.55
1.75
M
G
0.1
0.175
0.25
N


Similar Part No. - P2103NVG

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
P2103NVG VBSEMI-P2103NVG Datasheet
1Mb / 14P
   N- and P-Channel 30 V (D-S) MOSFET
More results

Similar Description - P2103NVG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P6803NAG ETC2-P6803NAG Datasheet
127Kb / 8P
   N- & P-Channel Enhancement Mode Field Effect Transistor
logo
NIKO SEMICONDUCTOR CO.,...
PA500CA NIKOSEM-PA500CA Datasheet
319Kb / 7P
   N- & P-Channel Enhancement Mode Field Effect Transistor
PA110NV NIKOSEM-PA110NV Datasheet
345Kb / 7P
   N- & P-Channel Enhancement Mode Field Effect Transistor
PD601CX NIKOSEM-PD601CX Datasheet
456Kb / 7P
   N- & P-Channel Enhancement Mode Field Effect Transistor
PZ607UZ NIKOSEM-PZ607UZ Datasheet
488Kb / 7P
   N- & P-Channel Enhancement Mode Field Effect Transistor
P5506NV NIKOSEM-P5506NV Datasheet
340Kb / 7P
   N- & P-Channel Enhancement Mode Field Effect Transistor
PK615CA NIKOSEM-PK615CA Datasheet
557Kb / 9P
   N- & P-Channel Enhancement Mode Field Effect Transistor
REV1.1
logo
List of Unclassifed Man...
P6503NJG ETC2-P6503NJG Datasheet
239Kb / 8P
   N- & P-Channel Enhancement Mode Field Effect Transistor
P6503NJ ETC1-P6503NJ Datasheet
475Kb / 8P
   N&P-Channel Enhancement Mode Field Effect Transistor
P3503QVG ETC-P3503QVG Datasheet
540Kb / 8P
   N- & P-Channel Enhancement Mode Field Effect Transistor
logo
NIKO SEMICONDUCTOR CO.,...
PB502CW NIKOSEM-PB502CW Datasheet
393Kb / 7P
   N- & P-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com