Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS4100H Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # DS4100H
Description  100MHz HCSL Clock Generator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS4100H Datasheet(HTML) 5 Page - Maxim Integrated Products

  DS4100H Datasheet HTML 1Page - Maxim Integrated Products DS4100H Datasheet HTML 2Page - Maxim Integrated Products DS4100H Datasheet HTML 3Page - Maxim Integrated Products DS4100H Datasheet HTML 4Page - Maxim Integrated Products DS4100H Datasheet HTML 5Page - Maxim Integrated Products DS4100H Datasheet HTML 6Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
100MHz HCSL Clock Generator
_______________________________________________________________________________________
5
Pin Description
PIN
NAME
FUNCTION
1
OE
Output Enable. On-chip pullup resistor. If connected to logic-high or left open, the clock output is
enabled. If connected to logic-low, the output is three-stated.
2
RREF
Connect a 475
±1% resistor from RREF to ground.
3
GND
Ground
4
OUTP
Positive Clock Output. Requires a series resistor and a pulldown resistor.
5
OUTN
Negative Clock Output. Requires a series resistor and a pulldown resister.
6
VCC
+3.3V Supply Input. Device power can range from 3.135V to 3.465V.
7–10
N.C.
No Connection
EP
Exposed Paddle. The exposed pad must be used for thermal relief. This pad can be connected to
ground.
OUTPUT
BUFFER
RECEIVER
RS
Z0
CL
Z0 = 50
Ω, 35in LENGTH
RT
RT
RT = 50
Ω
RS
OUTP
OUTN
RS = 0
Ω FOR TEST, 0 TO 33Ω TO MINIMIZE RINGING IN APPLICATION.
CL = SIMULATES RECEIVER INPUT CAPACITANCE FOR TEST ONLY.
OUTP
OUTN
Z0
CL
CL = 2pF
Figure 2. Typical Termination for HCSL Driver and Test Conditions
OE
OUTP
tPZH
tPZ
0.7 x VCC
0.3 x VCC
GND
GND
OUTN
tPZL
Figure 3. HCSL Output Timing Diagram When OE is Enabled and Disabled


Similar Part No. - DS4100H

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS4106 MAXIM-DS4106 Datasheet
123Kb / 7P
   106.25MHz/212.5MHz/425MHz Clock Oscillators
Rev 0; 7/07
DS4106 MAXIM-DS4106 Datasheet
126Kb / 7P
   106.25MHz/212.5MHz/425MHz Clock Oscillators
Rev 1; 10/07
DS4106AN++ MAXIM-DS4106AN+ Datasheet
123Kb / 7P
   106.25MHz/212.5MHz/425MHz Clock Oscillators
Rev 0; 7/07
DS4106AN++ MAXIM-DS4106AN+ Datasheet
126Kb / 7P
   106.25MHz/212.5MHz/425MHz Clock Oscillators
Rev 1; 10/07
DS4106AN++ MAXIM-DS4106AN+ Datasheet
142Kb / 8P
   106.25MHz/212.5MHz/425MHz Clock Oscillators
Rev 2; 4/08
More results

Similar Description - DS4100H

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3N3002 ONSEMI-NB3N3002_17 Datasheet
87Kb / 8P
   HCSL Clock Generator
May, 2017 ??Rev. 7
NB3N3002 ONSEMI-NB3N3002_13 Datasheet
126Kb / 8P
   HCSL Clock Generator
October, 2013 ??Rev. 6
logo
Integrated Device Techn...
8413S12B IDT-8413S12B Datasheet
845Kb / 33P
   HCSL/ LVCMOS Clock Generator
logo
Renesas Technology Corp
8413S12B RENESAS-8413S12B Datasheet
1Mb / 34P
   HCSL/ LVCMOS Clock Generator
August 18, 2016
8413S12BI-126 RENESAS-8413S12BI-126 Datasheet
952Kb / 30P
   HCSL/ LVCMOS Clock Generator
January 7, 2016
logo
Integrated Device Techn...
8413S12BI IDT-8413S12BI Datasheet
591Kb / 33P
   HCSL/ LVCMOS Clock Generator
logo
ON Semiconductor
NB3N5573 ONSEMI-NB3N5573_16 Datasheet
86Kb / 8P
   Dual HCSL Clock Generator
July, 2016 ??Rev. 10
logo
Integrated Device Techn...
8413S12BI-126 IDT-8413S12BI-126 Datasheet
754Kb / 29P
   HCSL/ LVCMOS Clock Generator
logo
ON Semiconductor
NB3N51034 ONSEMI-NB3N51034 Datasheet
397Kb / 9P
   Quad HCSL/LVDS Clock Generator
October, 2013 ??Rev. 1
NB3N51032 ONSEMI-NB3N51032 Datasheet
290Kb / 13P
   Dual HCSL/LVDS Clock Generator
July, 2014 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com