Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM26LV31C Datasheet(PDF) 7 Page - Texas Instruments

Part # AM26LV31C
Description  LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE DRIVERS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM26LV31C Datasheet(HTML) 7 Page - Texas Instruments

Back Button AM26LV31C_07 Datasheet HTML 3Page - Texas Instruments AM26LV31C_07 Datasheet HTML 4Page - Texas Instruments AM26LV31C_07 Datasheet HTML 5Page - Texas Instruments AM26LV31C_07 Datasheet HTML 6Page - Texas Instruments AM26LV31C_07 Datasheet HTML 7Page - Texas Instruments AM26LV31C_07 Datasheet HTML 8Page - Texas Instruments AM26LV31C_07 Datasheet HTML 9Page - Texas Instruments AM26LV31C_07 Datasheet HTML 10Page - Texas Instruments AM26LV31C_07 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
www.ti.com
PARAMETER MEASUREMENT INFORMATION
Input
tPZL
tPLZ
VCC
50%
50%
0 V
Output
VOL
50%
VOLTAGE WAVEFORMS
Voff ≈VCC
0.3 V
NOTES: A. CL includes probe and jig capacitance.
B. The input pulse is supplied by a generator having the following characteristics: PRR = 1 MHz, ZO = 50 Ω, 50% duty cycle,
tr and tf (10% to 90%) ≤ 2 ns.
C. To test the active-low enable G, ground G and apply an inverted waveform to G.
S1
Generator
(see Note B)
50
VCC
RL = 110 Ω
CL = 15 pF
(see Note A)
VCC
(see Note C)
Output
TEST CIRCUIT
VCC
A
Y
Z
G
G
AM26LV31C, AM26LV31I
LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE DRIVERS
SLLS201G – MAY 1995 – REVISED MAY 2005
Figure 4. Test Circuit and Voltage Waveforms, tPZL and tPLZ
7


Similar Part No. - AM26LV31C_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM26LV31C TI-AM26LV31C_08 Datasheet
500Kb / 15P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE DRIVERS
More results

Similar Description - AM26LV31C_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM26LV31C TI-AM26LV31C Datasheet
247Kb / 12P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE DRIVERS
AM26LV31C TI-AM26LV31C_08 Datasheet
500Kb / 15P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE DRIVERS
AM26LV32C TI-AM26LV32C_08 Datasheet
671Kb / 22P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26LV32C TI-AM26LV32C Datasheet
523Kb / 21P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26LV31 TI-AM26LV31 Datasheet
113Kb / 8P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE DRIVER
REVISED DECEMBER 1999
AM26LV32 TI-AM26LV32 Datasheet
371Kb / 19P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE RECEIVER
SN65LBC174 TI-SN65LBC174 Datasheet
168Kb / 11P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVERS
SN55ALS194 TI-SN55ALS194 Datasheet
150Kb / 11P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVERS
SN75ALS194NSR TI-SN75ALS194NSR Datasheet
894Kb / 22P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVERS
SNJ55ALS194J TI-SNJ55ALS194J Datasheet
894Kb / 22P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com