Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TD62930P Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TD62930P
Description  THREE−CHANNEL SMALL−SIGNAL IGBT GATE DRIVER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TD62930P Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TD62930P_06 Datasheet HTML 1Page - Toshiba Semiconductor TD62930P_06 Datasheet HTML 2Page - Toshiba Semiconductor TD62930P_06 Datasheet HTML 3Page - Toshiba Semiconductor TD62930P_06 Datasheet HTML 4Page - Toshiba Semiconductor TD62930P_06 Datasheet HTML 5Page - Toshiba Semiconductor TD62930P_06 Datasheet HTML 6Page - Toshiba Semiconductor TD62930P_06 Datasheet HTML 7Page - Toshiba Semiconductor TD62930P_06 Datasheet HTML 8Page - Toshiba Semiconductor TD62930P_06 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
TD62930P/F
2006-06-14
3
ABSOLUTE MAXIMUM RATINGS (Ta = 25°C)
CHARACTERISTIC
PIN / PACKAGE
SYMBOL
RATING
UNIT
Power Supply Voltage
VCC
VCC
30
V
Power Supply Voltage
VDD
VDD
7
V
Input Voltage
IN1~3
VIN
−0.5~VDD + 0.5
V
0~20 (Ta = −20~85°C)
OUT−H1~3
VOUT (H)
0~30 (Ta = −20~70°C)
V
−0.5~20 (Ta = −20~85°C)
Output Voltage
OUT−L1~3
VOUT (L)
−0.5~30 (Ta = −20~70°C)
V
High−level Output Peak Current
OUT−H1~3
IOPH (Note 1)
−0.4
A / ch
Low−level Output Peak Current
OUT−L1~3
IOPL (Note 1)
+0.4
A / ch
Operating Frequency
IN1~3
f
25
kHz
DIP16
PD1 (Note 2)
1.47 (FREE AIR)
W
Power Dissipation
SSOP16
PD2 (Note 2)
0.78 (ON PCB)
W
Operating Ambient Temperature
Topr
−20~85
°C
Storage Temperature
Tstg
−55~150
°C
Note 1: Output pin current
The pulse width of the output pin current at peak is ≤ 1 µs, 300 pps.
Note 2: When ambient temperature exceeds 25°C
Derate the power dissipation of DIP−type devices at 11.76 mW / 1°C (device only) and
Derate the power dissipation of SMD−type devices at 6.24 mW / 1°C (mounted on the board).
RECOMMENDED OPERATING CONDITIONS
(Unless otherwise specified, Ta = −20 to 70°C)
CHARACTERISTIC
PIN
SYMBOL
TEST CONDITION
MIN
TYP.
MAX
UNIT
High level
VIH
3.5
Input Voltage
Low level
IN1~3
VIL
VCC = 15 V,
VDD = 4.5~5.5 V
1.0
V
High level
IIH
5
Input Current
Low level
IN1~3
IIL
VCC = 15 V,
VDD = 4.5~5.5 V
−5
mA
VCC
VCC
10
15
25
Input Power Supply Voltage
VDD
VDD
4.5
5.0
5.5
V
IOH (DC)
−0.1
OUT−H1~3
IOH (Peak)
VCC = 20 V, VDD = 4.5 V
−0.35
IOL (DC)
0.1
Output Current
OUT−L1~3
IOL (Peak)
VCC = 20 V, VDD = 4.5 V
0.35
A
VCC = 30 V, VDD = 5.5 V
−20
25
70
Operating Temperature
Topr
VCC = 20 V, VDD = 5.5 V
−20
25
85
°C


Similar Part No. - TD62930P_06

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TD62930PG TOSHIBA-TD62930PG Datasheet
345Kb / 12P
   THREE−CHANNEL SMALL−SIGNAL IGBT GATE DRIVER
More results

Similar Description - TD62930P_06

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TD62930PG TOSHIBA-TD62930PG Datasheet
345Kb / 12P
   THREE−CHANNEL SMALL−SIGNAL IGBT GATE DRIVER
TD62930P TOSHIBA-TD62930P Datasheet
325Kb / 9P
   THREE-CHANNEL SMALL-SIGNAL IGBT GATE DRIVER
logo
Rohm
BD6563FV-LB ROHM-BD6563FV-LB Datasheet
416Kb / 19P
   Three-Channel Small Signal IGBT/MOSFET Gate Drivers
logo
Toshiba Semiconductor
TA8483CP TOSHIBA-TA8483CP_06 Datasheet
389Kb / 22P
   Three−Phase All wave Driver IC
logo
Rohm
BD6562FV-LB ROHM-BD6562FV-LB Datasheet
581Kb / 19P
   Two-Channel/Three-Channel Small Signal IGBT/MOSFET Gate Drivers
logo
NTE Electronics
NTE455 NTE-NTE455 Datasheet
79Kb / 2P
   N−Channel Silicon Dual−Gate MOS Field Effect Transistor
logo
Toshiba Semiconductor
TD62783AFNG TOSHIBA-TD62783AFNG Datasheet
331Kb / 10P
   8CH HIGH−VOLTAGE HIGH SOURCE−CURRENT DRIVER
logo
Texas Instruments
DRV593 TI-DRV593 Datasheet
185Kb / 22P
[Old version datasheet]   3−A HIGH−EFFICIENCY PWM POWER DRIVER
logo
Toshiba Semiconductor
GT25G101 TOSHIBA-GT25G101_06 Datasheet
316Kb / 4P
   SILICON N−CHANNEL IGBT STROBE FLASH APPLICATIONS
GT25G101SM TOSHIBA-GT25G101SM_06 Datasheet
293Kb / 4P
   SILICON N−CHANNEL IGBT STROBE FLASH APPLICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com