Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TD62387AFG Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TD62387AFG
Description  8 Ch Low Input Active Darlington Sink Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TD62387AFG Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TD62387AFG Datasheet HTML 1Page - Toshiba Semiconductor TD62387AFG Datasheet HTML 2Page - Toshiba Semiconductor TD62387AFG Datasheet HTML 3Page - Toshiba Semiconductor TD62387AFG Datasheet HTML 4Page - Toshiba Semiconductor TD62387AFG Datasheet HTML 5Page - Toshiba Semiconductor TD62387AFG Datasheet HTML 6Page - Toshiba Semiconductor TD62387AFG Datasheet HTML 7Page - Toshiba Semiconductor TD62387AFG Datasheet HTML 8Page - Toshiba Semiconductor TD62387AFG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
TD62386,387,388APG/AFG
2007-07-03
3
Operating Conditions (Ta = −40~85°C)
Characteristic
Symbol
Condition
Min
Typ.
Max
Unit
Supply Voltage
VCC
4.5
5.0
5.5
V
Output Sustaining Voltage
VCE (SUS)
0
50
V
Output Current
IOUT
Tpw
= 25 ms, Duty = 10%
8 Circuits
0
270
mA/
ch
TD62386
−20
VCC
Input Voltage
TD62387
TD62388
VIN
0
5.5
V
Clamp Diode Reverse Voltage
VR
50
V
Clamp Diode Forward Current
IF
400
mA
APG
0.52
Power Dissipation
AFG
PD
(Note 1)
0.4
W
Note 1: On Glass Epoxy PCB (50
× 50 × 1.6 mm Cu 40%)
Electrical Characteristics (Ta
= 25°C)
Characteristic
Symbol
Test
Cir−
cuit
Test Condition
Min
Typ.
Max
Unit
Output Leakage Current
ICEX
1
VCC = 5.5 V, IIN = 0
VOUT = 50 V, Ta = 85°C
100
µA
Output Saturation Voltage
VCE (sat)
2
VCC = 4.5 V,
VIN = VIN (ON) MAX.
IOUT = 350 mA
1.4
2.0
V
TD62387
TD62388
VCC = 5.5 V, VIN = 0.4 V
−0.32
−0.45
Output
On
TD62386
IIN (ON)
3
VCC = 5.5 V, VIN = −20 V
−2.6
mA
Input
Current
Output
Off
Common to all
devices
IIN (OFF)
4
−4.0
µA
TD62386
VCC
− 2.8
Input Voltage
(Output on)
TD62387
TD62388
VIN (ON)
5
VCC
− 3.7
V
VR = 50 V, Ta = 25°C
50
Clamp Diode Reverse Current
IR
6
VR = 50 V, Ta = 85°C
100
µA
IF = 350 mA
2.0
Clamp Diode Forward Voltage
VF
7
IF = 280 mA
1.8
V
ICC (ON)
VCC = 5.5 V, VIN = 0
17
22
mA
Supply Current
ICC (OFF)
8
VCC = 5.5 V, VIN = VCC
100
µA
Turn−On Delay
tON
0.1
Turn−Off Delay
tOFF
9
VCC = 5 V, VOUT = 50 V
RL = 125 Ω, CL = 15 pF
3
µs


Similar Part No. - TD62387AFG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TD62387AF TOSHIBA-TD62387AF Datasheet
328Kb / 8P
   8CH LOW INPUT ACTIVE DARLINGTON SINK DRIVER
TD62387AFN TOSHIBA-TD62387AFN Datasheet
259Kb / 7P
   8CH LOW INPUT ACTIVE DARLINGTON SINK DRIVER
TD62387AFNG TOSHIBA-TD62387AFNG Datasheet
490Kb / 10P
   8 Ch Low Input Active Darlington Sink Driver
More results

Similar Description - TD62387AFG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TD62387AFNG TOSHIBA-TD62387AFNG Datasheet
490Kb / 10P
   8 Ch Low Input Active Darlington Sink Driver
TD62382AFN TOSHIBA-TD62382AFN Datasheet
206Kb / 5P
   8 LOW INPUT ACTIVE DARLINGTON SINK DRIVER
AD62384AP TOSHIBA-AD62384AP Datasheet
266Kb / 7P
   8CH LOW INPUT ACTIVE DARLINGTON SINK DRIVER
AD62386AP TOSHIBA-AD62386AP Datasheet
328Kb / 8P
   8CH LOW INPUT ACTIVE DARLINGTON SINK DRIVER
TD62304AFN TOSHIBA-TD62304AFN Datasheet
228Kb / 6P
   7CH LOW INPUT ACTIVE DARLINGTON SINK DRIVER
TD62304FB TOSHIBA-TD62304FB Datasheet
230Kb / 6P
   7CH LOW INPUT ACTIVE DARLINGTON SINK DRIVER
TD62387AFN TOSHIBA-TD62387AFN Datasheet
259Kb / 7P
   8CH LOW INPUT ACTIVE DARLINGTON SINK DRIVER
TD62304AFNG TOSHIBA-TD62304AFNG Datasheet
343Kb / 9P
   7CH LOW INPUT ACTIVE DARLINGTON SINK DRIVER
2006-06-13
logo
Cystech Electonics Corp...
CH-D3815PB CYSTEKEC-CH-D3815PB Datasheet
176Kb / 6P
   8-CH Darlington Sink Driver
logo
Toshiba Semiconductor
TD62308APA TOSHIBA-TD62308APA Datasheet
229Kb / 6P
   4CH LOW INPUT ACTIVE HIGH-CURRENT DARLINGTON SINK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com