Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TD62501PG Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # TD62501PG
Description  7ch Single Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TD62501PG Datasheet(HTML) 6 Page - Toshiba Semiconductor

Back Button TD62501PG Datasheet HTML 2Page - Toshiba Semiconductor TD62501PG Datasheet HTML 3Page - Toshiba Semiconductor TD62501PG Datasheet HTML 4Page - Toshiba Semiconductor TD62501PG Datasheet HTML 5Page - Toshiba Semiconductor TD62501PG Datasheet HTML 6Page - Toshiba Semiconductor TD62501PG Datasheet HTML 7Page - Toshiba Semiconductor TD62501PG Datasheet HTML 8Page - Toshiba Semiconductor TD62501PG Datasheet HTML 9Page - Toshiba Semiconductor TD62501PG Datasheet HTML 10Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
TD62501~507PG/FG
2006-06-14
6
IC – IB
IC – VCE
VBE – IB
VCE (sat) – IC
Base current IB (mA)
Collector-emitter voltage VCE (V)
Base current IB (mA)
Collector current IC (mA)
0
075
0.8
150
1.2
1.0
0.2
(2)
0.6
0.4
(3)
(1) Type-PG FREE AIR
(2) Type-FG ON PCB
30
× 30 × 1.6 mm Cu 50%
On glass Epoxy PCB
(3) Type-FG FREE AIR
100
25
(1)
50
125
PD – Ta
hFE – IC
Ambient temperature Ta (°C)
Collector current IC (mA)
0
0
0.4
80
0.8
120
100
20
60
40
VCE = 3 V
0.6
0.2
TD62501PG/FG
TD62505PG/FG
TD62507PG/FG
Emitter grounded
Ta
= 25°C
0
020
80
120
100
20
60
40
30
10
0.7
0.6
0.5
0.4
0.3
0.2
IB = 0.1 mA
TD62501PG/FG
TD62505PG/FG
TD62507PG/FG
Emitter grounded
Ta
= 25°C
TD62501PG/FG
TD62505PG/FG
TD62507PG/FG
Emitter grounded
Ta
= 25°C
0.2
0
0.4
0.8
1.0
0.8
0.6
0.4
0.6
0.2
VCE = 3 V
IC/IB = 25
0.001
0.1
3
100
1
0.3
0.03
0.01
30
1
0.1
TD62501PG/FG
TD62505PG/FG
TD62507PG/FG
Ta
= 25°C
0.003
0.3
10
VCE (sat)
IC/IB = 10
10
0.1
3
100
10000
3000
300
100
30
1
1000
TD62501PG/FG
TD62505PG/FG
TD62507PG/FG
Ta
= 25°C
30
0.3
10
hFE (VCE = 10 V)


Similar Part No. - TD62501PG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TD62501P TOSHIBA-TD62501P Datasheet
339Kb / 9P
   7 SINGLE DRIVER
More results

Similar Description - TD62501PG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TD62502FN TOSHIBA-TD62502FN Datasheet
211Kb / 5P
   7ch SINGLE DRIVER(COMMON EMITTER)
TD62503PA TOSHIBA-TD62503PA Datasheet
192Kb / 5P
   7CH SINGLE DRIVER : COMMON EMITTER
TD62504P-H TOSHIBA-TD62504P-H Datasheet
200Kb / 5P
   7CH SINGLE DRIVER : COMMON DMITTRER
TD62502FNG TOSHIBA-TD62502FNG Datasheet
144Kb / 8P
   7ch Single Driver: Common Emitter
TD62503FB TOSHIBA-TD62503FB Datasheet
194Kb / 5P
   7CH SINGLE DRIVER : COMMON EMITTER
TD62003FB TOSHIBA-TD62003FB Datasheet
293Kb / 7P
   7CH DARLINGTON SINK DRIVER
logo
Unisonic Technologies
ULN2004 UTC-ULN2004_10 Datasheet
212Kb / 8P
   7CH DARLINGTON SINK DRIVER
logo
Toshiba Semiconductor
TD62003PA TOSHIBA-TD62003PA Datasheet
334Kb / 9P
   7CH DARLINGTON SINK DRIVER
logo
Rohm
BD6757KN ROHM-BD6757KN Datasheet
232Kb / 6P
   7ch Stepping Motor Driver
logo
Toshiba Semiconductor
TD62008APG TOSHIBA-TD62008APG Datasheet
472Kb / 10P
   7CH DARLINGTON SINK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com