Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TD62308BP1G Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TD62308BP1G
Description  4CH LOW INPUT ACTIVE HIGE−CURRENT DARLINGTON SINK DRIVER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TD62308BP1G Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TD62308BP1G Datasheet HTML 1Page - Toshiba Semiconductor TD62308BP1G Datasheet HTML 2Page - Toshiba Semiconductor TD62308BP1G Datasheet HTML 3Page - Toshiba Semiconductor TD62308BP1G Datasheet HTML 4Page - Toshiba Semiconductor TD62308BP1G Datasheet HTML 5Page - Toshiba Semiconductor TD62308BP1G Datasheet HTML 6Page - Toshiba Semiconductor TD62308BP1G Datasheet HTML 7Page - Toshiba Semiconductor TD62308BP1G Datasheet HTML 8Page - Toshiba Semiconductor TD62308BP1G Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
TD62308BP1G/BFG
2006-06-13
2
Schematics (each driver)
Note :
The Output parasitic diodes cannot be used as clamp diodes.
Precautions for Using
(1) This IC does not include built-in protection circuits for excess current or overvoltage.
If this IC is subjected to excess current or overvoltage, it may be destroyed.
Hence, the utmost care must be taken when systems which incorporate this IC are designed.
Utmost care is necessary in the design of the output line, VCC, COMMON and GND line since IC may be
destroyed due to short−circuit between outputs, air contamination fault, or fault by improper grounding.
(2) If a TD62308BP-1/BF is being used to drive an inductive load (such as a motor, solenoid or relay), Toshiba
recommends that the diodes (pins 9 and 16) be connected to the secondary power supply pin so as to absorb
the counter electromotive force generated by the load. Please adhere to the device’s absolute maximum ratings.
Toshiba recommends that zener diodes be connected between the diodes (pins 9 and 16) and the secondary
power supply pin (as the anode) so as to enable rapid absorption of the counter electromotive force. Again,
please adhere to the device’s absolute maximum ratings.
Absolute Maximum Ratings (Ta = 25°C)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Supply Voltage
VCC
7
V
Output Sustaining Voltage
VCE (SUS)
−0.5~80
V
Parasitic Transistor Output Voltage
VCEF (Note 1)
80
V
Output Current
IOUT
1.5
A / ch
Input Current
IIN
−10
mA
Input Voltage
VIN
7
V
Clamp Diode Reverse Voltage
VR
80
V
Clamp Diode Forward Current
IF
1.5
A
BP1G
1.47 / 2.7
(Note 2)
Power Dissipation
BFG
PD
0.9 / 1.4
(Note 3)
W
Operating Temperature
Topr
−40~85
°C
Storage Temperature
Tstg
−55~150
°C
Note 1: Parasitic Transistor (COMMON - GND - OUTPUT) Output Voltage
Note 2: On Glass Epoxy PCB (50 × 50 × 1.6 mm Cu 50%)
Note 3: On Glass Epoxy PCB (60 × 30 × 1.6 mm Cu 30%)


Similar Part No. - TD62308BP1G

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TD62308BP-1 TOSHIBA-TD62308BP-1 Datasheet
297Kb / 8P
   4CH LOW INPUT ACTIVE HIGH-CURRENT DARLINGTON SINK DRIVER
More results

Similar Description - TD62308BP1G

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TD62308APG TOSHIBA-TD62308APG Datasheet
210Kb / 11P
   4ch Low Input Active High-Current Darlington Sink Driver
TD62308AP TOSHIBA-TD62308AP Datasheet
297Kb / 8P
   4CH LOW INPUT ACTIVE HIGH-CURRENT DARLINGTON SINK DRIVER
TD62308APA TOSHIBA-TD62308APA Datasheet
229Kb / 6P
   4CH LOW INPUT ACTIVE HIGH-CURRENT DARLINGTON SINK DRIVER
TD62318AP TOSHIBA-TD62318AP Datasheet
294Kb / 8P
   4CH LOW INPUT ACTIVE HIGH-CURRENT DARLINGTON SINK DRIVER
TD62308BP-1 TOSHIBA-TD62308BP-1 Datasheet
297Kb / 8P
   4CH LOW INPUT ACTIVE HIGH-CURRENT DARLINGTON SINK DRIVER
TD62064BP-1 TOSHIBA-TD62064BP-1_06 Datasheet
417Kb / 11P
   4CH HIGH−CURRENT DARLINGTON SINK DRIVER
TD62318BP TOSHIBA-TD62318BP Datasheet
292Kb / 8P
   4CH LOW INPUT ACTIVE HIGH-CURRENT DARLNGTON SINK DRIVER
TD62164AP TOSHIBA-TD62164AP Datasheet
282Kb / 7P
   4CH HIGH-CURRENT DARLINGTON SINK DRIVER
TD62064074P TOSHIBA-TD62064074P Datasheet
249Kb / 10P
   4CH HIHG-CURRENT DARLINGTON SINK DRIVER
TD62064BP1G TOSHIBA-TD62064BP1G Datasheet
237Kb / 11P
   4ch High-Current Darlington Sink Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com