Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TD62003AP Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TD62003AP
Description  7-channel Darlington Sink Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TD62003AP Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TD62003AP Datasheet HTML 1Page - Toshiba Semiconductor TD62003AP Datasheet HTML 2Page - Toshiba Semiconductor TD62003AP Datasheet HTML 3Page - Toshiba Semiconductor TD62003AP Datasheet HTML 4Page - Toshiba Semiconductor TD62003AP Datasheet HTML 5Page - Toshiba Semiconductor TD62003AP Datasheet HTML 6Page - Toshiba Semiconductor TD62003AP Datasheet HTML 7Page - Toshiba Semiconductor TD62003AP Datasheet HTML 8Page - Toshiba Semiconductor TD62003AP Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
TD62001~004AP/AF
2006-06-13
4
Electrical Characteristics (Ta = 25°C unless otherwise noted)
Characteristics
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
VCE = 50 V, Ta = 25°C
50
Ooutput leakage current
ICEX
1
VCE = 50 V, Ta = 85°C
100
µA
IOUT = 350 mA, IIN = 500 µA
1.3
1.6
IOUT = 200 mA, IIN = 350 µA
1.1
1.3
Collector−emitter saturation voltage
VCE (sat)
2
IOUT = 100 mA, IIN = 250 µA
0.9
1.1
V
DC current transfer ratio
hFE
2
VCE = 2 V, IOUT = 350 mA
1000
TD62002
VIN = 20 V, IOUT = 350 mA
1.1
1.7
TD62003
VIN = 2.4 V, IOUT = 350 mA
0.4
0.7
Input current (output on)
TD62004
IIN (ON)
3
VIN = 9.5 V, IOUT = 350 mA
0.8
1.2
mA
Input current (output off)
IIN (OFF)
4
IOUT = 500 µA, Ta = 85°C
50
65
µA
IOUT = 350 mA
13.7
TD62002
IOUT = 200 mA
11.4
IOUT = 350 mA
2.6
TD62003
IOUT = 200 mA
2.0
IOUT = 350 mA
4.7
Input voltage (output on)
TD62004
VIN (ON)
5
VCE = 2 V
hFE = 800
IOUT = 200 mA
4.4
V
VR = 50 V, Ta = 25°C
50
Clamp diode reverse current
IR
6
VR = 50 V, Ta = 85°C
100
µA
Clamp diode forward voltage
VF
7
IF = 350 mA
2.0
V
Input capacitance
CIN
15
pF
Turn−on delay
tON
8
VOUT = 50 V, RL = 125 Ω
CL = 15 pF
0.1
Turn−off delay
tOFF
8
VOUT = 50 V, RL = 125 Ω
CL = 15 pF
0.2
µs


Similar Part No. - TD62003AP

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TD62003AP TOSHIBA-TD62003AP Datasheet
339Kb / 13P
   7CH DARLINGTON SINK DRIVER
TD62003AP TOSHIBA-TD62003AP Datasheet
467Kb / 12P
   7CH DARLINGTON SINK DRIVER
TD62003APA TOSHIBA-TD62003APA Datasheet
277Kb / 9P
   7CH DARLINGTON SINK DRIVER
TD62003APA TOSHIBA-TD62003APA Datasheet
334Kb / 9P
   7CH DARLINGTON SINK DRIVER
TD62003APA TOSHIBA-TD62003APA Datasheet
278Kb / 10P
   7CH DARLINGTON SINK DRIVER
More results

Similar Description - TD62003AP

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TD62001APG TOSHIBA-TD62001APG_06 Datasheet
507Kb / 15P
   7-channel Darlington Sink Driver
TD62003APG TOSHIBA-TD62003APG Datasheet
577Kb / 13P
   7-channel Darlington Sink Driver
2009-10-01
ULQ2003AP TOSHIBA-ULQ2003AP Datasheet
237Kb / 11P
   7-ch Darlington Sink Driver
logo
Cystech Electonics Corp...
CH-D3715PA CYSTEKEC-CH-D3715PA Datasheet
172Kb / 6P
   7-CH Darlington Sink Driver
logo
Toshiba Semiconductor
ULN2003APG TOSHIBA-ULN2003APG Datasheet
374Kb / 13P
   7-ch Darlington Sink Driver
logo
NTE Electronics
NTE2011 NTE-NTE2011 Datasheet
23Kb / 3P
   Integrated Circuit 7-Channel Darlington Array/Driver
logo
Toshiba Semiconductor
TD62001 TOSHIBA-TD62001 Datasheet
339Kb / 13P
   7CH DARLINGTON SINK DRIVER
TD62001P TOSHIBA-TD62001P Datasheet
467Kb / 12P
   7CH DARLINGTON SINK DRIVER
TD62003PA TOSHIBA-TD62003PA Datasheet
277Kb / 9P
   7CH DARLINGTON SINK DRIVER
TD62101P TOSHIBA-TD62101P Datasheet
317Kb / 8P
   7CH DARLINGTON SINK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com