Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TD62001APG Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part No. TD62001APG
Description  7-channel Darlington Sink Driver
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

TD62001APG Datasheet(HTML) 4 Page - Toshiba Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
TD62001~004APG/AFG
2006-06-13
4
Electrical Characteristics (Ta = 25°C unless otherwise noted)
Characteristics
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
VCE = 50 V, Ta = 25°C
50
Ooutput leakage current
ICEX
1
VCE = 50 V, Ta = 85°C
100
µA
IOUT = 350 mA, IIN = 500 µA
1.3
1.6
IOUT = 200 mA, IIN = 350 µA
1.1
1.3
Collector−emitter saturation voltage
VCE (sat)
2
IOUT = 100 mA, IIN = 250 µA
0.9
1.1
V
DC current transfer ratio
hFE
2
VCE = 2 V, IOUT = 350 mA
1000
TD62002
VIN = 20 V, IOUT = 350 mA
1.1
1.7
TD62003
VIN = 2.4 V, IOUT = 350 mA
0.4
0.7
Input current (output on)
TD62004
IIN (ON)
3
VIN = 9.5 V, IOUT = 350 mA
0.8
1.2
mA
Input current (output off)
IIN (OFF)
4
IOUT = 500 µA, Ta = 85°C
50
65
µA
IOUT = 350 mA
13.7
TD62002
IOUT = 200 mA
11.4
IOUT = 350 mA
2.6
TD62003
IOUT = 200 mA
2.0
IOUT = 350 mA
4.7
Input voltage (output on)
TD62004
VIN (ON)
5
VCE = 2 V
hFE = 800
IOUT = 200 mA
4.4
V
VR = 50 V, Ta = 25°C
50
Clamp diode reverse current
IR
6
VR = 50 V, Ta = 85°C
100
µA
Clamp diode forward voltage
VF
7
IF = 350 mA
2.0
V
Input capacitance
CIN
15
pF
Turn−on delay
tON
8
VOUT = 50 V, RL = 125 Ω
CL = 15 pF
0.1
Turn−off delay
tOFF
8
VOUT = 50 V, RL = 125 Ω
CL = 15 pF
0.2
µs


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn