Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC9350BFN-T00 Datasheet(PDF) 9 Page - Toshiba Semiconductor

Part # TC9350BFN-T00
Description  USB Mouse Controller IC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC9350BFN-T00 Datasheet(HTML) 9 Page - Toshiba Semiconductor

Back Button TC9350BFN-T00 Datasheet HTML 5Page - Toshiba Semiconductor TC9350BFN-T00 Datasheet HTML 6Page - Toshiba Semiconductor TC9350BFN-T00 Datasheet HTML 7Page - Toshiba Semiconductor TC9350BFN-T00 Datasheet HTML 8Page - Toshiba Semiconductor TC9350BFN-T00 Datasheet HTML 9Page - Toshiba Semiconductor TC9350BFN-T00 Datasheet HTML 10Page - Toshiba Semiconductor TC9350BFN-T00 Datasheet HTML 11Page - Toshiba Semiconductor TC9350BFN-T00 Datasheet HTML 12Page - Toshiba Semiconductor TC9350BFN-T00 Datasheet HTML 13Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
TC9350BFN-T00,TC9350BFN-T01
2004-01-20
9
Maximum Ratings (Ta
= 25°C)
Characteristics
Symbol
Rating
Unit
Storage temperature range
Tstg
−40~
+ 150
°C
Operating ambient temperature range
TA
0~
+ 70
°C
Power supply voltage
VDD
−0.5~ + 5.5
V
DC input voltage
VIN
−0.5~
VDD + 0.25
V
DC output voltage at high impedance
VOUT
−0.5~
VDD + 0.25
V
LED output pin current
ILED
70
mA
VCNT output pin current
IVCNT
7
mA
SDIO output pin current
ISDIO
5
mA
SCK output pin current
ISCK
5
mA
Power consumption
PD
100
mW
Elector static destruction
VESD
MIL:
−2 k~ + 2 k
V
Latch up current
ILATCH
200
mA
Electrical Characteristics (Ta
= 25°C)
(1) General
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Power supply voltage 2
VDD
4.35
5.0
5.25
V
Power supply current
(normal operation)
IDD
IC only.
5
mA
Power supply current (suspend mode)
ISB
IC only.
250
µA
(2) USB interface
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Output High voltage
VOH
2.8
3.6
V
Output Low voltage
VOL
0.3
V
Differential signal input common mode
range
VCM
0.8
2.5
V
A receiving part single end input
threshold voltage
VSE
0.8
2.0
V
Data rising time
TR
C
= 350 pF (10% to 90%)
75
300
ns
Data falling time
TF
C
= 350 pF (10% to 90%)
75
300
ns
Rising/Falling matching
TLRFM
80
125
%
Output cross voltage
VCRS
1.3
2.0
V
Applied to pins DM, DP


Similar Part No. - TC9350BFN-T00

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC9301AN TOSHIBA-TC9301AN Datasheet
4Mb / 61P
   TC9301AN
TC9302AF TOSHIBA-TC9302AF Datasheet
3Mb / 42P
   DTS MICRO CONTROLLER CONTAINING LCD DRIVER
TC9304F TOSHIBA-TC9304F Datasheet
563Kb / 13P
   SINGLE CHIP DTS MICRO CONTROLLER WITH BUILT-IN PRESCALER.PLL.LCD DRIVER
TC9304F-011 TOSHIBA-TC9304F-011 Datasheet
200Kb / 3P
   SINGLE CHIP DTS MICRO CONTROLLER
TC9304F-027 TOSHIBA-TC9304F-027 Datasheet
129Kb / 3P
   SINGLE CHIP DTS MICRO CONTROLLER
More results

Similar Description - TC9350BFN-T00

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EKM8025 EMC-EKM8025 Datasheet
609Kb / 17P
   USB & PS/2 Mouse Controller
EKM8022 EMC-EKM8022 Datasheet
334Kb / 20P
   USB & PS/2 Mouse Controller
EKM8053 EMC-EKM8053 Datasheet
623Kb / 16P
   USB & PS/2 Optical Mouse Controller
EKM8050 EMC-EKM8050 Datasheet
487Kb / 9P
   USB & PS/2 Optical Mouse Controller
logo
List of Unclassifed Man...
MTP805 ETC1-MTP805 Datasheet
125Kb / 15P
   8051 Embedded USB/PS2 Keyboard/Mouse Controller
TP8833AP ETC-TP8833AP Datasheet
373Kb / 35P
   MOUSE CONTROLLER
logo
Holtek Semiconductor In...
HT6513 HOLTEK-HT6513 Datasheet
297Kb / 8P
   Mouse Controller
logo
ELAN Microelectronics C...
EM84513 EMC-EM84513 Datasheet
485Kb / 24P
   Mouse Controller
logo
Holtek Semiconductor In...
HT82M98A HOLTEK-HT82M98A_06 Datasheet
99Kb / 7P
   3-Key 3D USBPS/2 Mouse Controller
HT82M91A HOLTEK-HT82M91A Datasheet
85Kb / 6P
   3D USB Mouse
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com