Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC9243APG Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TC9243APG
Description  Infrared Remote-Control Signal Transmission LSI
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC9243APG Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TC9243APG Datasheet HTML 1Page - Toshiba Semiconductor TC9243APG Datasheet HTML 2Page - Toshiba Semiconductor TC9243APG Datasheet HTML 3Page - Toshiba Semiconductor TC9243APG Datasheet HTML 4Page - Toshiba Semiconductor TC9243APG Datasheet HTML 5Page - Toshiba Semiconductor TC9243APG Datasheet HTML 6Page - Toshiba Semiconductor TC9243APG Datasheet HTML 7Page - Toshiba Semiconductor TC9243APG Datasheet HTML 8Page - Toshiba Semiconductor TC9243APG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
TC9243APG/AFG
2005-02-25
4
3.
Key Data Code
Key No.
Tn
Kn
D0
D1
D2
D3
D4
D5
D6
D7
K01
K0
1
0
0
0
0
K02
K1
0
1
0
0
0
K03
K2
1
1
0
0
0
K04
K3
0
0
1
0
0
K05
K4
1
0
1
0
0
K06
K5
0
1
1
0
0
K07
K6
1
1
1
0
0
Shift-key data
“000” except dual keying
K08
T0
K7
Normal-key data
“00000” except dual keying.
1
0
0
K09
K0
1
0
0
1
0
K10
K1
0
1
0
1
0
K11
K2
1
1
0
1
0
K12
K3
0
0
1
1
0
K13
K4
1
0
1
1
0
K14
K5
0
1
1
1
0
K15
K6
1
1
1
1
0
Shift-key data
“000” except dual keying
K16
T1
K7
Normal-key data
“00000” except dual keying.
1
1
0
K17
K0
1
0
0
0
1
K18
K1
0
1
0
0
1
K19
K2
1
1
0
0
1
K20
K3
0
0
1
0
1
K21
K4
1
0
1
0
1
K22
K5
0
1
1
0
1
K23
K6
1
1
1
0
1
Shift-key data
“000” except dual keying
K24
T2
K7
Normal-key data
“00000” except dual keying.
1
0
1
K25
K0
1
0
0
1
1
K26
K1
0
1
0
1
1
K27
K2
1
1
0
1
1
K28
K3
0
0
1
1
1
K29
K4
1
0
1
1
1
K30
K5
0
1
1
1
1
K31
K6
1
1
1
1
1
Shift-key data
“000” except dual keying
K32
T3
K7
Normal-key data
“00000” except dual keying.
1
1
1
• Normal keys: K01~K07, K09~K15, K17~K23, K25~K31
• Shift keys: K08, K16, K24, K32


Similar Part No. - TC9243APG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC9243 TOSHIBA-TC9243 Datasheet
344Kb / 9P
   INFRARED REMOTE CONTROL SIGNAL TRANSMISSION LSI
TC9243F TOSHIBA-TC9243F Datasheet
344Kb / 9P
   INFRARED REMOTE CONTROL SIGNAL TRANSMISSION LSI
TC9243P TOSHIBA-TC9243P Datasheet
344Kb / 9P
   INFRARED REMOTE CONTROL SIGNAL TRANSMISSION LSI
More results

Similar Description - TC9243APG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC9243P TOSHIBA-TC9243P Datasheet
344Kb / 9P
   INFRARED REMOTE CONTROL SIGNAL TRANSMISSION LSI
logo
Nippon Precision Circui...
SM8505 NPC-SM8505 Datasheet
589Kb / 9P
   Infrared Remote Control LSI
logo
Toshiba Semiconductor
TC9259N TOSHIBA-TC9259N Datasheet
339Kb / 8P
   INFRARED REMOTE CONTROL RECEIVING LSI
TC9285P TOSHIBA-TC9285P Datasheet
328Kb / 8P
   INFRARED REMOTE CONTROL RECEIVING LSI
logo
Sanyo Semicon Device
LC8910 SANYO-LC8910 Datasheet
102Kb / 4P
   Remote Control LSI
logo
Toshiba Semiconductor
TC9028AP TOSHIBA-TC9028AP Datasheet
835Kb / 20P
   INFRARED REMOTE CONTROL TRANSMITTING CMOS LSI WITH MICROCONTROLLING
TC9028P TOSHIBA-TC9028P Datasheet
828Kb / 20P
   INFRARED REMOTE CONTROL TRANSMITTING CMOS LSI WITH MICROCONTROLLING
logo
SparkFun Electronics
COM-11759 SPARKFUN-COM-11759 Datasheet
203Kb / 1P
   Infrared Remote Control
8/4/2016
COM-14865 SPARKFUN-COM-14865 Datasheet
826Kb / 3P
   Infrared Remote Control
8????8
logo
NEC
UPD62A NEC-UPD62A Datasheet
377Kb / 62P
   4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com