Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC4521BP Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # TC4521BP
Description  24-Stage Frequency Divider
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC4521BP Datasheet(HTML) 6 Page - Toshiba Semiconductor

  TC4521BP Datasheet HTML 1Page - Toshiba Semiconductor TC4521BP Datasheet HTML 2Page - Toshiba Semiconductor TC4521BP Datasheet HTML 3Page - Toshiba Semiconductor TC4521BP Datasheet HTML 4Page - Toshiba Semiconductor TC4521BP Datasheet HTML 5Page - Toshiba Semiconductor TC4521BP Datasheet HTML 6Page - Toshiba Semiconductor TC4521BP Datasheet HTML 7Page - Toshiba Semiconductor TC4521BP Datasheet HTML 8Page - Toshiba Semiconductor TC4521BP Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
TC4521BP
2007-10-01
6
Dynamic Electrical Characteristics
(Ta
= 25°C, VSS1 = VSS2 = 0 V, VDD1 = VDD2, CL = 50 pF)
Test Condition
Characteristics
Symbol
VDD (V)
Min
Typ.
Max
Unit
Output transition time
(low to high)
tTLH
5
10
15
70
35
30
200
100
80
ns
Output transition time
(high to low)
tTHL
5
10
15
70
35
30
200
100
80
ns
Propagation delay time
(IN2-Q18)
tpLH
tpHL
5
10
15
1.1
0.5
0.3
9.0
3.5
2.7
μs
Propagation delay time
(IN2-Q24)
tpLH
tpHL
5
10
15
1.4
0.6
0.4
12
4.5
3.5
μs
Propagation delay time
(RESET-Qn)
tpHL
5
10
15
220
100
70
2600
1000
750
ns
Max clock frequency
fCL
5
10
15
3
6
8
9.5
17.5
23.5
MHz
Max clock input rise time
Max clock input fall time
trCL
tfCL
5
10
15
No limit
μs
Min clock pulse width
tW
5
10
15
55
25
16
385
150
120
ns
Min pulse width
(RESET)
tWH
5
10
15
60
26
20
385
150
120
ns
Input capacitance
CIN
5
7.5
pF


Similar Part No. - TC4521BP

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC4521BP TOSHIBA-TC4521BP Datasheet
256Kb / 6P
   TOSHIBA CMOS INTEGRATED CIRCUIT SILICON MONOLITHIC (24-STAGE FREQUENCY DIVIDER)
More results

Similar Description - TC4521BP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14521B ONSEMI-MC14521B Datasheet
188Kb / 9P
   24-Stage Frequency Divider
September, 2009 ??Rev. 7
logo
STMicroelectronics
HCF4521B STMICROELECTRONICS-HCF4521B Datasheet
102Kb / 12P
   24 STAGE FREQUENCY DIVIDER
logo
ON Semiconductor
MC14521B ONSEMI-MC14521B Datasheet
219Kb / 9P
   24-Stage Frequency Divider
September, 2009 ??Rev. 7
logo
Hitachi Semiconductor
HD14521B HITACHI-HD14521B Datasheet
97Kb / 6P
   24-Stage Frequency Divider
logo
Texas Instruments
CD4521BE TI-CD4521BE Datasheet
1Mb / 18P
[Old version datasheet]   CMOS 24-Stage Frequency Divider
CD4521B TI-CD4521B Datasheet
282Kb / 8P
[Old version datasheet]   CMOS 24-STAGE FREQUENCY DIVIDER
CD4521B TI-CD4521B_15 Datasheet
1Mb / 18P
[Old version datasheet]   CMOS 24-STAGE FREQUENCY DIVIDER
logo
Nexperia B.V. All right...
HEF4521B NEXPERIA-HEF4521B_V01 Datasheet
266Kb / 15P
   24-stage frequency divider and oscillator
3 December 2021
logo
NXP Semiconductors
HEF4521B NXP-HEF4521B_09 Datasheet
114Kb / 17P
   24-stage frequency divider and oscillator
Rev. 05-5 November 2009
HEF4521B PHILIPS-HEF4521B Datasheet
159Kb / 11P
   24-stage frequency divider and oscillator
January 1995
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com