Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC4053BF Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TC4053BF
Description  Multiplexer/Demultiplexe
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC4053BF Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TC4053BF Datasheet HTML 1Page - Toshiba Semiconductor TC4053BF Datasheet HTML 2Page - Toshiba Semiconductor TC4053BF Datasheet HTML 3Page - Toshiba Semiconductor TC4053BF Datasheet HTML 4Page - Toshiba Semiconductor TC4053BF Datasheet HTML 5Page - Toshiba Semiconductor TC4053BF Datasheet HTML 6Page - Toshiba Semiconductor TC4053BF Datasheet HTML 7Page - Toshiba Semiconductor TC4053BF Datasheet HTML 8Page - Toshiba Semiconductor TC4053BF Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
TC4051,4052,4053BP/BF/BFN/BFT
2007-10-01
5
Operating Ranges (Note)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
VDD-VSS
3
18
DC supply voltage
VDD-VEE
3
18
V
Control input voltage
VIN
VSS
VDD
V
Input/output voltage
VIN/VOUT
VEE
VDD
V
Note:
The operating ranges must be maintained to ensure the normal operation of the device.
Unused Control inputs must be tied to either VDD or VSS.
Static Electrical Characteristics
Test Condition
−40°C
25°C
85°C
Characteristics
Symbol
VSS
(V)
VEE
(V)
VDD
(V)
Min
Max
Min
Typ.
Max
Min
Max
Unit
Control input high
voltage
VIH
5
10
15
3.5
7.0
11.0
3.5
7.0
11.0
2.75
5.50
8.25
3.5
7.0
11.0
V
Control input low
voltage
VIL
VIS = VDD
thru 1 k
Ω
VEE = VSS
RL = 1 kΩ
to VSS
IIS < 2 μA
on all OFF
channels
5
10
15
1.5
3.0
4.0
2.25
4.5
6.75
1.5
3.0
4.0
1.5
3.0
4.0
V
On-state
resistance
RON
0
≤ VIS ≤ VDD
RL = 10 kΩ
0
0
0
0
0
0
5
10
15
850
210
140
240
110
80
950
250
160
1200
300
200
Ω
ΔOn-state
resistance
between any 2
switches
RONΔ
0
0
0
0
0
0
5
10
15
10
6
4
Ω
Input/output
leakage current
IOFF
VIN = 18 V, VOUT = 0 V
VIN = 0 V, VOUT = 18 V
18
18
±100
±100
±0.01
±0.01
±100
±100
±1000
±1000
nA
Quiescent supply
current
IDD
VIN = VSS, VDD
(Note)
5
10
15
5.0
10
20
0.005
0.010
0.015
5.0
10
20
150
300
600
μA
Input current
IIN
VIH = 18 V
VIL = 0 V
18
18
0.1
−0.1
10
−5
−10−5
0.1
−0.1
1.0
−1.0
μA
Input capacitance
CIN
5
7.5
pF
Switch input
capacitance
CIN
10
pF
Output
capacitance
COUT
TC4051B
TC4052B
TC4053B
10
10
10
58
30
17
pF
Feedthrough
capacitance
CIN-
C-OUT
TC4051B
TC4052B
TC4053B
10
10
10
0.2
0.2
0.2
pF
Note:
All valid input combinations.


Similar Part No. - TC4053BF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC4053BF TOSHIBA-TC4053BF Datasheet
346Kb / 7P
   SINGLE 8-CHANNEL MULTIPLEXER/DEMULTIPLEXER
TC4053BFN TOSHIBA-TC4053BFN Datasheet
346Kb / 7P
   SINGLE 8-CHANNEL MULTIPLEXER/DEMULTIPLEXER
TC4053BFT TOSHIBA-TC4053BFT Datasheet
346Kb / 7P
   SINGLE 8-CHANNEL MULTIPLEXER/DEMULTIPLEXER
More results

Similar Description - TC4053BF

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
CD4051BC FAIRCHILD-CD4051BC Datasheet
142Kb / 13P
   Single 8-Channel Analog Multiplexer/Demultiplexer . Dual 4-Channel Analog Multiplexer/Demultiplexer . Triple 2-Channel Analog Multiplexer/Demultiplexe
logo
National Semiconductor ...
CD4051BM NSC-CD4051BM Datasheet
189Kb / 10P
   Single 8-Channel, Dual 4-Channel, Triple 2-Channel Analog Multiplexer/Demultiplexe
logo
TriQuint Semiconductor
TQ8213 TRIQUINT-TQ8213 Datasheet
240Kb / 23P
   Multiplexer
logo
Filtronic Compound Semi...
SA212-M1 FILTRONIC-SA212-M1 Datasheet
920Kb / 4P
   Switched Multiplexer
logo
PMC-Sierra, Inc
PM8313 PMC-PM8313 Datasheet
594Kb / 2P
   M13 MULTIPLEXER
logo
OPLINK Communications I...
AAWG OPLINK-AAWG Datasheet
600Kb / 3P
   Multiplexer/Demultiplexer
logo
Toshiba Semiconductor
TC74LVX4051F TOSHIBA-TC74LVX4051F_07 Datasheet
261Kb / 12P
   Multiplexer/Demultiplexer
logo
uPI Group Inc.
UP7536 UPI-UP7536 Datasheet
741Kb / 17P
   Power Multiplexer
logo
Texas Instruments
SN74CBTU4411 TI1-SN74CBTU4411_16 Datasheet
922Kb / 21P
[Old version datasheet]   Multiplexer/Demultiplexer
logo
ON Semiconductor
NLSF2500 ONSEMI-NLSF2500 Datasheet
138Kb / 5P
   Keypad Multiplexer
June, 2006 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com