Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSCQ0965RTYDTU Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FSCQ0965RTYDTU
Description  Green Mode Fairchild Power Switch (FPS??
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSCQ0965RTYDTU Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FSCQ0965RTYDTU Datasheet HTML 1Page - Fairchild Semiconductor FSCQ0965RTYDTU Datasheet HTML 2Page - Fairchild Semiconductor FSCQ0965RTYDTU Datasheet HTML 3Page - Fairchild Semiconductor FSCQ0965RTYDTU Datasheet HTML 4Page - Fairchild Semiconductor FSCQ0965RTYDTU Datasheet HTML 5Page - Fairchild Semiconductor FSCQ0965RTYDTU Datasheet HTML 6Page - Fairchild Semiconductor FSCQ0965RTYDTU Datasheet HTML 7Page - Fairchild Semiconductor FSCQ0965RTYDTU Datasheet HTML 8Page - Fairchild Semiconductor FSCQ0965RTYDTU Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 45 page
background image
4
www.fairchildsemi.com
FSCQ-Series Rev. 1.1.2
Pin Configuration
Figure 3. Pin Configuration (Top View)
Pin Definitions
Pin Number
Pin Name
Pin Function Description
1Drain
High voltage power SenseFET drain connection.
2
GND
This pin is the control ground and the SenseFET source.
3
Vcc
This pin is the positive supply input. This pin provides internal operating current for
both start-up and steady-state operation.
4
Vfb
This pin is internally connected to the inverting input of the PWM comparator.
The collector of an optocoupler is typically tied to this pin. For stable operation,
a capacitor should be placed between this pin and GND. If the voltage of this
pin reaches 7.5V, the over load protection triggers, which results in the FPS
shutting down.
5
Sync
This pin is internally connected to the sync detect comparator for quasi-resonant
switching. In normal quasi-resonant operation, the threshold of the sync
comparator is 4.6V/2.6V. Whereas, the sync threshold is changed to 3.0V/1.8V
in an extended quasi-resonant operation.
5. Sync
4. Vfb
3. Vcc
2. GND
1. Drain
TO-220F-5L
5. Sync
4. Vfb
3. Vcc
2. GND
1. Drain
TO-3PF-7L


Similar Part No. - FSCQ0965RTYDTU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSCQ0965RTYDTU FAIRCHILD-FSCQ0965RTYDTU Datasheet
1Mb / 44P
   Green Mode Fairchild Power Switch (FPS)
FSCQ0965RTYDTU FAIRCHILD-FSCQ0965RTYDTU Datasheet
1Mb / 45P
   Green Mode Fairchild Power Switch (FPS TM)
More results

Similar Description - FSCQ0965RTYDTU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSDM0265RNB FAIRCHILD-FSDM0265RNB Datasheet
904Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSDM1265RB FAIRCHILD-FSDM1265RB Datasheet
380Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSDM0465RE FAIRCHILD-FSDM0465RE_07 Datasheet
405Kb / 20P
   Green Mode Fairchild Power Switch (FPS??
FSL106HR FAIRCHILD-FSL106HR Datasheet
942Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL116LR FAIRCHILD-FSL116LR Datasheet
934Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL136HR FAIRCHILD-FSL136HR Datasheet
1,004Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL136MR FAIRCHILD-FSL136MR Datasheet
903Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSD210B FAIRCHILD-FSD210B Datasheet
853Kb / 18P
   Green Mode Fairchild Power Switch (FPS)
FSL137MRIN FAIRCHILD-FSL137MRIN Datasheet
1Mb / 15P
   Green-Mode Fairchild Power Switch (FPS??
FSL117MRIN FAIRCHILD-FSL117MRIN Datasheet
1Mb / 15P
   Green-Mode Fairchild Power Switch (FPS??
FSL126MRT FAIRCHILD-FSL126MRT Datasheet
873Kb / 13P
   Green-Mode Fairchild Power Switch (FPS??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com