Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRG4BC20UD Datasheet(PDF) 8 Page - International Rectifier

Part # IRG4BC20UD
Description  Fit Rate / Equivalent Device Hours
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG4BC20UD Datasheet(HTML) 8 Page - International Rectifier

Back Button IRG4BC20UD Datasheet HTML 4Page - International Rectifier IRG4BC20UD Datasheet HTML 5Page - International Rectifier IRG4BC20UD Datasheet HTML 6Page - International Rectifier IRG4BC20UD Datasheet HTML 7Page - International Rectifier IRG4BC20UD Datasheet HTML 8Page - International Rectifier IRG4BC20UD Datasheet HTML 9Page - International Rectifier IRG4BC20UD Datasheet HTML 10Page - International Rectifier IRG4BC20UD Datasheet HTML 11Page - International Rectifier IRG4BC20UD Datasheet HTML 12Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
Section
3
Environmental Test Results
IGBT / CoPack
Quarterly Reliability Report
Page 8 of 35


Similar Part No. - IRG4BC20UD

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4BC20UD IRF-IRG4BC20UD Datasheet
236Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.85V, @Vge=15V, Ic=6.5A)
IRG4BC20UD-S IRF-IRG4BC20UD-S Datasheet
235Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.85V, @Vge=15V, Ic=6.5A)
IRG4BC20UD-S IRF-IRG4BC20UD-S Datasheet
256Kb / 13P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4BC20UD-SPBF IRF-IRG4BC20UD-SPBF Datasheet
301Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4BC20UD-SPBF IRF-IRG4BC20UD-SPBF Datasheet
365Kb / 11P
   ULTRA FAST COPACK IGBT
More results

Similar Description - IRG4BC20UD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLC5432 STMICROELECTRONICS-STLC5432 Datasheet
391Kb / 46P
   2Mbit CEPT & PRIMARY RATE CONTROLLER DEVICE
logo
Micross Components
AS10515F16MIL MICROSS-AS10515F16MIL Datasheet
169Kb / 4P
   Military Equivalent Screening
logo
STANLEY ELECTRIC CO.,LT...
VTAN1111C-TR STANLEY-VTAN1111C-TR Datasheet
579Kb / 22P
   Equivalent to JEDEC MSL3
logo
Texas Instruments
SE5534JGB TI-SE5534JGB Datasheet
541Kb / 20P
[Old version datasheet]   Equivalent Input Noise Voltage
logo
First Silicon Co., Ltd
FMMT493 FS-FMMT493 Datasheet
606Kb / 3P
   Low equivalent on-resistance
logo
Hammond Manufacturing L...
1584C6TW20 HAMMOND-1584C6TW20 Datasheet
225Kb / 1P
   SJT or Equivalent, 12/3 Wire
logo
STANLEY ELECTRIC CO.,LT...
VCEW1151CCS-TR STANLEY-VCEW1151CCS-TR Datasheet
675Kb / 25P
   Equivalent to JEDEC Level 2a
logo
Illinois Capacitor, Inc...
105AXZ050M ILLINOISCAPACITOR-105AXZ050M_16 Datasheet
219Kb / 2P
   Low Impedance 2000 hours
104NPS050M ILLINOISCAPACITOR-104NPS050M_16 Datasheet
197Kb / 2P
   Bi-Polar 1000 hours
104SMH050M ILLINOISCAPACITOR-104SMH050M_16 Datasheet
224Kb / 2P
   General Purpose 1000 hours
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com