Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FXLH1T45 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FXLH1T45
Description  Low Voltage 1-Bit Bi-directional Level Translator with Configurable Voltage Supplies and Bushold Data Inputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FXLH1T45 Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button FXLH1T45 Datasheet HTML 2Page - Fairchild Semiconductor FXLH1T45 Datasheet HTML 3Page - Fairchild Semiconductor FXLH1T45 Datasheet HTML 4Page - Fairchild Semiconductor FXLH1T45 Datasheet HTML 5Page - Fairchild Semiconductor FXLH1T45 Datasheet HTML 6Page - Fairchild Semiconductor FXLH1T45 Datasheet HTML 7Page - Fairchild Semiconductor FXLH1T45 Datasheet HTML 8Page - Fairchild Semiconductor FXLH1T45 Datasheet HTML 9Page - Fairchild Semiconductor FXLH1T45 Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
©2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FXLH1T45 Rev. 1.0.4
6
AC Electrical Characteristics
VCCA = 3.0V to 3.6V
VCCA = 2.3V to 2.7V
VCCA = 1.65V to 1.95V
Symbol
Parameter
TA = −40°C to +85°C
Units
VCCB =
3.0V to 3.6V
VCCB =
2.3V to 2.7V
VCCB =
1.65V to
1.95V
VCCB =
1.4V to 1.6V
VCCB =
1.1V to 1.3V
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
tPLH, tPHL
Propagation Delay A to B
0.2
3.5
0.3
3.9
0.5
5.4
0.6
6.8
1.4
22.0
ns
Propagation Delay B to A
0.2
3.5
0.2
3.8
0.3
4.0
0.5
4.3
0.8
13.0
tPZH, tPZL
(8)
Output Enable
T/R to B
0.4
7.2
0.5
7.6
0.7
9.1
0.8
10.5
1.6
25.7
ns
Output Enable
T/R to A
0.4
7.3
0.4
7.8
1.0
8.8
2.0
10.5
2.8
30.0
tPHZ, tPLZ
Output Disable
T/R to B
0.2
3.8
0.2
4.0
0.7
4.8
1.5
6.2
2.0
17.0
ns
Output Disable
T/R to A
0.2
3.7
0.2
3.7
0.2
3.7
0.2
3.7
0.2
3.7
Symbol
Parameter
TA = −40°C to +85°C
Units
VCCB =
3.0V to 3.6V
VCCB =
2.3V to 2.7V
VCCB =
1.65V to
1.95V
VCCB =
1.4V to 1.6V
VCCB =
1.1V to 1.3V
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
tPLH, tPHL
Propagation Delay A to B
0.2
3.8
0.4
4.2
0.5
5.6
0.8
6.9
1.4
22.0
ns
Propagation Delay B to A
0.3
3.9
0.4
4.2
0.5
4.5
0.5
4.8
1.0
7.0
tPZH, tPZL
(8)
Output Enable
T/R to B
0.4
7.8
0.6
8.2
0.7
9.6
1.0
10.9
1.6
26.0
ns
Output Enable
T/R to A
0.5
8.0
0.6
8.5
1.2
9.3
2.0
11.5
3.0
24.0
tPHZ, tPLZ
Output Disable
T/R to B
0.2
4.1
0.2
4.3
0.7
4.8
1.5
6.7
2.0
17.0
ns
Output Disable
T/R to A
0.2
4.0
0.2
4.0
0.2
4.0
0.2
4.0
0.2
4.0
Symbol
Parameter
TA = −40°C to +85°C
Units
VCCB =
3.0V to 3.6V
VCCB =
2.3V to 2.7V
VCCB =
1.65V to
1.95V
VCCB =
1.4V to 1.6V
VCCB =
1.1V to 1.3V
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
tPLH, tPHL
Propagation Delay A to B
0.3
4.0
0.5
4.5
0.8
5.7
0.9
7.1
1.5
22.0
ns
Propagation Delay B to A
0.5
5.4
0.5
5.6
0.8
5.7
1.0
6.0
1.2
8.0
tPZH, tPZL
(8)
Output Enable
T/R to B
0.8
9.0
1.0
9.5
1.3
10.7
1.4
12.1
2.0
27.0
ns
Output Enable
T/R to A
0.7
10.5
0.7
10.8
1.6
10.9
2.5
13.0
3.2
25.0
tPHZ, tPLZ
Output Disable
T/R to B
0.2
5.1
0.2
5.2
0.8
5.2
1.5
7.0
2.0
17.0
ns
Output Disable
T/R to A
0.5
5.0
0.5
5.0
0.5
5.0
0.5
5.0
0.5
5.0


Similar Part No. - FXLH1T45

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FXLH1T45 ONSEMI-FXLH1T45 Datasheet
460Kb / 12P
   Level Translator
March, 2019 ??Rev. 2
FXLH1T45L6X ONSEMI-FXLH1T45L6X Datasheet
460Kb / 12P
   Level Translator
March, 2019 ??Rev. 2
More results

Similar Description - FXLH1T45

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FXLH42245 FAIRCHILD-FXLH42245 Datasheet
557Kb / 10P
   Low Voltage Dual Supply 8-Bit Signal Translator with Configurable Voltage Supplies and Bushold Data Inputs and 3-STATE Outputs and 26??Series Resisto
logo
Texas Instruments
TXS0108E TI1-TXS0108E_16 Datasheet
1Mb / 34P
[Old version datasheet]   8-Bit Bi-directional, Level-Shifting, Voltage Translator
logo
Fairchild Semiconductor
FXL5T244 FAIRCHILD-FXL5T244 Datasheet
514Kb / 8P
   Low Voltage Dual Supply 5-Bit Signal Translator with Configurable Voltage Supplies with Configurable Voltage Supplies
logo
Texas Instruments
TXS0108E-Q1 TI1-TXS0108E-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   8-Bit Bi-directional, Level-Shifting, Voltage Translator
logo
NXP Semiconductors
GTL2000 PHILIPS-GTL2000_03 Datasheet
108Kb / 13P
   22-bit bi-directional low voltage translator
2003 Apr 01
GTL2002 PHILIPS-GTL2002 Datasheet
114Kb / 14P
   2-bit bi-directional low voltage translator
2004 Sep 29
logo
Fairchild Semiconductor
FXLA0104 FAIRCHILD-FXLA0104 Datasheet
1Mb / 17P
   Low-Voltage Dual-Supply 4-Bit Voltage Translator with Configurable Voltage Supplies and Signal Levels,
FXLH42245 FAIRCHILD-FXLH42245_09 Datasheet
330Kb / 12P
   Low-Voltage, Dual-Supply, 8-Bit, Signal Translator with Configurable Voltage Supplies, Bushold Data Inputs, 3-State Outputs and 26廓 Series Resistors in the B-Port Outputs
logo
NXP Semiconductors
74AUP1T58 NXP-74AUP1T58 Datasheet
101Kb / 17P
   Low-power configurable gate with voltage-level translator
Rev. 02-29 September 2009
logo
Fairchild Semiconductor
74AUP1T97 FAIRCHILD-74AUP1T97 Datasheet
530Kb / 11P
   Low Power Configurable Gate with Voltage-Level Translator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com